Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT450-W Datasheet(PDF) 1 Page - Vanlong Technology Co., Ltd.

Part # LT450-W
Description  Ceramic Filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

LT450-W Datasheet(HTML) 1 Page - Vanlong Technology Co., Ltd.

  LT450-W Datasheet HTML 1Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ceramic Filter
Phone: +86 10 6301 4184
Fax: +86 10 6301 9167
Email: sales@vanlong.com
Web: http://www.vanlong.com
November15,2002
Vanlong Technology Co., Ltd.
LT455_W & LT450_W Series Ceramic Filter
LT455_W and LT450_W series ceramic filters are widely
used in telecommunication, cable, radar, TV set, tape
recorder, video camera and other electronic products due to
its lower price and stable performances.
Specifications:
LT_W Series
Frequency Range(fc):
LT455_W Series:
455KHz
LT450_W Series:
450KHz
Operating Temperature:
-20
°C ~ +80°C
Standard
Storage Temperature:
-40
°C ~ +85°C
6dB Bandwidth and Attenuation Bandwidth:
B:
± 15KHz
± 30KHz
C:
± 12.5KHz
± 24KHz
D:
± 10KHz
± 20KHz
E:
± 7.5KHz
± 15KHz
F:
± 6KHz
± 12.5KHz
G:
± 4.5KHz
± 10 KHz
H:
± 3KHz
± 9KHz
I:
± 2KHz
± 7.5KHz
Attenuation Specified:
50dB min
Stop Band Attenuation:
40dB min (at fc
± 100KHz)
Insertion Loss:
4.0dB max (B,C,D)
6.0dB max (E,F,G,H,I)
Input/Output Impedance:
1.5K
Ω (B,C,D,E)
2.0K
Ω (F,G,H,I)
All dimensions are in mm
Ordering Information
Note:
1.
Other frequencies, bandwidth ranges available. Consult VTC Support for
specific requirements.
2.
Not all combinations of the above bandwidth ranges are available. Consult VTC
Support if your requirement is not standard.
3.
All specifications subject to change without notice.
Product name + Frequency + Bandwidth Code.
i.e. LT455BW
LT455_W
LT450_W
Pin
Connection
(1)
Input
(2),(3),(4)
Ground
(5)
Output


Similar Part No. - LT450-W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT450-455U ETC2-LT450-455U Datasheet
137Kb / 1P
   CERAMIC FILTER FOR COMMUNICATION
logo
Vanlong Technology Co.,...
LT450-U VANLONG-LT450-U Datasheet
22Kb / 1P
   Ceramic Filter
More results

Similar Description - LT450-W

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CFWLA GOLLEDGE-CFWLA Datasheet
54Kb / 1P
   Ceramic Filter
logo
EUROQUARTZ limited
LTM-450 EUROQUARTZ-LTM-450 Datasheet
49Kb / 1P
   CERAMIC FILTER
LTS-455W EUROQUARTZ-LTS-455W Datasheet
53Kb / 1P
   CERAMIC FILTER
LTW33-455 EUROQUARTZ-LTW33-455 Datasheet
51Kb / 1P
   CERAMIC FILTER
logo
Shenzhen Luguang Electr...
LT450EW LUGUANG-LT450EW Datasheet
228Kb / 3P
   Ceramic Filter
LT455FU LUGUANG-LT455FU Datasheet
254Kb / 3P
   Ceramic Filter
LT455HTW LUGUANG-LT455HTW Datasheet
239Kb / 3P
   Ceramic Filter
LTM450FW LUGUANG-LTM450FW Datasheet
191Kb / 3P
   Ceramic Filter
LTM450IW LUGUANG-LTM450IW Datasheet
593Kb / 3P
   Ceramic Filter
LTM455HTW LUGUANG-LTM455HTW Datasheet
216Kb / 3P
   Ceramic Filter
LTWC455E LUGUANG-LTWC455E Datasheet
224Kb / 4P
   Ceramic Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com