Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF480-6 Datasheet(PDF) 2 Page - Vanlong Technology Co., Ltd.

Part # SF480-6
Description  480.00 MHz SAW Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

SF480-6 Datasheet(HTML) 2 Page - Vanlong Technology Co., Ltd.

  SF480-6 Datasheet HTML 1Page - Vanlong Technology Co., Ltd. SF480-6 Datasheet HTML 2Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
480.00 MHz SAW Filter
Phone: +86 10 6301 4184
Fax: +86 10 6301 9167
Email: sales@vanlong.com
Web: http://www.vanlong.com
© 2003 by Vanlong Technology Co., Ltd.
SF480-6
Notes:
1.
The frequency fC is defined as the midpoint between the 3dB
frequencies.
2.
Unless noted otherwise, all measurements are made with the filter
installed in the specified test fixture that is connected to a 50
Ω test
system with VSWR
≤ 1.2:1. The test fixture L and C are adjusted
for minimum insertion loss at the filter center frequency, fC. Note
that insertion loss, bandwidth, and passband shape are dependent
on the impedance matching component values and quality.
3.
Unless noted otherwise, specifications apply over the entire
specified operating temperature range.
4.
The specifications of this device are based on the test circuit
shown above and subject to change or obsolescence without
notice.
5.
All equipment designs utilizing this product must be approved by
the appropriate government agency prior to manufacture or sale.
6.
Our liability is only assumed for the Surface Acoustic Wave (SAW)
component(s) per se, not for applications, processes and circuits
implemented within components or assemblies.
7.
For questions on technology, prices and delivery please contact
our sales offices or e-mail sales@vanlong.com.
Package Dimensions (TO-39-4)
Marking
Equivalent LC Model
Typical Frequency Response
Channel 1
Channel 2
SF480-6
480.00
Electrical Connections
Terminals
Connection
1
Input / Output
2
Output 2 / Input 2
3
Output 1 / Input 1
4
Case Ground
Package Dimensions
Dimensions
Nom. (mm)
Tol. (mm)
A
9.35
±0.10
B
3.40
±0.10
C
3.00
±0.20
D
0.45
±0.10
E
5.08
±0.10
F
2.54
±0.20
G
1.0
H
0.6
Ink Marking
Color: Black or Blue


Similar Part No. - SF480-6

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
SF480-1 VANLONG-SF480-1 Datasheet
197Kb / 2P
   480.00 MHz SAW Filter
SF480-2 VANLONG-SF480-2 Datasheet
131Kb / 2P
   480.00 MHz SAW Filter
SF480-3 VANLONG-SF480-3 Datasheet
243Kb / 2P
   Ideal for DBS Receivers, IF Filter
SF480-4 VANLONG-SF480-4 Datasheet
165Kb / 2P
   480.00 MHz SAW Filter
SF480-5 VANLONG-SF480-5 Datasheet
103Kb / 2P
   480.00 MHz SAW Filter
More results

Similar Description - SF480-6

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
SF480-5 VANLONG-SF480-5 Datasheet
103Kb / 2P
   480.00 MHz SAW Filter
SF480-9 VANLONG-SF480-9 Datasheet
130Kb / 2P
   480.00 MHz SAW Filter
SF480-1 VANLONG-SF480-1 Datasheet
197Kb / 2P
   480.00 MHz SAW Filter
SF5511 VANLONG-SF5511 Datasheet
162Kb / 2P
   480.00 MHz SAW Filter
SF5512 VANLONG-SF5512 Datasheet
259Kb / 2P
   480.00 MHz SAW Filter
SF480 VANLONG-SF480 Datasheet
91Kb / 2P
   480.00 MHz SAW Filter
SF480-2 VANLONG-SF480-2 Datasheet
131Kb / 2P
   480.00 MHz SAW Filter
SF480-4 VANLONG-SF480-4 Datasheet
165Kb / 2P
   480.00 MHz SAW Filter
SF480-7 VANLONG-SF480-7 Datasheet
104Kb / 2P
   480.00 MHz SAW Filter
SF480-8 VANLONG-SF480-8 Datasheet
104Kb / 2P
   480.00 MHz SAW Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com