Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF5007 Datasheet(PDF) 2 Page - Vanlong Technology Co., Ltd.

Part # SF5007
Description  915.00 MHz SAW Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

SF5007 Datasheet(HTML) 2 Page - Vanlong Technology Co., Ltd.

  SF5007 Datasheet HTML 1Page - Vanlong Technology Co., Ltd. SF5007 Datasheet HTML 2Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
915.00 MHz SAW Filter
Phone: +86 (10) 5820-3910
Fax: +86 (10) 5820-3915
Email: sales@vanlong.com
Web: http://www.vanlong.com
© 2007 by Vanlong Technology Co., Ltd.
SF5007
Package Dimensions (DCC6C)
Marking
Test Circuit
Typical Frequency Response
F500 7
915. 0
YWW
1. F5007 - Part Code
2. Frequency (MHz) in 5 digits
3. Date Code:
Y : Last digit of year
WW : Week No.
Electrical Connections
Terminals
Connection
2
Input
5
Output
1,3,4,6
Case Ground
Package Dimensions
Dimensions
Nom (mm)
Dimensions
Nom (mm)
A
1.5
E
3.0
B
0.6
F
3.0
C
1.5
G
1.1
D
1.8
From 50
Ω source
To 50
Ω load


Similar Part No. - SF5007

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
SF5001 VANLONG-SF5001 Datasheet
93Kb / 2P
   900.00 MHZ SAW FILTER
SF5002 VANLONG-SF5002 Datasheet
123Kb / 2P
   902.30 MHz SAW Filter
SF5003 VANLONG-SF5003 Datasheet
90Kb / 2P
   903.65 MHz SAW Filter
SF5004 VANLONG-SF5004 Datasheet
93Kb / 2P
   914.00 MHz SAW Filter
SF5005 VANLONG-SF5005 Datasheet
104Kb / 2P
   915.00 MHz SAW Filter
More results

Similar Description - SF5007

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2049E RFM-SF2049E Datasheet
129Kb / 4P
   915.00 MHz SAW Filter
logo
Vanlong Technology Co.,...
SF5006 VANLONG-SF5006 Datasheet
111Kb / 2P
   915.00 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2049E-1 MURATA-SF2049E-1 Datasheet
870Kb / 4P
   915.00 MHz SAW Filter
SF2053E MURATA-SF2053E Datasheet
472Kb / 5P
   915.00 MHz SAW Filter
logo
RF Monolithics, Inc
SF2053E RFM-SF2053E Datasheet
143Kb / 3P
   915.00 MHz SAW Filter
logo
Vanlong Technology Co.,...
SF5005 VANLONG-SF5005 Datasheet
104Kb / 2P
   915.00 MHz SAW Filter
SF5008 VANLONG-SF5008 Datasheet
86Kb / 2P
   915.00 MHz SAW Filter
logo
RF Monolithics, Inc
SF2093E RFM-SF2093E Datasheet
275Kb / 6P
   915.00 MHz SAW Filter
SF2049E-1 RFM-SF2049E-1 Datasheet
870Kb / 4P
   915.00 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2049E MURATA-SF2049E Datasheet
866Kb / 4P
   915.00 MHz SAW Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com