Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF5507 Datasheet(PDF) 2 Page - Vanlong Technology Co., Ltd.

Part # SF5507
Description  433.92 MHz SAW Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

SF5507 Datasheet(HTML) 2 Page - Vanlong Technology Co., Ltd.

  SF5507 Datasheet HTML 1Page - Vanlong Technology Co., Ltd. SF5507 Datasheet HTML 2Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
433.92 MHz SAW Filter
Phone: +86 10 6301 4184
Fax: +86 10 6301 9167
Email: sales@vanlong.com
Web: http://www.vanlong.com
© May 2006 by Vanlong Technology Co., Ltd.
SF5507
Package Dimensions (QCC8C)
Marking
Test Circuit
Typical Frequency Response
Electrical Connections
Terminals
Connection
1
Input / Output Ground
2
Input / Output
5
Output / Input Ground
6
Output / Input
3,7
To be Grounded
4,8
Case Ground
Package Dimensions
Dimensions
Nom (mm)
Dimensions
Nom (mm)
A
2.08
E
1.20
B
0.60
F
1.35
C
1.27
G
5.00
D
2.54
H
5.00
F550 7
433. 92
YWW
1. F5507 - Part Code
2. Frequency (MHz) in 5 digits
3. Date Code:
Y : Last digit of year
WW : Week No.
From 50
Ω source
To 50
Ω load


Similar Part No. - SF5507

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SF550 DYELEC-SF550 Datasheet
749Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
logo
Zibo Seno Electronic En...
SF550 ZSELEC-SF550 Datasheet
97Kb / 2P
   .0A GLASS PASSIVATED SUPERFAST RECTIFIER
logo
List of Unclassifed Man...
SF5501 ETC-SF5501 Datasheet
117Kb / 2P
   401.65 MHz SAW Filter
logo
Vanlong Technology Co.,...
SF5501 VANLONG-SF5501 Datasheet
123Kb / 2P
   401.65 MHz SAW Filter
SF5502 VANLONG-SF5502 Datasheet
53Kb / 2P
   406.025 MHz SAW Filter
More results

Similar Description - SF5507

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3732 EPCOS-B3732 Datasheet
79Kb / 9P
   SAW filter 433.92 MHz
logo
RF Monolithics, Inc
RF3404E RFM-RF3404E Datasheet
122Kb / 4P
   433.92 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2492A TAI-SAW-TA2492A Datasheet
887Kb / 7P
   SAW Filter 433.92 MHz
logo
Murata Manufacturing Co...
RF3446E MURATA-RF3446E Datasheet
81Kb / 3P
   433.92 MHz SAW Filter
logo
RF Monolithics, Inc
RF1404C RFM-RF1404C Datasheet
127Kb / 3P
   433.92 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0944A TAI-SAW-TA0944A Datasheet
447Kb / 7P
   SAW Filter 433.92 MHz
logo
Murata Manufacturing Co...
RF1404C MURATA-RF1404C Datasheet
121Kb / 3P
   433.92 MHz SAW Filter
logo
RF Monolithics, Inc
RF3701E RFM-RF3701E Datasheet
459Kb / 2P
   433.92 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1172C MURATA-RF1172C Datasheet
105Kb / 2P
   433.92 MHz SAW Filter
RF1172D MURATA-RF1172D Datasheet
339Kb / 3P
   433.92 MHz SAW Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com