Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT2232H Datasheet(PDF) 3 Page - Future Technology Devices International Ltd.

Part # FT2232H
Description  DUAL HIGH SPEED USB TO MULTIPURPOSE UART
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT2232H Datasheet(HTML) 3 Page - Future Technology Devices International Ltd.

  FT2232H Datasheet HTML 1Page - Future Technology Devices International Ltd. FT2232H Datasheet HTML 2Page - Future Technology Devices International Ltd. FT2232H Datasheet HTML 3Page - Future Technology Devices International Ltd. FT2232H Datasheet HTML 4Page - Future Technology Devices International Ltd. FT2232H Datasheet HTML 5Page - Future Technology Devices International Ltd. FT2232H Datasheet HTML 6Page - Future Technology Devices International Ltd. FT2232H Datasheet HTML 7Page - Future Technology Devices International Ltd. FT2232H Datasheet HTML 8Page - Future Technology Devices International Ltd. FT2232H Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
Copyright © 2009 Future Technology Devices International Limited
3
Document No.: FT_000061
FT2232H DUAL HIGH SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 2.05
Clearance No.: FTDI#77
1.2
Part Numbers
Part Number
Package
FT2232HL-xxxx
64 Pin LQFP
FT2232HQ-xxxx
64 Pin QFN
Note: Packing codes for xxxx is:
- Reel: Taped and Reel (LQFP =1000 pcs per reel, QFN =4000 pcs per reel)
-Tray: Tray packing, (LQFP =160 pcs per tray, QFN =260 pcs per tray)
Please refer to section 8 for all package mechanical parameters.
1.3
USB Compliant
At the time of writing this datasheet, the FT2232H (Rev B) was still to complete USB compliancy testing.


Similar Part No. - FT2232H

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT2232H FTDI-FT2232H Datasheet
1Mb / 63P
   DUAL HIGH SPEED USB TO MULTIPURPOSE UART/FIFO IC
FT2232H-56Q FTDI-FT2232H-56Q Datasheet
721Kb / 17P
   USB Hi-Speed FT2232H Evaluation
FT2232H-56Q FTDI-FT2232H-56Q Datasheet
1Mb / 90P
   Dual High Speed USB to Multipurpose UART/FIFO IC
FT2232H-MINI FTDI-FT2232H-MINI Datasheet
789Kb / 13P
   US Hi-Speed FT2232H Evaluation Module
FT2232HL FTDI-FT2232HL Datasheet
2Mb / 67P
   Dual High Speed USB to Multipurpose UART/FIFO IC
More results

Similar Description - FT2232H

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT2232H FTDI-FT2232H_10 Datasheet
1Mb / 63P
   DUAL HIGH SPEED USB TO MULTIPURPOSE UART/FIFO IC
FT2232HQ-REEL FTDI-FT2232HQ-REEL Datasheet
1Mb / 90P
   Dual High Speed USB to Multipurpose UART/FIFO IC
FT4232H FTDI-FT4232H Datasheet
1Mb / 43P
   QUAD HIGH SPEED USB TO MULTIPURPOSE UART
FT2232H FTDI-FT2232H_12 Datasheet
2Mb / 67P
   Dual High Speed USB to Multipurpose UART/FIFO IC
FT4232HL-REEL FTDI-FT4232HL-REEL Datasheet
1Mb / 55P
   Quad High Speed USB to Multipurpose UART/MPSSE IC
FT4232HQ-REEL FTDI-FT4232HQ-REEL Datasheet
1Mb / 55P
   Quad High Speed USB to Multipurpose UART/MPSSE IC
FT-MOD-4232HUB FTDI-FT-MOD-4232HUB Datasheet
1Mb / 55P
   Quad High Speed USB to Multipurpose UART/MPSSE IC
FT4232H FTDI-FT4232H_10 Datasheet
1Mb / 45P
   QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC
FT4232HQ-TRAY FTDI-FT4232HQ-TRAY Datasheet
1Mb / 45P
   Quad High Speed USB to Multipurpose UART/MPSSE IC
FT232HQ-REEL FTDI-FT232HQ-REEL Datasheet
1Mb / 66P
   Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com