Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE110CA Datasheet(PDF) 2 Page - SynSemi, Inc.

Part # 1.5KE110CA
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

1.5KE110CA Datasheet(HTML) 2 Page - SynSemi, Inc.

  1.5KE110CA Datasheet HTML 1Page - SynSemi, Inc. 1.5KE110CA Datasheet HTML 2Page - SynSemi, Inc. 1.5KE110CA Datasheet HTML 3Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25°C ambient temperature unless otherwise specified
Breakdown Voltage @ It
Working Peak
Maximum
Maximum
Maximum
Maximum
( Note 1 )
Reverse
Reverse Leakage
Reverse
Clamping
Temperature
Voltage
@ VRWM
Current
Voltage @ IRSM
Co-efficient
VBR (V)
It
VRWM
IR
IRSM
VRSM
of VBR
Min.
Max.
(mA)
(V)
(
µA)
(A)
(V)
(% /°C)
1.5KE6.8A
1.5KE6.8CA
6.45
7.14
10
5.80
2000
143
10.5
0.057
1.5KE7.5A
1.5KE7.5CA
7.13
7.88
10
6.40
1000
132
11.3
0.061
1.5KE8.2A
1.5KE8.2CA
7.79
8.61
10
7.02
400
124
12.1
0.065
1.5KE9.1A
1.5KE9.1CA
8.65
9.55
1.0
7.78
100
112
13.4
0.068
1.5KE10A
1.5KE10CA
9.50
10.5
1.0
8.55
10
103
14.5
0.073
1.5KE11A
1.5KE11CA
10.5
11.6
1.0
9.40
10
96.0
15.6
0.075
1.5KE12A
1.5KE12CA
11.4
12.6
1.0
10.2
5.0
90.0
16.7
0.078
1.5KE13A
1.5KE13CA
12.4
13.7
1.0
11.1
5.0
82.0
18.2
0.081
1.5KE15A
1.5KE15CA
14.3
15.8
1.0
12.8
5.0
71.0
21.2
0.084
1.5KE16A
1.5KE16CA
15.2
16.8
1.0
13.6
5.0
67.0
22.5
0.086
1.5KE18A
1.5KE18CA
17.1
18.9
1.0
15.3
5.0
59.5
25.2
0.088
1.5KE20A
1.5KE20CA
19.0
21.0
1.0
17.1
5.0
54.0
27.7
0.090
1.5KE22A
1.5KE22CA
20.9
23.1
1.0
18.8
5.0
49.0
30.6
0.092
1.5KE24A
1.5KE24CA
22.8
25.2
1.0
20.5
5.0
45.0
33.2
0.094
1.5KE27A
1.5KE27CA
25.7
28.4
1.0
23.1
5.0
40.0
37.5
0.096
1.5KE30A
1.5KE30CA
28.5
31.5
1.0
25.6
5.0
36.0
41.4
0.097
1.5KE33A
1.5KE33CA
31.4
34.7
1.0
28.2
5.0
33.0
45.7
0.098
1.5KE36A
1.5KE36CA
34.2
37.8
1.0
30.8
5.0
30.0
49.9
0.099
1.5KE39A
1.5KE39CA
37.1
41.0
1.0
33.3
5.0
28.0
53.9
0.100
1.5KE43A
1.5KE43CA
40.9
45.2
1.0
36.8
5.0
25.3
59.3
0.101
1.5KE47A
1.5KE47CA
44.7
49.4
1.0
40.2
5.0
23.2
64.8
0.101
1.5KE51A
1.5KE51CA
48.5
53.6
1.0
43.6
5.0
21.4
70.1
0.102
1.5KE56A
1.5KE56CA
53.2
58.8
1.0
47.8
5.0
19.5
77.0
0.103
1.5KE62A
1.5KE62CA
58.9
65.1
1.0
53.0
5.0
17.7
85.0
0.104
1.5KE68A
1.5KE68CA
64.6
71.4
1.0
58.1
5.0
16.3
92.0
0.104
1.5KE75A
1.5KE75CA
71.3
78.8
1.0
64.1
5.0
14.6
103
0.105
1.5KE82A
1.5KE82CA
77.9
86.1
1.0
70.1
5.0
13.3
113
0.105
1.5KE91A
1.5KE91CA
86.5
95.5
1.0
77.8
5.0
12.0
125
0.106
1.5KE100A
1.5KE100CA
95.0
105
1.0
85.5
5.0
11.0
137
0.106
1.5KE110A
1.5KE110CA
105
116
1.0
94.0
5.0
9.9
152
0.107
1.5KE120A
1.5KE120CA
114
126
1.0
102
5.0
9.1
165
0.107
1.5KE130A
1.5KE130CA
124
137
1.0
111
5.0
8.4
179
0.107
1.5KE150A
1.5KE150CA
143
158
1.0
128
5.0
7.2
207
0.108
1.5KE160A
1.5KE160CA
152
168
1.0
136
5.0
6.8
219
0.108
1.5KE170A
1.5KE170CA
162
179
1.0
145
5.0
6.4
234
0.108
1.5KE180A
1.5KE180CA
171
189
1.0
154
5.0
6.1
246
0.108
1.5KE200A
1.5KE200CA
190
210
1.0
171
5.0
5.5
274
0.108
1.5KE220A
1.5KE220CA
209
231
1.0
185
5.0
4.6
328
0.108
1.5KE250A
1.5KE250CA
237
263
1.0
214
5.0
5.0
344
0.110
1.5KE300A
1.5KE300CA
285
315
1.0
256
5.0
5.0
414
0.110
1.5KE350A
1.5KE350CA
332
368
1.0
300
5.0
4.0
482
0.110
1.5KE400A
1.5KE400CA
380
420
1.0
342
5.0
4.0
548
0.110
1.5KE440A
1.5KE440CA
418
462
1.0
376
5.0
2.50
602
0.110
Notes:
(1) VBR measured after It applied for 300
µs., It = square wave pulse or equivalent.
(2) VF = 3.5 Vmax., IF = 100 Amps. ( 6.8 Volts thru 91 Volts )
VF = 5.0 Vmax., IF = 100 Amps. ( 100 Volts thru 440 Volts ) per 1/2 square or equivalent sine wave.
PW = 8.3 ms, duty cycle = 4 pulses per minute maximum.
(3) "1.5" will be omitted in marking on the diode.
Page 2 of 3
Rev. 02 : January 28, 2004
Type No.
Uni-directional
Bi-directional


Similar Part No. - 1.5KE110CA

ManufacturerPart #DatasheetDescription
logo
StarHope
1.5KE110CA SPSEMI-1.5KE110CA Datasheet
323Kb / 3P
   GLASS PASSOVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
logo
ON Semiconductor
1.5KE110CA ONSEMI-1.5KE110CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
logo
Jinan Jing Heng Electro...
1.5KE110CA JINGHENG-1.5KE110CA Datasheet
132Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
DB Lectro Inc
1.5KE110CA DBLECTRO-1.5KE110CA Datasheet
147Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
logo
Micro Commercial Compon...
1.5KE110CA MCC-1.5KE110CA Datasheet
927Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
More results

Similar Description - 1.5KE110CA

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com