Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2551 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2551
Description  5 V, LOW POWER, 12-BIT, 400 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2551 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC2551 Datasheet HTML 6Page - Texas Instruments TLC2551 Datasheet HTML 7Page - Texas Instruments TLC2551 Datasheet HTML 8Page - Texas Instruments TLC2551 Datasheet HTML 9Page - Texas Instruments TLC2551 Datasheet HTML 10Page - Texas Instruments TLC2551 Datasheet HTML 11Page - Texas Instruments TLC2551 Datasheet HTML 12Page - Texas Instruments TLC2551 Datasheet HTML 13Page - Texas Instruments TLC2551 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
TLC2551, TLC2552, TLC2555
5 V, LOW POWER, 12-BIT, 400 KSPS,
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
SLAS276 –MARCH 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ac specifications (fi = 20 kHz)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SINAD
Signal-to-noise ratio + distortion
400 KSPS, VDD = VREF = 5 V
70
72
dB
THD
Total harmonic distortion
400 KSPS, VDD = VREF = 5 V
–84
–80
dB
ENOB
Effective number of bits
400 KSPS, VDD = VREF = 5 V
11.8
Bits
SFDR
Spurious free dynamic range
400 KSPS, VDD = VREF = 5 V
–84
–80
dB
Analog Input
Full power bandwidth, –3 dB
1
MHz
Full-power bandwidth, –1 dB
500
kHz
external reference specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference input voltage
VDD = =4.5 V ~ 5.5 V
VDD
V
Reference input impedance
VDD =5 5V
CS = 1,
SCLK = 0
100
M
Reference input impedance
VDD = 5.5 V
CS = 0,
SCLK = 20 MHz
20
25
k
Reference current
VDD = VREF = 5.5 V
100
400
µA
Reference input capacitance
VDD =VREF =5 5V
CS = 1,
SCLK = 0
5
15
pF
Reference input capacitance
VDD = VREF = 5.5 V
CS = 0,
SCLK = 20 MHz
20
45
50
pF
VREF
Reference voltage
VDD = =4.5 V – 5.5 V
VDD
V
dc specification, VDD = VREF = 4.5 V to 5.5 V, SCLK frequency = 20 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
INL
Integral linearity error (see Note 5)
±0.6
±1
LSB
DNL
Differential linearity error
See Note 4
±0.5
±1
LSB
EO
Offset error (see Note 6)
See Note 4
TLC2551/52
±1.5
LSB
EO
Offset error (see Note 6)
See Note 4
TLC2555
±2.5
LSB
EG
Gain error (see Note 6)
See Note 4
TLC2551/52
±2
LSB
EG
Gain error (see Note 6)
See Note 4
TLC2555
±5
LSB
Et
Total unadjusted error (see Note 7)
See Note 4
TLC2551/52
±2
LSB
Et
Total unadjusted error (see Note 7)
See Note 4
TLC2555
±5
LSB
NOTES:
4. Analog input voltages greater than that applied to REFP convert as all ones (111111111111), while input voltages less than that
applied to REFM convert as all zeros (0000000000).
5. Linear error is the maximum deviation from the best straight line through the A/D transfer characteristics.
6. Zero error is the difference between 000000000000 and the converted output for zero input voltage: full-scale error is the difference
between 111111111111 and the converted output for full-scale input voltage.
7. Total unadjusted error comprises linearity, zero, and full-scale errors.


Similar Part No. - TLC2551

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2551 TI1-TLC2551 Datasheet
1Mb / 28P
[Old version datasheet]   5-V, LOW-POWER, 12-BIT, 175/360 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLC2551CDGK TI1-TLC2551CDGK Datasheet
1Mb / 28P
[Old version datasheet]   5-V, LOW-POWER, 12-BIT, 175/360 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLC2551CDGKG4 TI1-TLC2551CDGKG4 Datasheet
1Mb / 28P
[Old version datasheet]   5-V, LOW-POWER, 12-BIT, 175/360 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLC2551CDGKR TI1-TLC2551CDGKR Datasheet
1Mb / 28P
[Old version datasheet]   5-V, LOW-POWER, 12-BIT, 175/360 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLC2551ID TI1-TLC2551ID Datasheet
1Mb / 28P
[Old version datasheet]   5-V, LOW-POWER, 12-BIT, 175/360 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
More results

Similar Description - TLC2551

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2551 TI1-TLC2551_16 Datasheet
1Mb / 28P
[Old version datasheet]   5-V, LOW-POWER, 12-BIT, 175/360 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI-TLV2541 Datasheet
426Kb / 26P
[Old version datasheet]   2.7 V TO 5.5 V, LOW POWER, 12-BIT, 200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541IDR TI-TLV2541IDR Datasheet
1Mb / 30P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI1-TLV2541_14 Datasheet
1Mb / 33P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2542IDR TI-TLV2542IDR Datasheet
1Mb / 31P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLC2554 TI1-TLC2554_14 Datasheet
1Mb / 50P
[Old version datasheet]   5-V, 12-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC2554 TI-TLC2554 Datasheet
566Kb / 37P
[Old version datasheet]   5-V, 12-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV2544Q TI1-TLV2544Q Datasheet
623Kb / 37P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLV2544Q TI-TLV2544Q_07 Datasheet
863Kb / 41P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLC1514 TI1-TLC1514_15 Datasheet
591Kb / 39P
[Old version datasheet]   5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com