Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2943 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLC2943
Description  HIGH-PERFORMANCE DUAL PHASE-LOCKED BUILDING BLOCK
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2943 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC2943 Datasheet HTML 7Page - Texas Instruments TLC2943 Datasheet HTML 8Page - Texas Instruments TLC2943 Datasheet HTML 9Page - Texas Instruments TLC2943 Datasheet HTML 10Page - Texas Instruments TLC2943 Datasheet HTML 11Page - Texas Instruments TLC2943 Datasheet HTML 12Page - Texas Instruments TLC2943 Datasheet HTML 13Page - Texas Instruments TLC2943 Datasheet HTML 14Page - Texas Instruments TLC2943 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
TLC2943
HIGH-PERFORMANCE DUAL PHASE-LOCKED BUILDING BLOCK
SLAS249 – NOVEMBER 1999
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics at VDD = 3 V, TA = 25°C (unless otherwise noted)
VCO section
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
f(OSC)
Oscillation frequency
RBIAS = 2.4 kΩ ,
VCOIN = 1/2VDD
38
48
58
MHz
t(STB)
Time to stable oscillation
See Note 10
10
µs
tr
Output rise time
CL = 15 pF,
See Figure 5
3.3
10
ns
tf
Output fall time
CL = 15 pF,
See Figure 5
2
8
ns
f(DUTY)
Duty cycle
RBIAS = 2.4 kΩ ,
VCOIN = 1/2VDD
45%
50%
55%
f(TA)
Temperature coefficient of oscillation
frequency
RBIAS = 2.4 kΩ ,
Top = –20
°C to 75°C
VCOIN = 1/2VDD
0.03
%/
°C
f(VDD)
Supply voltage coefficient of oscillation
frequency supply
RBIAS = 2.4 kΩ ,
VDD = 2.85 V to 3.15 V
VCOIN = 1.5 V,
0.04
%/mV
NOTE 10: The time period to the stable VCO oscillation frequency after the VCO INHIBIT terminal is changed to a low level.
PFD section
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
fMAX
Maximum operating frequency
30
MHz
tPLZ
PFD output disable time from low level
20
40
ns
tPHZ
PFD output disable time from high level
See Figure 6 and Figure 7 and Table 5
18
40
ns
tPZL
PFD output enable time to low level
See Figure 6 and Figure 7, and Table 5
4.1
18
ns
tPZH
PFD output enable time to high level
4.8
18
ns
tr
Rise time
CL =15 pF
See Figure 6
3.1
9
ns
tf
Fall time
CL = 15 pF,
See Figure 6
1.5
9
ns


Similar Part No. - TLC2943

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2940 TI-TLC2940 Datasheet
119Kb / 9P
[Old version datasheet]   HIGH-PERFORMANCE CMOS VOLTAGE-CONTROLLED OSCILLATOR
TLC2940 TI1-TLC2940 Datasheet
140Kb / 10P
[Old version datasheet]   HIGH-PERFORMANCE CMOS VOLTAGE-CONTROLLED OSCILLATOR
TLC2940IPW TI-TLC2940IPW Datasheet
119Kb / 9P
[Old version datasheet]   HIGH-PERFORMANCE CMOS VOLTAGE-CONTROLLED OSCILLATOR
TLC2940IPW TI1-TLC2940IPW Datasheet
140Kb / 10P
[Old version datasheet]   HIGH-PERFORMANCE CMOS VOLTAGE-CONTROLLED OSCILLATOR
TLC2940IPWR TI1-TLC2940IPWR Datasheet
140Kb / 10P
[Old version datasheet]   HIGH-PERFORMANCE CMOS VOLTAGE-CONTROLLED OSCILLATOR
More results

Similar Description - TLC2943

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2942 TI-TLC2942 Datasheet
459Kb / 28P
[Old version datasheet]   HIGH-PERFORMANCE DUAL PHASE-LOCKED LOOP BUILDING BLOCK
TLC2942 TI1-TLC2942_06 Datasheet
479Kb / 29P
[Old version datasheet]   HIGH-PERFORMANCE DUAL PHASE-LOCKED LOOP BUILDING BLOCK
TLC2933 TI-TLC2933 Datasheet
367Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2933A TI-TLC2933A Datasheet
282Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2933 TI1-TLC2933_13 Datasheet
680Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2932A TI1-TLC2932A_16 Datasheet
680Kb / 24P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932A TI-TLC2932A Datasheet
285Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932 TI-TLC2932 Datasheet
418Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2932 TI1-TLC2932_15 Datasheet
811Kb / 29P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
logo
Micrel Semiconductor
SY89423V MICREL-SY89423V Datasheet
98Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com