Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFIHAS00000155 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # BFIHAS00000155
Description  Band Pass Filter / Isolator Hybrid Combination
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

BFIHAS00000155 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  BFIHAS00000155 Datasheet HTML 1Page - OPLINK Communications Inc. BFIHAS00000155 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Oplink Communications, Inc.
Performance Specifications
BFIH Series
Type A
Type B
Isolator Stage
Single Stage
Dual Stage
Single Stage
Dual Stage
Unit
Pass Channel Wavelength Range
1528-1563
1547.5-1563.5
nm
Rejection channel Wavelength Range
1450-1495
1450-1540
nm
Isolation(Min.)
21
36
21
36
dB
(over Pass Channel wavelength range 0 ~ 70°C, all SOP)
Pass Channel Insertion Loss(Max.)
0.8
1.0
0.9
1.1
dB
(over wavelength range, 0 to +70°C, all SOP)
Rejection Channel Insertion Loss(Max.)
30
25
dB
(over wavelength range and 0 to +70°C, all SOP)
WDL (Max.)
0.3
0.4
0.3
0.4
dB
Return Loss(Min.) (input/output ports)
55
dB
PDL (Max.)
0.15
0.2
0.15
0.2
dB
PMD(Max.)
0.25
0.05
0.25
0.05
dB
Maximum Power Handling
500
mW
Operation Temperature
0 to +70
°C
Storage Temperature
-40 to +85
°C
Package Dimension*
P1:(ø)5.5 x (L)34
mm
Values are referenced without connector loss
*
The mechanical tolerance should be +/- 0.2 mm on all package dimensions unless otherwise custom specified.
Features
Wide Operating
Wavelength Range
Compact Size
High Isolation
Ultra Low PDL & PMD
Highly Stable & Reliable
Epoxy-Free Optical Path
Applications
Fiberoptic Amplifiers
CATV Fiberoptic Links
WDM Systems
Fiberoptic Instruments
Transmitters and Fiber
Lasers Sensors
Laboratory R&D
BAND PASS FILTER/ISOLATOR HYBRID COMBINATION
Oplink’s BFIH is a compact combination of a bandpass filter
and a polarization insensitive optical isolator. The built-in
bandpass filter blocks the amplifiers spontaneous
emission (ASE) in the erbium doped fiber amplifier
(EDFA), thus significantly improving the
amplifier’s performance.
BFIH Series
Band Pass Filter/
Isolator Hybrid Combination
Amplifier Components
Amplifier Modules
DWDMs
Switching/Routing/
Monitoring/ Conditioning
Transmission
RGB Laser Modules
Oplink Fiber Optic
Product Lines


Similar Part No. - BFIHAS00000155

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
BFIHAS00000155 OPLINK-BFIHAS00000155 Datasheet
259Kb / 2P
   Band Pass Filter/Isolator Hybrid Combination
BFIHAS000001551 OPLINK-BFIHAS000001551 Datasheet
259Kb / 2P
   Band Pass Filter/Isolator Hybrid Combination
BFIHAS000001552 OPLINK-BFIHAS000001552 Datasheet
259Kb / 2P
   Band Pass Filter/Isolator Hybrid Combination
BFIHAS000001553 OPLINK-BFIHAS000001553 Datasheet
259Kb / 2P
   Band Pass Filter/Isolator Hybrid Combination
More results

Similar Description - BFIHAS00000155

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
BFIH-S0002 OPLINK-BFIH-S0002 Datasheet
259Kb / 2P
   Band Pass Filter/Isolator Hybrid Combination
BFIH OPLINK-BFIH Datasheet
259Kb / 2P
   Band Pass Filter/Isolator Hybrid Combination
TCIHG OPLINK-TCIHG Datasheet
259Kb / 2P
   Isolator Hybrid Combination
logo
SYNERGY MICROWAVE CORPO...
FIS-60 SYNERGY-FIS-60 Datasheet
192Kb / 2P
   BAND PASS FILTER
FBS-50 SYNERGY-FBS-50 Datasheet
330Kb / 2P
   BAND PASS FILTER
FBS-140 SYNERGY-FBS-140 Datasheet
399Kb / 3P
   band pass filter
FNS-400 SYNERGY-FNS-400 Datasheet
194Kb / 2P
   BAND PASS FILTER
FIS-50 SYNERGY-FIS-50 Datasheet
315Kb / 2P
   BAND PASS FILTER
logo
PCA ELECTRONICS INC.
EPB5017G PCA-EPB5017G Datasheet
25Kb / 1P
   Band Pass Filter
logo
Mini-Circuits
XBF-24 MINI-XBF-24 Datasheet
511Kb / 6P
   Band Pass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com