Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OISS1480AL01 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # OISS1480AL01
Description  Polarization Insensitive Fiber Isolator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

OISS1480AL01 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  OISS1480AL01 Datasheet HTML 1Page - OPLINK Communications Inc. OISS1480AL01 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1525
1530
1535
1540
1545
1550
1555
1560
1565
0
5
10
15
20
25
30
35
40
45
50
Wavelength (nm)
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
Ordering Information
OISS
0
1
Wavelength
1310 nm=1310
1480 nm=1480
1550 nm=1550
1585 nm=1585
Package Type
P1=1
Fiber Type
250 µm SMF-28=1
900 µm tight buffer=5
Fiber Length
1 Meter=1*
1.5 Meters=5
2 Meters=2
Connector Type
None=1
FC/PC=2
FC/SPC=3
FC/APC=4
SC/PC=5
SC/SPC=6
SC/APC=7
ST=8
LC=9
MU=A
* 1 meter is standard. The lead time for
special fiber length will be longer.
Grade
P Grade=P
A Grade=A
PMD Options
Standard=S
Low PMD=L
-10
0
10
20
30
40
50
60
70
0
5
10
15
20
25
30
35
40
45
50
Temperature (
oC)
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
Package Dimensions:
Spectral Performance:
Oplink custom designs and manufactures high performance fiber optic networking components and
integrated optical modules. Oplink can provide a remarkable range of customized optical solutions to
meet your specific design needs. By combining our technical expertise with our extensive micro-optic
manufacturing and packaging capability, your volume requirements for components and customized
integrated products can be met. We are happy to discuss your requirements. Please contact Oplink’s
OEM Design Team or Sales Representative for ordering and price information
(510) 933-7200.
46335 Landing Parkway Fremont, CA 94538 Tel: (510) 933-7200 Fax: (510) 933-7300 Email: Sales@Oplink.com
Polarization Insensitive
Fiber Isolator
(Single Stage)


Similar Part No. - OISS1480AL01

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
OISS1480AL0311 OPLINK-OISS1480AL0311 Datasheet
273Kb / 2P
   Mini Polarization Insensitive Fiber Isolator
OISS1480AL0312 OPLINK-OISS1480AL0312 Datasheet
273Kb / 2P
   Mini Polarization Insensitive Fiber Isolator
OISS1480AL0315 OPLINK-OISS1480AL0315 Datasheet
273Kb / 2P
   Mini Polarization Insensitive Fiber Isolator
OISS1480AL031H OPLINK-OISS1480AL031H Datasheet
273Kb / 2P
   Mini Polarization Insensitive Fiber Isolator
OISS1480AL0381 OPLINK-OISS1480AL0381 Datasheet
273Kb / 2P
   Mini Polarization Insensitive Fiber Isolator
More results

Similar Description - OISS1480AL01

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
OISSG1310S OPLINK-OISSG1310S Datasheet
237Kb / 2P
   Polarization Insensitive Fiber Isolator
OIXSG OPLINK-OIXSG Datasheet
286Kb / 2P
   Polarization Insensitive Fiber Isolator
OIDS1310P001 OPLINK-OIDS1310P001 Datasheet
216Kb / 2P
   Polarization Insensitive Fiber Isolator
OISA OPLINK-OISA Datasheet
174Kb / 2P
   Polarization Insensitive Fiber Isolator Array
OIXSG-S0059 OPLINK-OIXSG-S0059 Datasheet
286Kb / 2P
   Green Polarization Insensitive Fiber Isolator
OISA-S0056 OPLINK-OISA-S0056 Datasheet
174Kb / 2P
   Polarization Insensitive Fiber Isolator Array
OISS1310PS0311 OPLINK-OISS1310PS0311 Datasheet
273Kb / 2P
   Mini Polarization Insensitive Fiber Isolator
OIDS1310000311 OPLINK-OIDS1310000311 Datasheet
264Kb / 2P
   Mini Polarization Insensitive Fiber Isolator
OIDA-S0052 OPLINK-OIDA-S0052 Datasheet
341Kb / 2P
   Polarization Insensitive Fiber Isolator Array
OIDA1310P0T OPLINK-OIDA1310P0T Datasheet
250Kb / 2P
   Polarization Insensitive Fiber Isolator Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com