Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIPD155020012 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # PIPD155020012
Description  Pigtail Integrated InGaAs PIN Photodiode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

PIPD155020012 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  PIPD155020012 Datasheet HTML 1Page - OPLINK Communications Inc. PIPD155020012 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
Pigtail Integrated InGaAs PIN Photodiode
PIPD Series
Mechanical Drawing / Package Dimensions (dimension in mm)
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink's OEM design team
or account manager for your requirements and ordering information (510) 933-7200.
R3.20080131
Product Lines
Mux/Demux
Switching/Routing
Coupling/Splitting
Monitoring/Conditioning
Interconnect
Amplification
RGB Laser Modules
Input
Package 3 (Bare Fiber)
Input
Package 4 (900µm Loose Tube)
>12.0
Package 1 (Bare Fiber or Loose Tube)
0
PIPD
Package & Fiber Type
P1+ 250µm bare fiber= 11
P1+ 900µm loose tube= 12
Fiber Length
0.5 meter= H
1.0 meter= 1
1.5 meter= 5
2.0 meter= 2
Connector
Type
None= 1
FC/PC= 2
FC/SPC= 3
FC/APC= 4
SC/PC= 5
SC/SPC= 6
SC/APC= 7
ST= 8
LC= 9
MU= A
Bandwidth
2.0G= 20
0.5G= 05
Wavelength
Dual window
= DUAL
1310nm= 1310
1550nm= 1550
P4+ 900µm loose tube= 42
P3+ 250µm bare fiber= 31


Similar Part No. - PIPD155020012

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
PIPD15502001213 OPLINK-PIPD15502001213 Datasheet
128Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode
PIPD15502001215 OPLINK-PIPD15502001215 Datasheet
128Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode
PIPD15502001253 OPLINK-PIPD15502001253 Datasheet
128Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode
PIPD15502001255 OPLINK-PIPD15502001255 Datasheet
128Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode
More results

Similar Description - PIPD155020012

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
PIPD15502001111 OPLINK-PIPD15502001111 Datasheet
128Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode
PIPD OPLINK-PIPD Datasheet
128Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode
PIPD-S0063 OPLINK-PIPD-S0063 Datasheet
128Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode
PIPA OPLINK-PIPA Datasheet
309Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode Array
PIPA08E20200111G OPLINK-PIPA08E20200111G Datasheet
182Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode Array
PIPA-S0062 OPLINK-PIPA-S0062 Datasheet
309Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode Array
PIPA043051 OPLINK-PIPA043051 Datasheet
272Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode Array
logo
Optoway Technology Inc
PD-1310 OPTOWAY-PD-1310 Datasheet
71Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH SINGLE-MODE FIBER PIGTAIL
logo
Hamamatsu Corporation
G8376 HAMAMATSU-G8376_06 Datasheet
182Kb / 2P
   InGaAs PIN photodiode
G8195 HAMAMATSU-G8195 Datasheet
130Kb / 2P
   InGaAs PIN photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com