Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA15 Datasheet(PDF) 2 Page - SynSemi, Inc.

Part # SA15
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

SA15 Datasheet(HTML) 2 Page - SynSemi, Inc.

  SA15 Datasheet HTML 1Page - SynSemi, Inc. SA15 Datasheet HTML 2Page - SynSemi, Inc. SA15 Datasheet HTML 3Page - SynSemi, Inc. SA15 Datasheet HTML 4Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (Rating at 25°C ambient temperature unless otherwise specified)
Breakdown Voltage @ It
Working Peak
Maximum
Maximum
Maximum
Maximum
( Note 1 )
Reverse
Reverse Leakage
Reverse
Clamping
Voltage
TYPE
Voltage
@ VRWM
Current
Voltage @ IRSM
Temperature
VBR (V)
ItVRWM
IR
IRSM
VRSM
Variation of VBR
Min.
Max.
(mA)
(V)
(
µA)
(A)
(V)
(mV /
°C)
SA5.0
6.40
7.3
10
5.0
600
52.0
9.6
5.0
SA5.0A
(4)
6.40
7.0
10
5.0
600
54.3
9.2
5.0
SA6.0
6.67
8.15
10
6.0
600
43.9
11.4
5.0
SA6.0A
6.67
7.37
10
6.0
600
48.5
10.3
5.0
SA6.5
7.22
8.82
10
6.5
400
40.7
12.3
5.0
SA6.5A
7.22
7.98
10
6.5
400
44.7
11.2
5.0
SA7.0
7.78
9.51
10
7.0
150
37.8
13.3
6.0
SA7.0A
7.78
8.60
10
7.0
150
41.7
12.0
6.0
SA7.5
8.33
10.2
1.0
7.5
50
35.0
14.3
7.0
SA7.5A
8.33
9.21
1.0
7.5
50
38.8
12.9
7.0
SA8.0
8.89
10.9
1.0
8.0
25
33.3
15.0
7.0
SA8.0A
8.89
9.83
1.0
8.0
25
36.7
13.6
7.0
SA8.5
9.44
11.5
1.0
8.5
5.0
31.4
15.9
8.0
SA8.5A
9.44
10.4
1.0
8.5
5.0
34.7
14.4
8.0
SA9.0
10.0
12.2
1.0
9.0
1.0
29.5
16.9
9.0
SA9.0A
10.0
11.1
1.0
9.0
1.0
32.5
15.4
9.0
SA10
11.1
13.6
1.0
10.0
1.0
26.6
18.8
10.0
SA10A
11.1
12.3
1.0
10.0
1.0
29.4
17.0
10.0
SA11
12.2
14.9
1.0
11.0
1.0
24.9
20.1
11.0
SA11A
12.2
13.5
1.0
11.0
1.0
27.4
18.2
11.0
SA12
13.3
16.3
1.0
12.0
1.0
22.7
22.0
12.0
SA12A
13.3
14.7
1.0
12.0
1.0
25.1
19.9
12.0
SA13
14.4
17.6
1.0
13.0
1.0
21.0
23.8
13.0
SA13A
14.4
15.9
1.0
13.0
1.0
23.2
21.5
13.0
SA14
15.6
19.1
1.0
14.0
1.0
19.4
25.8
14.0
SA14A
15.6
17.2
1.0
14.0
1.0
21.5
23.2
14.0
SA15
16.7
20.4
1.0
15.0
1.0
18.8
26.9
16.0
SA15A
16.7
18.5
1.0
15.0
1.0
20.6
24.4
16.0
SA16
17.8
21.8
1.0
16.0
1.0
17.6
28.8
19.0
SA16A
17.8
19.7
1.0
16.0
1.0
19.2
26.0
17.0
SA17
18.9
23.1
1.0
17.0
1.0
16.4
30.5
20.0
SA17A
18.9
20.9
1.0
17.0
1.0
18.1
27.6
19.0
SA18
20.0
24.4
1.0
18.0
1.0
15.5
32.2
21.0
SA18A
20.0
22.1
1.0
18.0
1.0
17.2
29.2
20.0
SA20
22.2
27.1
1.0
20.0
1.0
13.9
35.8
25.0
SA20A
22.2
24.5
1.0
20.0
1.0
15.4
32.4
23.0
SA22
24.4
29.8
1.0
22.0
1.0
12.7
39.4
28.0
SA22A
24.4
26.9
1.0
22.0
1.0
14.1
35.5
25.0
SA24
26.7
32.6
1.0
24.0
1.0
11.6
43.0
31.0
SA24A
26.7
29.5
1.0
24.0
1.0
12.8
38.9
28.0
SA26
28.9
35.3
1.0
26.0
1.0
10.7
46.6
31.0
SA26A
28.9
31.9
1.0
26.0
1.0
11.9
42.1
30.0
SA28
31.1
38.0
1.0
28.0
1.0
9.9
50.0
35.0
SA28A
31.1
34.4
1.0
28.0
1.0
11.0
45.4
31.0
SA30
33.3
40.7
1.0
30.0
1.0
9.3
53.5
39.0
SA30A
33.3
36.8
1.0
30.0
1.0
10.3
48.4
36.0
SA33
36.7
44.9
1.0
33.0
1.0
8.5
59.0
42.0
SA33A
36.7
40.6
1.0
33.0
1.0
9.4
53.3
39.0
SA36
40.0
48.9
1.0
36.0
1.0
7.8
64.3
46.0
SA36A
40.0
44.2
1.0
36.0
1.0
8.6
58.1
41.0
Page 2 of 4
Rev. 02 : October 14, 2004


Similar Part No. - SA15

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
SA15 CHONGQING-SA15 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SA15 PANJIT-SA15 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
First Components Intern...
SA15 FCI-SA15 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SA15 LUGUANG-SA15 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Shanghai Semitech Semic...
SA15 SEMITECH-SA15 Datasheet
244Kb / 6P
   Uni-directional Versions Available
More results

Similar Description - SA15

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com