Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ55090QPA40PYS Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # BQ55090QPA40PYS
Description  Quarter-brick DC Bus Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

BQ55090QPA40PYS Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  BQ55090QPA40PYS Datasheet HTML 1Page - SynQor Worldwide Headquarters BQ55090QPA40PYS Datasheet HTML 2Page - SynQor Worldwide Headquarters BQ55090QPA40PYS Datasheet HTML 3Page - SynQor Worldwide Headquarters BQ55090QPA40PYS Datasheet HTML 4Page - SynQor Worldwide Headquarters BQ55090QPA40PYS Datasheet HTML 5Page - SynQor Worldwide Headquarters BQ55090QPA40PYS Datasheet HTML 6Page - SynQor Worldwide Headquarters BQ55090QPA40PYS Datasheet HTML 7Page - SynQor Worldwide Headquarters BQ55090QPA40PYS Datasheet HTML 8Page - SynQor Worldwide Headquarters BQ55090QPA40PYS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Product # BQ55090QPA40
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2BQ559K Rev. A
3/6/07
Page 4
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
35-55 V
35-55 V
9.6 V
9.6 V
43 A
43 A
Quarter-brick
Quarter-brick
T
Technical S
echnical Specification
pecification
ParameterP
Min.
Typ.
Max.
Units
Notes & Conditions
FEATURE CHARACTERISTICS
Switching Frequency
170
200
230
kHz
ON/OFF Control (Option P)
Off-State Voltage
-1.0
0.8
V
On-State Voltage
2.4
18
V
ON/OFF Control (Option N)
Off-State Voltage
2.4
18
V
On-State Voltage
-1.0
0.8
V
ON/OFF Control (Either Option)
Figures A & B
Pull-Up Voltage
10
V
Pull-Up Resistance
28
kW
Over-Temperature Shutdown
145
150
°C
Average PCB Temperature
Over-Temperature Shutdown Restart Hysteresis
10
°C
Load Current Scale Factor
3333
See App Note: Output Load Current Calc.
RELIABILITY CHARACTERISTICS
Calculated MTBF (Telcordia)
4.8
106 Hrs. TR-NWT-000332; 80% load,300LFM, 40oC Ta
Calculated MTBF (MIL-217)
3.3
106 Hrs. MIL-HDBK-217F; 80% load, 300LFM, 40oC Ta
Field Demonstrated MTBF
106 Hrs. See our website for details
STANDARDS COMPLIANCE
ParameterP
Notes
STANDARDS COMPLIANCE
UL/cUL 60950-1
File # E194341, Basic insulation & pollution degree 2
EN60950-1
Certified by TUV
72/23/EEC
93/68/EEC
Needle Flame Test (IEC 695-2-2)
Test on entire assembly; board & plastic components UL94V-0 compliant
IEC 61000-4-2
ESD test, 8kV - NP, 15kV air - NP (Normal Performance)
GR-1089-CORE
Section 7 - electrical safety, Section 9 - bonding/grounding
• An external input fuse must always be used to meet these safety requirements. Contact SynQor for official safety
certificates on new releases or download from the SynQor website.
QUALIFICATION TESTING
ParameterP
# Units
Test Conditions
QUALIFICATION TESTING
Life Test
32
95% rated Vin and load, units at derating point, 1000 hours
Vibration
5
10-55Hz sweep, 0.060” total excursion,1 min./sweep, 120 sweeps for 3 axis
Mechanical Shock
5
100g minimum, 2 drops in x and y axis, 1 drop in z axis
Temperature Cycling
10
-40°C to 100°C, unit temp. ramp 15°C/min., 500 cycles
Power/Thermal Cycling
5
Toperating = min to max, Vin = min to max, full load, 100 cycles
Design Marginality
5Tmin-10°C to Tmax+10°C, 5°C steps, Vin = min to max, 0-105% load
Humidity
5
85°C, 85% RH, 1000 hours, 2 minutes on and 6 hours off
Solderability
15 pins
MIL-STD-883, method 2003
• Extensive characterization testing of all SynQor products and manufacturing processes is performed to ensure that we
supply robust, reliable product. Contact the factory for official product family qualification documents.
ELECTRICAL CHARACTERISTICS (Continued)
OPTIONS
SynQor provides various options for Logic Sense, Pin Length and
Feature Set for this family of DC/DC converters. Please consult the
last page of this specification sheet for information on available
options.
PATENTS
SynQor is protected under various patents. Please consult the
last page for further information.


Similar Part No. - BQ55090QPA40PYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ55090QEw60xyz-G SYNQOR-BQ55090QEw60xyz-G Datasheet
2Mb / 14P
   Fixed frequency switching provides predictable EMI
BQ55090QEX60 SYNQOR-BQ55090QEX60 Datasheet
2Mb / 14P
   Fixed frequency switching provides predictable EMI
BQ55090QTA27 SYNQOR-BQ55090QTA27 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
BQ55090QTA27NKS-G SYNQOR-BQ55090QTA27NKS-G Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
BQ55090QTA27NNS-G SYNQOR-BQ55090QTA27NNS-G Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
More results

Similar Description - BQ55090QPA40PYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ50120QTA20 SYNQOR-BQ50120QTA20 Datasheet
512Kb / 12P
   Quarter-brick DC Bus Converter
BQ50120QTA25 SYNQOR-BQ50120QTA25 Datasheet
537Kb / 12P
   Quarter-brick DC Bus Converter
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com