Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ60120HEA25PNS Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # BQ60120HEA25PNS
Description  Half-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

BQ60120HEA25PNS Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button BQ60120HEA25PNS Datasheet HTML 5Page - SynQor Worldwide Headquarters BQ60120HEA25PNS Datasheet HTML 6Page - SynQor Worldwide Headquarters BQ60120HEA25PNS Datasheet HTML 7Page - SynQor Worldwide Headquarters BQ60120HEA25PNS Datasheet HTML 8Page - SynQor Worldwide Headquarters BQ60120HEA25PNS Datasheet HTML 9Page - SynQor Worldwide Headquarters BQ60120HEA25PNS Datasheet HTML 10Page - SynQor Worldwide Headquarters BQ60120HEA25PNS Datasheet HTML 11Page - SynQor Worldwide Headquarters BQ60120HEA25PNS Datasheet HTML 12Page - SynQor Worldwide Headquarters BQ60120HEA25PNS Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Product # BQ60120HEA30
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2BH612M Rev. B
09/02/05
Page 11
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
35-75 V
35-75 V
12 V
12 V
30 A
30 A
Half-brick
Half-brick
T
Technical S
echnical Specification
pecification
Figure B graphs the relationship between the trim resistor value
and Rtrim-up and Rtrim-down, showing the total range the output
voltage can be trimmed up or down.
Figure B: Trim Graph for 12Vout module
Note: the TRIM feature does not affect the voltage at which the
output over-voltage protection circuit is triggered. Trimming the
output voltage too high may cause the over-voltage protection cir-
cuit to engage, particularly during transients.
It is not necessary for the user to add capacitance at the Trim pin.
The node is internally filtered to eliminate noise.
Total DC Variation of Vout: For the converter to meet its full
specifications, the maximum variation of the DC value of Vout,
due to both trimming and remote load voltage drops, should not
be greater than that specified for the output voltage trim range.
PROTECTION FEATURES
Input Under-Voltage Lockout: The converter is designed to
turn off when the input voltage is too low, helping avoid an input
system instability problem, described in more detail in the appli-
cation note titled “Input System Instability” available on the
SynQor website. The lockout circuitry is a comparator with DC
hysteresis. When the input voltage is rising, it must exceed the
typical “Turn-On Voltage Threshold” value* before the converter
will turn on. Once the converter is on, the input voltage must fall
below the typical Turn-Off Voltage Threshold value before the
converter will turn off.
Output Current Limit: If the output current exceeds the
"Output DC Current Limit Inception" point*, then a fast linear cur-
rent limit controller will reduce the output voltage to maintain a
constant output current. There is no minimum operating output
voltage. The converter will run with low on-board power dissi-
pation down to zero output voltage. A redundant circuit will shut-
down the converter if the primary current limit fails.
Back-Drive Current Limit: If there is negative output current
of a magnitude larger than the "Back-Drive Current Limit while
Enabled" specification*, then a fast back-drive limit controller will
increase the output voltage to maintain a constant output current.
If this results in the output voltage exceeding the "Output Over-
Voltage Protection" threshold*, then the unit will shut down. The
full I-V output characteristic can be seen in Figure 19.
Output Over-Voltage Limit: If the voltage across the output
pins exceeds the “Output Over-Voltage Protection” threshold*,
the converter will immediately stop switching. This prevents dam-
age to the load circuit due to 1) excessive series resistance in out-
put current path from converter output pins to sense point, 2) a
release of a short-circuit condition, or 3) a release of a current
limit condition. Load capacitance determines exactly how high
the output voltage will rise in response to these conditions.
Over-Temperature Shutdown: A temperature sensor on the
converter senses the average temperature of the module. The
thermal shutdown circuit is designed to turn the converter off
when the temperature at the sensed location reaches the Over-
Temperature Shutdown value. It will allow the converter to turn on
again when the temperature of the sensed location falls by the
amount of the Over-Temperature Shutdown Restart Hysteresis
value.
Start-up Inhibit Period: If any protection feature causes the
converter to shut down, the converter will attempt to restart after
2ms (typical), the "Startup Inhibit Period".* On initial applica-
tion of input voltage, with the on/off pin set to enable the con-
verter, the "Turn-On Time"* will increase by only 2ms.
* See specification page.
0.0
0.1
1.0
10.0
100.0
1,000.0
10,000.0
0
5
10
15
20
25
30
35
40
45
50
% Increase in Vout
% Decrease in Vout


Similar Part No. - BQ60120HEA25PNS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ6400 TI-BQ6400 Datasheet
282Kb / 17P
[Old version datasheet]   Single Chip 3 or 4 Cell Li-Ion Battery Management Controller With PowerPump??Cell Balancing Technology
BQ6400RGZR TI-BQ6400RGZR Datasheet
282Kb / 17P
[Old version datasheet]   Single Chip 3 or 4 Cell Li-Ion Battery Management Controller With PowerPump??Cell Balancing Technology
BQ6400RGZT TI-BQ6400RGZT Datasheet
282Kb / 17P
[Old version datasheet]   Single Chip 3 or 4 Cell Li-Ion Battery Management Controller With PowerPump??Cell Balancing Technology
More results

Similar Description - BQ60120HEA25PNS

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com