Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQ1000IU36TCIND Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # AQ1000IU36TCIND
Description  Industrial Grade AC/DC Power Supply With PFC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

AQ1000IU36TCIND Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button AQ1000IU36TCIND Datasheet HTML 3Page - SynQor Worldwide Headquarters AQ1000IU36TCIND Datasheet HTML 4Page - SynQor Worldwide Headquarters AQ1000IU36TCIND Datasheet HTML 5Page - SynQor Worldwide Headquarters AQ1000IU36TCIND Datasheet HTML 6Page - SynQor Worldwide Headquarters AQ1000IU36TCIND Datasheet HTML 7Page - SynQor Worldwide Headquarters AQ1000IU36TCIND Datasheet HTML 8Page - SynQor Worldwide Headquarters AQ1000IU36TCIND Datasheet HTML 9Page - SynQor Worldwide Headquarters AQ1000IU36TCIND Datasheet HTML 10Page - SynQor Worldwide Headquarters AQ1000IU36TCIND Datasheet HTML 11Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AC Input:
DC Output:
Power:
Grade:
85-264 VRMS
12/24/36/48V Semi-reg.
500 W Series
Industrial
Technical Specification
Product # AQ0500IUxx Series
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-005054 Rev. 1
09/04/08
Page 9
PRELIMINARY
INSTALLATION INSTRUCTIONS
General:ACuQorAC/DCpowersuppliesareintendedforuse
as components in industrial equipment.ACuQor units must be
properlyinstalledwithinenduseequipmentbeforetheycanbe
safelyappliedasdescribedinthisdocument.Thesuitabilityof
theACuQor/equipmentcombinationmustbeverifiedthroughend
productinvestigation.
Mounting:RefertotheMechanicalDrawingssection.ACuQor
unitsareprovidedwiththreadedstainless-steelstand-offsorinserts
formounting.Thismountinghardwareisinternallyconnectedto
the input connector protective-earth terminal for functional-earth
EMCcontrol.Anyorientation(vertical,horizontal,etc.)maybe
used.Adequateairspaceshouldbeprovidedoverthefanintake
(top) and exhaust (sides) to allow for exchange of cooling air.
ACuQorisdesignedforapollutiondegree2environment.The
suitabilityoftheenclosedACuQormechanicalassembliesmustbe
verifiedthroughendproductinvestigation.
Encased models:A minimum of 5 mm electrical clearance
shouldbeallowedfromtheconnectorendsofencasedmodels.
Input:RefertotheConnectorDetailssectionforinputconnec-
torwiring.ACuQorproductsrequireasinglephaseACpower
sourceof100-240V50/60Hznominal.Refertonameplatelabel
for input current ratings.A protective-earth connection is also
required.Minimum wire size of 18 AWG (0.8mm2) is recom-
mended.BothsidesoftheAClineareinternallyfused(seetable
forspecificmodels).Thesefusesarenotuserreplaceable.
MODEL
Input Fuses (in Both AC Lines)
Fuses Total
AQ0300
Littelfuse6.3A250V21606.3XEP
2
AQ0400
Littelfuse6.3A250V21606.3XEP
2
AQ0500
Littelfuse10.0A250V216010XEP
2
Output:Refer to the Connector Details section for output con-
nector wiring and signal I/O functionality.Refer to nameplate
label for output current ratings.Main DC output (Vout+, Vout-)
pins should use 20 AWG (0.5mm2) wire size.Individual main
outputpinsshouldnotbeloadedtomorethan5.5A.Forcurrents
greaterthan5.5A,multiplemainoutputpins/wiresmustbeused
inparallel.AllsignalI/OpinsarereferencedtoVout-.
EMC:ACuQorproductshavebeentestedtotheEMCspecifica-
tionslistedintheElectricalCharacteristicssection.However,end
useequipmentmustbetestedtoverifyEMCcompliance.
Hipot Testing:ACuQor products are rated for Hipot testing
levels of 1500 Vac input to protective-earth, 500 Vac output to
protective-earth,and3000Vacinputtooutput.Whenperform-
ing the 3000 Vac input to output test, the test voltage must be
balanced evenly 1500 Vac input and output to protective-earth.
Twooppositelyphasedtestvoltagesourcesorasingletestvolt-
agesourcewithexternalbalancingimpedances(capacitors)may
beusedtopreventoverstressinginputoroutputtoprotective-earth
insulationperIEC/ENC60950-1.
Chassis configurations for Parallel Units
ACuQor units are available either open-frame or pre-mounted
at the factory. Up to 3 units can be mounted into a chassis, in
either side-by-side or stacked configurations. For a complete list of
options, see the “Part Numbering System” table on the last page,
under “Package Type”, along with the Mechanical Drawings pages.
Only side-by-side configurations can be populated with 500W units,
since each includes a thermal pad underneath.
Interconnection of Parallel Units
ACuQor units mounted in 2 and 3 unit chassis are not connected
together. This allows the physical routing and connectivity of the
external wiring to be customized to each application. The following
table summarizes the recommended wiring to operate multiple
units in parallel:
Specifications of Parallel Units
As a rule, units wired in parallel behave the same as single units.
Any specification will remain unchanged that is expressed in units
of voltage, time, frequency, or efficiency. Specifications expressed
in terms of power, current, or capacitance, should be scaled by the
number of units wired in parallel.
ACuQor units are individually calibrated at the factory, so that the
output voltage vs. output current characteristic is always consistent
(see Vout droop characteristic figures). As such, multiple units will
share output current accurately. Full current is guaranteed from a
bank of multiple units wired in parallel.
Output Connector Signal
Suggested Connection
Behavior with Multiple Units
REMOTE_ENABLE
Wire in parallel
Inputs activated simultaneously
FAN_GOOD
Wired-OR outputs – can be pulled low by any unit during an abnormal condition.
AC_POWER_GOOD
DC_POWER_GOOD
VOUT(+), VOUT(-)
Built-in droop characteristic ensures graceful current sharing.
12V_STANDBY*
5V_STANDBY
Do not wire in parallel
Fully regulated characteristic does not support current sharing. If placed in
parallel, only the output with the highest set-point will drive current.
*Note: Triple output models only.
PARALLEL OPERATION - MULTIPLE UNITS
PART NUMBERING SYSTEM
The part numbering system for SynQor’s ACuQor AC/DC power supplies follows the format shown in the table below.
Notallcombinationsmakevalidpartnumbers,pleasecontactSynQorforavailability.
ACCESSORIES
SynQoroffersaseriesofassembliesthatcanbeorderedaccordingtothetablebelow.Mechanicaldrawingsfortheseaccessoriesare
availablefordownloadinpdfformatfromtheSynQorwebsite.
APPLICATION NOTES
AvarietyofapplicationnotesandtechnicalwhitepaperscanbedownloadedinpdfformatfromtheSynQorwebsite.
PATENTS
SynQorholdsthefollowingpatents,oneormoreofwhichmightapplytothisproduct:
5,999,417
6,222,742
6,545,890
6,577,109
6,594,159
6,731,520
6,894,468
6,896,526
6,927,987
7,050,309
7,072,190
7,085,146
7,119,524
7,269,034
7,272,021
7,272,023
Warranty:SynQoroffersatwo(2)yearlimitedwarranty.Completewarrantyinforma-
tionislistedonourwebsiteorisavailableuponrequestfromSynQor.
Limitation on use: SynQor’s products are not authorized for use and should not be
used,withoutthespecificpriorwrittenapprovalofanauthorizedofficerofSynQor
makingspecificreferencehereto,inanylifesupportsystem,nuclearfacilityorapplica-
tion,aircraftcontrolapplicationoranyotherapplicationinwhichfailureoftheproduct
couldreasonablyresultinharmtolife,propertyortheenvironment.
InformationfurnishedbySynQorisbelievedtobeaccurateandreliable.However,
noresponsibilityisassumedbySynQorforitsuse,norforanyinfringementsofpatents
orotherrightsofthirdpartieswhichmayresultfromitsuse.Nolicenseisgrantedby
implicationorotherwiseunderanypatentorpatentrightsofSynQor.
Contact SynQor for further information:
Phone:
978-849-0600
TollFree: 888-567-9596
Fax:
978-849-0602
E-mail:
power@synqor.com
Web:
www.synqor.com
Address: 155SwansonRoad
Boxborough,MA01719,USA
Family
Output Power
Grade
Range
Output Voltage
(xx=Standard; xT=Triple)
Package Type
(Correlates to Output Power)
Thermal
Design
Options
AQ
ACuQor series
of ac-dc semi-regulated
output power supplies
0300: 300 W
0400: 400 W
0500: 500 W
0600: 600 W (2 x 300 W)
0800: 800 W (2 x 400 W)
0900: 900 W (3 x 300 W)
1000: 1000 W (2 x 500 W)
1200: 1200 W (3 x 400 W)
1500: 1500 W (3 x 500 W)
I: industrial
U: universal
(85-264 VRMS)
12: 12 V
1T: 12 V / 5 & 12 V STBY
24: 24 V
2T: 24 V / 5 & 12 V STBY
36: 36 V
3T: 36 V / 5 & 12 V STBY
48: 48 V
4T: 48 V / 5 & 12 V STBY
E: 1 unit (3" x 5")
R: 2 units; flat
S: 2 units; stacked
T: 3 units; flat
U: 3 units; stacked
A: open frame
C: encased
Q: encased only
Industrial Grade:
IND: Industrial
Part Number
Description
AQ-CBL-INPUT1C
Input mating cable with pre-stripped wire ends (36" long).
AQ-CBL-OUT1C
Output mating cable with pre-stripped wire ends (18" long).
AQ-CBL-OUT1CD
Same as AQ-CBL-OUT1C with an additional 8-pin connector.
AQ-CBL-OUT2C
Output mating cable with connectors on both ends (18" long).
AQ-CBL-OUT2CD
Same as AQ-CBL-OUT2C with an additional 8-pin connector.
AQ-INSUL1M
Single module bottom-side Mylar insulator for open frame mounting.
AQ-EVAL-PRL3
Evaluation board for up to three paralleled modules.


Similar Part No. - AQ1000IU36TCIND

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AQ1003 LITTELFUSE-AQ1003 Datasheet
613Kb / 5P
   AQ1003 Series - 30pF 30kV Unidirectional Discrete TVS
AQ1003-01ETG LITTELFUSE-AQ1003-01ETG Datasheet
781Kb / 5P
   General Purpose ESD Protection
2021 Littelfuse, Inc.
AQ1003-01LTG LITTELFUSE-AQ1003-01LTG Datasheet
933Kb / 5P
   AQ1003-01LTG, 30pF 30kV Unidirectional Discrete TVS
2019 Littelfuse, Inc
AQ1005 LITTELFUSE-AQ1005 Datasheet
631Kb / 4P
   AQ1005 Series 30pF 30kV Bidirectional Discrete TVS
AQ1005-01ETG LITTELFUSE-AQ1005-01ETG Datasheet
631Kb / 4P
   AQ1005 Series 30pF 30kV Bidirectional Discrete TVS
More results

Similar Description - AQ1000IU36TCIND

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ0400IU2TEAIND SYNQOR-AQ0400IU2TEAIND Datasheet
2Mb / 13P
   Industrial Grade AC/DC Power Supply With PFC
AQ0400IU24EAIND SYNQOR-AQ0400IU24EAIND Datasheet
2Mb / 13P
   Industrial Grade AC/DC Power Supply With PFC
AQ1500IU1TTQIND SYNQOR-AQ1500IU1TTQIND Datasheet
2Mb / 11P
   Industrial Grade AC/DC Power Supply With PFC
AQ0300MU12EACFD SYNQOR-AQ0300MU12EACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0500MU12EQCFD SYNQOR-AQ0500MU12EQCFD Datasheet
2Mb / 11P
   Medical Grade AC/DC Power Supply With PFC
AQ0400MU12EACFD SYNQOR-AQ0400MU12EACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0300MU2TEACFD SYNQOR-AQ0300MU2TEACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0400MU2TEACFD SYNQOR-AQ0400MU2TEACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ1500MU1TTQCFD SYNQOR-AQ1500MU1TTQCFD Datasheet
2Mb / 11P
   Medical Grade AC/DC Power Supply With PFC
logo
CINCON ELECTRONICS Corp...
CFM150S CINCON-CFM150S Datasheet
504Kb / 2P
   AC-DC POWER SUPPLY WITH PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com