Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC540I Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC540I
Description  8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC540I Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC540I Datasheet HTML 3Page - Texas Instruments TLC540I Datasheet HTML 4Page - Texas Instruments TLC540I Datasheet HTML 5Page - Texas Instruments TLC540I Datasheet HTML 6Page - Texas Instruments TLC540I Datasheet HTML 7Page - Texas Instruments TLC540I Datasheet HTML 8Page - Texas Instruments TLC540I Datasheet HTML 9Page - Texas Instruments TLC540I Datasheet HTML 10Page - Texas Instruments TLC540I Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TLC540I, TLC541I
8-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 11 INPUTS
SLAS065A – OCTOBER 1983 – REVISED MARCH 1995
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
See Note B
0.4 V
2.4 V
tf
Output
tr
0.8 V
2.4 V
0.8 V
td
DATA OUT
VOLTAGE WAVEFORMS FOR RISE AND FALL TIMES
VOLTAGE WAVEFORMS FOR DELAY TIME
VCC
3 k
3 k
VCC
See Note B
SYSTEM
CLOCK
50%
50%
0 V
0 V
tPLZ
I/O CLOCK
VOLTAGE WAVEFORMS FOR ENABLE AND DISABLE TIMES
Output Waveform 1
(see Note C)
tPHZ
tPZH
VOH
90%
10%
tPZL
0 V
VCC
50%
CS
LOAD CIRCUIT FOR
tPZL AND tPLZ
LOAD CIRCUIT FOR
tPZH AND tPHZ
LOAD CIRCUIT FOR
td, tr, AND tf
See Note B
CL
(see Note A)
Output
Under Test
Test
Point
3 k
1.4 V
Output Waveform 2
(see Note C)
CL
(see Note A)
Output
Under Test
Test
Point
CL
(see Note A)
Output
Under Test
Test
Point
NOTES: A. CL = 50 pF for TLC540 and 100 pF for TLC541.
B. ten = tPZH or tPZL, tdis = tPHZ or tPLZ.
C. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.


Similar Part No. - TLC540I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC540I TI1-TLC540I Datasheet
844Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC540IDW TI1-TLC540IDW Datasheet
844Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC540IDWG4 TI1-TLC540IDWG4 Datasheet
844Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC540IDWR TI1-TLC540IDWR Datasheet
844Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC540IDWRG4 TI1-TLC540IDWRG4 Datasheet
844Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
More results

Similar Description - TLC540I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC542C TI1-TLC542C_14 Datasheet
176Kb / 13P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC542C TI-TLC542C Datasheet
169Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC542 TI1-TLC542 Datasheet
178Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC540I TI1-TLC540I_14 Datasheet
844Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLV2543IDB TI-TLV2543IDB Datasheet
558Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543-Q1 TI1-TLC2543-Q1_16 Datasheet
700Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542 TI1-TLC1542_13 Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543CDWR TI-TLC2543CDWR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543MJB TI-TLC2543MJB Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDBR TI1-TLV2543IDBR Datasheet
536Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com