Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC540I Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC540I
Description  8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC540I Datasheet(HTML) 2 Page - Texas Instruments

  TLC540I Datasheet HTML 1Page - Texas Instruments TLC540I Datasheet HTML 2Page - Texas Instruments TLC540I Datasheet HTML 3Page - Texas Instruments TLC540I Datasheet HTML 4Page - Texas Instruments TLC540I Datasheet HTML 5Page - Texas Instruments TLC540I Datasheet HTML 6Page - Texas Instruments TLC540I Datasheet HTML 7Page - Texas Instruments TLC540I Datasheet HTML 8Page - Texas Instruments TLC540I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TLC540I, TLC541I
8-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 11 INPUTS
SLAS065A – OCTOBER 1983 – REVISED MARCH 1995
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
The converters incorporated in the TLC540 and TLC541 feature differential high-impedance reference inputs
that facilitate ratiometric conversion, scaling, and analog circuitry isolation from logic and supply noises. A
switched-capacitor design allows low-error (
±0.5 LSB) conversion in 9 µs for the TLC540 and 17 µs for the
TLC541 over the full operating temperature range.
The TLC540I and TLC541I are characterized for operation from – 40
°C to 85°C.The TLC541M is characterized
for operation from – 55
°C to 125°C.
functional block diagram
1
2
3
4
5
6
7
8
9
11
12
SYSTEM
CLOCK
CS
I/O
CLOCK
ADDRESS
INPUT
8-Bit
Analog-to-Digital
Converter
(Switched-Capacitors)
8
4
2
4
4
8
REF–
REF+
DATA
OUT
8-to-1 Data
Selector
and Driver
Control Logic
and I/O
Counters
Output
Data
Register
Input
Multiplexer
Self-Test
Reference
Input
Address
Register
Sample
and
Hold
12-Channel
Analog
Multiplexer
Analog
Inputs
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
14
13
16
17
18
15
19
typical equivalent inputs
INPUT CIRCUIT IMPEDANCE DURING SAMPLING MODE
INPUT CIRCUIT IMPEDANCE DURING HOLD MODE
1 k
Ω TYP
Ci = 60 pF TYP
(equivalent input
capacitance)
5 M
Ω TYP
INPUT
A0 – A10
INPUT
A0 – A10


Similar Part No. - TLC540I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC540I TI1-TLC540I Datasheet
844Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC540IDW TI1-TLC540IDW Datasheet
844Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC540IDWG4 TI1-TLC540IDWG4 Datasheet
844Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC540IDWR TI1-TLC540IDWR Datasheet
844Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC540IDWRG4 TI1-TLC540IDWRG4 Datasheet
844Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
More results

Similar Description - TLC540I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC542C TI1-TLC542C_14 Datasheet
176Kb / 13P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC542C TI-TLC542C Datasheet
169Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC542 TI1-TLC542 Datasheet
178Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC540I TI1-TLC540I_14 Datasheet
844Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLV2543IDB TI-TLV2543IDB Datasheet
558Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543-Q1 TI1-TLC2543-Q1_16 Datasheet
700Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542 TI1-TLC1542_13 Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543CDWR TI-TLC2543CDWR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543MJB TI-TLC2543MJB Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDBR TI1-TLV2543IDBR Datasheet
536Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com