Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQ0400MU4TSACF Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # AQ0400MU4TSACF
Description  Medical Grade AC/DC Power Supply With PFC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

AQ0400MU4TSACF Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  AQ0400MU4TSACF Datasheet HTML 1Page - SynQor Worldwide Headquarters AQ0400MU4TSACF Datasheet HTML 2Page - SynQor Worldwide Headquarters AQ0400MU4TSACF Datasheet HTML 3Page - SynQor Worldwide Headquarters AQ0400MU4TSACF Datasheet HTML 4Page - SynQor Worldwide Headquarters AQ0400MU4TSACF Datasheet HTML 5Page - SynQor Worldwide Headquarters AQ0400MU4TSACF Datasheet HTML 6Page - SynQor Worldwide Headquarters AQ0400MU4TSACF Datasheet HTML 7Page - SynQor Worldwide Headquarters AQ0400MU4TSACF Datasheet HTML 8Page - SynQor Worldwide Headquarters AQ0400MU4TSACF Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AC Input:
DC Output:
Power:
Grade:
85-264 VRMS
12/24/36/48V Semi-reg.
400 W Series
Medical
Technical Specification
Product # AQ0400MUxT Series
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-005048 Rev. A
09/08/08
Page 2
MAIN OUTPUT SPECIFICATIONS
Output power (continuous)
(5 s transient)
85-132/170-264 Vrms
85-132/170-264 Vrms
132-170 Vrms
400 W (Note 1)
500 W (Note 1)
See Figure 10
Nominal DC output
voltage (at 250W)
(Semi-regulated)
12 Vout (model 1T)
24 Vout (model 2T)
36 Vout (model 3T)
48 Vout (model 4T)
12.4 V
25 V
37.5 V
50 V
Efficiency
(see figs. 1, 3, 5, 7)
(see Note 1)
12 Vout, 115 Vrms, 400 W
48 Vout, 115 Vrms, 400 W
12 Vout, 230 Vrms, 400 W
48 Vout, 230 Vrms, 400 W
88% typ.
90% typ.
89% typ.
91% typ.
Hold-up time (to -20%)
(see Note 1)
12 Vout
24 / 36 / 48 Vout
16 ms @ 400 W
20 ms @ 400 W
Maximum load capacitance 12 Vout
24 Vout
36 Vout
48 Vout
16,000 µF
8,000 µF
4,000 µF
2,000 µF
Output ripple voltage
Switching frequency (20 MHz BW)
Twice line frequency (at 300W)
0.5% p-p
5.0% p-p
Turn-on delay
2 s max.
Transient response
Iout steps from 50-75%
At 0.2 A/µs
3% typ / 6% max.
dev.
100 ms recovery
Overvoltage protection
Cyclic restart
110-120%
Short circuit protection
Cyclic operation
115% rated Iout
Total regulation
Over line, load and temperature
±6.0%
12V_STANDBY cross-reg.
ΔVout caused by 50 W step
0.5%
5V_STANDBY cross-reg.
ΔVout caused by 10 W step
0.1%
Thermal protection
Automatic recovery
+125 ºC (PCB Temp)
REMOTE_ENABLE
Input Low Voltage
Input High Voltage
0.45 V (max)
4.15 V (min)
12V_STANDBY OUTPUT SPECIFICATIONS
Output power
85-264 Vrms
50 W
Nominal DC output voltage Semi-regulated
12.4 V
Total regulation
Over line, load and temperature
±6.0%
Main output cross-reg.
Δ12V_STANDBY caused by Δ350W
on main output
400 mV
Output ripple
Switching frequency (20 MHz BW)
Twice line frequency
10 mV
0.45 Vrms
Output current
Continuous
4.2 A
Short circuit protection
Cyclic operation
5.0 A
Maximum load capacitance
2,000 uF
5V_STANDBY OUTPUT SPECIFICATIONS
Output power
85-264 Vrms
10 W
Nominal DC output voltage Fully regulated
5.0 V
Total regulation
Over line, load and temperature
±5.0%
Output current
Continuous
2.0 A
Short circuit protection
Cyclic operation
2.5 A
Maximum load capacitance
1,000 uF
INPUT SPECIFICATIONS
AC input voltage
Universal range
85-264 Vrms
Input frequency
47-63 Hz
Input current
(see Note 1)
115 Vrms @ 400 W
230 Vrms @ 400 W
4 Arms
2 Arms
Power factor
>0.98
Input surge current
264 Vrms (cold start)
40 A max.
Internal input fuses
Both AC lines
6.3 A
ACuQor 400W Triple Vout Series ELECTRICAL CHARACTERISTICS
All specifications typical with TA = 25 °C, unless otherwise specified.
GENERAL SPECIFICATIONS
Fundamental ripple freq.
Input
Output
500 kHz
250 kHz
Audible noise
Fan speed varies with temp.
39 dBA @ 1 m max.
Weight (EA \ EC)
(SC \ RC)
(UC \ TC)
343 g (12.1 oz) \ 446 g (15.7 oz)
846 g (29.8 oz) \ 879 g (31 oz)
1224 g (43.2 oz) \ 1298 g (45.8 oz)
MTBF
MIL-217
Demonstrated
343.6 kHours
TBD kHours
ISOLATION SPECIFICATIONS
Isolation voltage
Input to output
Input to ground
Output to ground (BF & CF )
Output to ground (CFD)
4000 Vrms
1500 Vrms
1500 Vrms
5000 Vpulse
Insulation resistance
Output to ground
10 MΩ min.
Leakage currents
See Note 2
ENVIRONMENTAL CHARACTERISTICS
Thermal performance
Operating ambient (see Figure 9)
Non-operating ambient
0 ºC to +70 ºC
-40 ºC to +85 ºC
Relative humidity
Non-condensing
5-95% RH
Altitude
Operating
Non-operating
10,000 ft max.
30,000 ft max.
Random vibration
5-500 Hz
0.03 g2/Hz
Shock
Half-sine, 10 ms, 3 axes
20 g peak
EMC CHARACTERISTICS
Conducted emissions
EN55011 and EN55022, FCC
part15
Level B
Line frequency harmonics
EN61000-3-2
Class A
Voltage fluctuations
EN61000-3-3
Clause 5b
ESD air
EN61000-4-2
Level 3
ESD contact
EN61000-4-2
Level 3
Radiated immunity
EN61000-4-3
Level 3
Fast transients
EN61000-4-4
Level 3
Line surge immunity
EN61000-4-5
Level 3
Conducted immunity
EN61000-4-6
Level 3
Power freq. mag. field
EN61000-4-8
3 A/m
Voltage dip immunity
EN61000-4-11
Perf Criteria A, A, B
<5% UT 10 ms,
70% UT 500 ms,
40% UT 100 ms
SAFETY AGENCY CERTIFICATIONS (pending)
All certification marks appear on individual unit labels.
UL60601-1 and UL60950
IEC/EN 60601-1 and IEC/EN 60950
CE Marked
cUL CSA Standards
Meets NFPA 99 2005 300 µA earth leakage
NOTES:
1. Main output power rating always includes 5 V and 12 V standby outputs.
2. Leakage currents see page 4.


Similar Part No. - AQ0400MU4TSACF

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ0400MU48EABF SYNQOR-AQ0400MU48EABF Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0400MU48EACF SYNQOR-AQ0400MU48EACF Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0400MU48EACFD SYNQOR-AQ0400MU48EACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0400MU48ECBF SYNQOR-AQ0400MU48ECBF Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0400MU48ECCF SYNQOR-AQ0400MU48ECCF Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
More results

Similar Description - AQ0400MU4TSACF

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ0300MU12EACFD SYNQOR-AQ0300MU12EACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0400MU12EACFD SYNQOR-AQ0400MU12EACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0500MU12EQCFD SYNQOR-AQ0500MU12EQCFD Datasheet
2Mb / 11P
   Medical Grade AC/DC Power Supply With PFC
AQ0300MU2TEACFD SYNQOR-AQ0300MU2TEACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ1500MU1TTQCFD SYNQOR-AQ1500MU1TTQCFD Datasheet
2Mb / 11P
   Medical Grade AC/DC Power Supply With PFC
AQ1500IU1TTQIND SYNQOR-AQ1500IU1TTQIND Datasheet
2Mb / 11P
   Industrial Grade AC/DC Power Supply With PFC
AQ0400IU2TEAIND SYNQOR-AQ0400IU2TEAIND Datasheet
2Mb / 13P
   Industrial Grade AC/DC Power Supply With PFC
AQ0400IU24EAIND SYNQOR-AQ0400IU24EAIND Datasheet
2Mb / 13P
   Industrial Grade AC/DC Power Supply With PFC
AQ1000IU12RQIND SYNQOR-AQ1000IU12RQIND Datasheet
5Mb / 11P
   Industrial Grade AC/DC Power Supply With PFC
logo
ULTRA LEVEL TECH CO., L...
PRL1103 ULC-PRL1103 Datasheet
332Kb / 4P
   AC-DC PFC MEDICAL SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com