Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC545IN Datasheet(PDF) 9 Page - Texas Instruments

Part # TLC545IN
Description  8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC545IN Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC545IN Datasheet HTML 5Page - Texas Instruments TLC545IN Datasheet HTML 6Page - Texas Instruments TLC545IN Datasheet HTML 7Page - Texas Instruments TLC545IN Datasheet HTML 8Page - Texas Instruments TLC545IN Datasheet HTML 9Page - Texas Instruments TLC545IN Datasheet HTML 10Page - Texas Instruments TLC545IN Datasheet HTML 11Page - Texas Instruments TLC545IN Datasheet HTML 12Page - Texas Instruments TLC545IN Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TLC545C, TLC545I, TLC546C, TLC546I
8-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 19 INPUTS
SLAS066B – DECEMBER 1985 – REVISED OCTOBER 1996
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
simplified analog input analysis
Using the equivalent circuit in Figure 1, the time required to charge the analog input capacitance from 0 to VS
within 1/2 LSB can be derived as follows:
The capacitance charging voltage is given by
VC = VS 1–e
–t c/RtCi
(
)
(1)
where
Rt = Rs + ri
The final voltage to 1/2 LSB is given by
(2)
VC (1/2 LSB) = VS – (VS/512)
Equating equation 1 to equation 2 and solving for time tc gives
VS –(VS/512) = VS 1–e
(
)
(3)
–t c/RtCi
and
tc (1/2 LSB) = Rt × Ci × ln(512)
(4)
Therefore, with the values given the time for the analog input signal to settle is
(5)
tc (1/2 LSB) = (Rs + 1 kΩ) × 60 pF × ln(512)
This time must be less than the converter sample time shown in the timing diagrams.
VI = Input Voltage at INPUT A0 – A18
VS = External Driving Source Voltage
Rs = Source Resistance
ri = Input Resistance
Ci = Input Capacitance
† Driving source requirements:
• Noise and distortion for the source must be equivalent to the
resolution of the converter.
• Rs must be real at the input frequency.
Rs
ri
VS
VC
50 pF MAX
1 k
Ω MAX
Driving Source†
TLC545 / 6
Ci
VI
Figure 1. Equivalent Input Circuit Including the Driving Source


Similar Part No. - TLC545IN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC545IN TI1-TLC545IN Datasheet
197Kb / 15P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
TLC545ING4 TI1-TLC545ING4 Datasheet
197Kb / 15P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
More results

Similar Description - TLC545IN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC545C TI1-TLC545C_13 Datasheet
197Kb / 15P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
TLC542 TI1-TLC542 Datasheet
178Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC540I TI1-TLC540I_14 Datasheet
844Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC542C TI-TLC542C Datasheet
169Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC540I TI-TLC540I Datasheet
164Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC542C TI1-TLC542C_14 Datasheet
176Kb / 13P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLV2543IDBR TI1-TLV2543IDBR Datasheet
536Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543C TI-TLC2543C Datasheet
431Kb / 27P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543-Q1 TI1-TLC2543-Q1_16 Datasheet
700Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542 TI1-TLC1542_13 Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com