Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQ1500MU3TSQCFD Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # AQ1500MU3TSQCFD
Description  Medical Grade AC/DC Power Supply With PFC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

AQ1500MU3TSQCFD Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  AQ1500MU3TSQCFD Datasheet HTML 1Page - SynQor Worldwide Headquarters AQ1500MU3TSQCFD Datasheet HTML 2Page - SynQor Worldwide Headquarters AQ1500MU3TSQCFD Datasheet HTML 3Page - SynQor Worldwide Headquarters AQ1500MU3TSQCFD Datasheet HTML 4Page - SynQor Worldwide Headquarters AQ1500MU3TSQCFD Datasheet HTML 5Page - SynQor Worldwide Headquarters AQ1500MU3TSQCFD Datasheet HTML 6Page - SynQor Worldwide Headquarters AQ1500MU3TSQCFD Datasheet HTML 7Page - SynQor Worldwide Headquarters AQ1500MU3TSQCFD Datasheet HTML 8Page - SynQor Worldwide Headquarters AQ1500MU3TSQCFD Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AC Input:
DC Output:
Power:
Grade:
85-264 VRMS
12/24/36/48V Semi-reg.
500 W Series
Medical
Technical Specification
Product # AQ0500MUxT Series
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-005049 Rev. 2
09/04/08
Page 5
PRELIMINARY
MECHANICAL DRAWINGS (1 Module Open Frame Version — E Package Type)
NOTES (applies to all mechanicals)
1)Recommendedscrewtighteningtorqueof6in.lbs
2)Undimensionedcomponentsareshownforvisualreferenceonly
3)Alldimensionsininches[mm]
Tolerances: x.xxin±0.02
x.xxxin±0.010
Bottom
Top
Front
Back
Right
MECHANICAL DRAWINGS (2 Modules Flat Version — R Package Type)
MECHANICAL DRAWINGS (3 Modules Flat Version — T Package Type)
Bottom
Top
Front
Back
Right
MECHANICAL DRAWINGS (3 Modules Stacked Version — U Package Type)
MECHANICAL DRAWINGS (2 Modules Stacked Version — S Package Type)
MECHANICAL DRAWINGS (1 Module Encased Version — E Package Type)
AC Leakage Current
from Input to Earth
AC Line Connection
Normal
Condition
Open Neutral
Fault
AC Leakage Current
from Output to Earth
Model
Normal
Condition
Open Earth
Fault
AC Backdrive
Fault
ACuQor Typical at
110% nominal input
voltage 60 Hz
240 V L-N, 1 phase
125 µA
250 µA
ACuQor Typical at
264 Vac 60 Hz input
AQ . . BF . .
2 µA
36 µA
125 µA
208 V L-L, 120 V L-N, 1 of 3 phases
65 µA
130 µA
AQ . . CF . .
2 µA
6 µA
18 µA
240 V L-N-L, 120 V L-N, split phase
65 µA
130 µA
For convenience, the following tables show limits allowed by various standards:
AC Leakage Current
from Input to Earth
Standard
Normal
Condition
Open Neutral
Fault
AC Leakage Current
from Output to Earth Contact Type
Normal
Condition
Open Earth
Fault
AC Backdrive
Fault
Maximum Allowed
per Standard
IEC60601-1
500 µA
1000 µA
Maximum Allowed per
IEC60601-1
BF
100 µA
500 µA
5000 µA
NFPA 99 2005
300 µA
CF
10 µA
50 µA
50 µA
IEC60950
3500 µA
Leakage Currents


Similar Part No. - AQ1500MU3TSQCFD

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ1500IU1TEAIND SYNQOR-AQ1500IU1TEAIND Datasheet
2Mb / 11P
   Industrial Grade AC/DC Power Supply With PFC
AQ1500IU1TECIND SYNQOR-AQ1500IU1TECIND Datasheet
2Mb / 11P
   Industrial Grade AC/DC Power Supply With PFC
AQ1500IU1TEQIND SYNQOR-AQ1500IU1TEQIND Datasheet
2Mb / 11P
   Industrial Grade AC/DC Power Supply With PFC
AQ1500IU1TRAIND SYNQOR-AQ1500IU1TRAIND Datasheet
2Mb / 11P
   Industrial Grade AC/DC Power Supply With PFC
AQ1500IU1TRCIND SYNQOR-AQ1500IU1TRCIND Datasheet
2Mb / 11P
   Industrial Grade AC/DC Power Supply With PFC
More results

Similar Description - AQ1500MU3TSQCFD

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ0300MU12EACFD SYNQOR-AQ0300MU12EACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0400MU12EACFD SYNQOR-AQ0400MU12EACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0500MU12EQCFD SYNQOR-AQ0500MU12EQCFD Datasheet
2Mb / 11P
   Medical Grade AC/DC Power Supply With PFC
AQ0300MU2TEACFD SYNQOR-AQ0300MU2TEACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0400MU2TEACFD SYNQOR-AQ0400MU2TEACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ1500IU1TTQIND SYNQOR-AQ1500IU1TTQIND Datasheet
2Mb / 11P
   Industrial Grade AC/DC Power Supply With PFC
AQ0400IU2TEAIND SYNQOR-AQ0400IU2TEAIND Datasheet
2Mb / 13P
   Industrial Grade AC/DC Power Supply With PFC
AQ0400IU24EAIND SYNQOR-AQ0400IU24EAIND Datasheet
2Mb / 13P
   Industrial Grade AC/DC Power Supply With PFC
AQ1000IU12RQIND SYNQOR-AQ1000IU12RQIND Datasheet
5Mb / 11P
   Industrial Grade AC/DC Power Supply With PFC
logo
ULTRA LEVEL TECH CO., L...
PRL1103 ULC-PRL1103 Datasheet
332Kb / 4P
   AC-DC PFC MEDICAL SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com