Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NQ04W33SMA16 Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # NQ04W33SMA16
Description  SMT Surface Mount
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ04W33SMA16 Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button NQ04W33SMA16 Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ04W33SMA16 Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ04W33SMA16 Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ04W33SMA16 Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ04W33SMA16 Datasheet HTML 9Page - SynQor Worldwide Headquarters NQ04W33SMA16 Datasheet HTML 10Page - SynQor Worldwide Headquarters NQ04W33SMA16 Datasheet HTML 11Page - SynQor Worldwide Headquarters NQ04W33SMA16 Datasheet HTML 12Page - SynQor Worldwide Headquarters NQ04W33SMA16 Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Input:
Input:
Outputs:
Outputs:
Current:
Current:
PPackage:
ackage:
2.4 - 6.0V
2.4 - 6.0V
0.75 - 3.6V
0.75 - 3.6V
16A
16A
SMT
SMT
T
Technical S
echnical Specification
pecification
Product # NQ04W33SMA16
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2NV4S3E Rev. B
11/26/07
Page 11
Thermal Performance (SMA16): While impossible to be
exact, a simplified thermal model for the mounted converter is
detailed below.
Rt_J-Pcb models the conduction of heat from the converter's
hottest junction to the converter's PCB at large. It is about
3oC/W for converters running at higher output voltage, and
about 4oC/W for lower voltage converters.
Rt_Pcb-Amb models the power dissipation from converter PCB
to the air stream. It ranges from about 15oC/W at 400LFM to
about 25oC/W 100LFM.
Rt_Pcb-Feet expresses the thermal path from the converter's
PCB though its mounting feet; it is about 3oC/W.
Rt_spread models the heat spreading on the PCB to which the
converter is mounted and is largely dependent upon the con-
struction and layout of that PCB.
T_mount is the temperature of that PCB in the greater vicinity of
the converter.
As is evident, the values for Rt_spread and T_mount will have
great effect upon the thermal operation of the converter. With
Rt_Pcb-Amb being 5 to 8 times as large as Rt_Pcb-Feet, in most
applications these converters will be predominantly cooled via
thermal conduction through their feet. Airflow and T_Amb will
have only a minimal cooling effect.
Rt_spread should be minimized. Attach the converter to large
copper planes, on multiple layers, with multiple vias near the
mounting feet.
T_mount should also be minimized. Place the converter far
enough away from other sources of heat on the PCB so that it
is as cool as practical.
If operation near derating limits is even suspected, thermal per-
formance should be verified with the unit mounted in its intend-
ed manner and powered in circuit with all neighboring circuit-
ry active. Attach a thermocouple to the converter's hotspot as
shown in Figures 4, 6, and 8 in the Performance Curves sec-
tion.
SURFACE MOUNT INFORMATION
PCB Layout Considerations: SynQor recommends that the
customer use a non-solder mask defined pad design. The mini-
mum recommended pad size is 0.074" x 0.122" (1.88mm x
3.1mm) and the maximum pad size is 0.095" x 0.140" (2.41mm
x 3.56mm), see the mechanical diagram on page 2.
Interconnection to internal power planes is typically required.
This can be accomplished by placing a number of vias between
the SMT pad and the relevant plane. The number and location
of the vias should be determined based on electrical resistance,
current and thermal requirements. "Via-in-pad" design should be
avoided in the SMT pads. Solder mask should be used to elimi-
nate solder wicking into the vias.
Pick and Place:
The NiQor surface mount modules are
designed for automated assembly using standard SMT pick and
place equipment. The modules have a centrally located inductor
component with a flat surface area to be used for component
pick-up. The units use open frame construction and have a low
mass that is within the capability of standard pick and place
equipment. Those modules however have a larger mass than
most conventional SMT components and so variables such as
nozzle size, tip style, handling speed, and placement pressure
should be optimized for best results. A conformal tipped place-
ment nozzle design is recommended. Coplanarity of better than
0.004" (0.1mm) is achieved through the SMT NiQor's terminal
design.
Figure I: Thermal Model for NQ04 Surface Mount


Similar Part No. - NQ04W33SMA16

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ04W33SKA10 SYNQOR-NQ04W33SKA10 Datasheet
516Kb / 13P
   SMT Surface Mount
NQ04W33SKA10OSN-G SYNQOR-NQ04W33SKA10OSN-G Datasheet
516Kb / 13P
   SMT Surface Mount
NQ04W33SKA10OSS-G SYNQOR-NQ04W33SKA10OSS-G Datasheet
516Kb / 13P
   SMT Surface Mount
NQ04W33SKA10PSN-G SYNQOR-NQ04W33SKA10PSN-G Datasheet
516Kb / 13P
   SMT Surface Mount
NQ04W33SKA10PSS-G SYNQOR-NQ04W33SKA10PSS-G Datasheet
516Kb / 13P
   SMT Surface Mount
More results

Similar Description - NQ04W33SMA16

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ15W50SGA30 SYNQOR-NQ15W50SGA30 Datasheet
1,022Kb / 11P
   SMT Surface Mount
NQ16W50SKA10 SYNQOR-NQ16W50SKA10 Datasheet
532Kb / 13P
   SMT Surface Mount
NQ04W33SKA10 SYNQOR-NQ04W33SKA10 Datasheet
516Kb / 13P
   SMT Surface Mount
NQ16W50SMA16 SYNQOR-NQ16W50SMA16 Datasheet
516Kb / 13P
   SMT Surface Mount
NQ10W50PKA07 SYNQOR-NQ10W50PKA07 Datasheet
617Kb / 14P
   SMT Surface Mount Package
logo
AVAGO TECHNOLOGIES LIMI...
HSMA-A401-U80M1 AVAGO-HSMA-A401-U80M1 Datasheet
197Kb / 10P
   SMT LED Surface Mount LED Indicator
HSMX-A4XX-XXXXX AVAGO-HSMX-A4XX-XXXXX Datasheet
1Mb / 9P
   SMT LED Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMC-A400-S30M1 BOARDCOM-HSMC-A400-S30M1 Datasheet
765Kb / 15P
   SMT LED Surface-Mount LED Indicator
logo
List of Unclassifed Man...
095516678XX741 ETC2-095516678XX741 Datasheet
171Kb / 8P
   Surface Mount Technology (SMT) board connectors
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A46X-XXXXX AVAGO-HSMX-A46X-XXXXX Datasheet
279Kb / 10P
   SMT LED Surface Mount LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com