Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NQ04T33HKA10OVS Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

Part # NQ04T33HKA10OVS
Description  SIP Single In-Line Package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ04T33HKA10OVS Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

Back Button NQ04T33HKA10OVS Datasheet HTML 2Page - SynQor Worldwide Headquarters NQ04T33HKA10OVS Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ04T33HKA10OVS Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ04T33HKA10OVS Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ04T33HKA10OVS Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ04T33HKA10OVS Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ04T33HKA10OVS Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ04T33HKA10OVS Datasheet HTML 9Page - SynQor Worldwide Headquarters NQ04T33HKA10OVS Datasheet HTML 10Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Input:
Input:
Outputs:
Outputs:
Current:
Current:
PPackage:
ackage:
3.0 - 5.5V
3.0 - 5.5V
0.9 - 3.3V
0.9 - 3.3V
10A
10A
SIP
SIP
Product # NQ04T33VKA10
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2NV4T3F Rev. A
09/06/05
Page 6
ELECTRICAL CHARACTERISTICS (continued) - NQ04T33VKA10 Series
Parameter
ModuleP
Min.
Typ.
Max.
Units Notes & Conditions
EFFICIENCY (cont.)
50% Load (3.3Vin\5Vin)
0.9V
87.5\85
%
Figures 1 - 4
1.0V
88\86
%
1.2V
90.5\87.5
%
1.5V
92\89
%
1.8V
93\91
%
2.5V
95\93
%
3.3V
95
%
TEMP. LIMITS FOR POWER DERATING
Semiconductor Junction Temperature
5
All
125
°C
Package rated to 150°C; Figures 5 - 14
Board Temperature
5
All
125
°C
UL rated max operating temp 130°C
FEATURE CHARACTERISTICS
Switching Frequency
All
265
300
330
kHz
May decrease by up to 30 kHz at -40°C
Negative Logic (O logic) ON/OFF Control
Figure A
Off-State Voltage
All
1.5
6.5
V
On-State Voltage
All
-3
0.6
V
Input Resistance
All
20
k
Positive Logic (P) ON/OFF Control
Open collector/drain input; Figure A
Logic Low Voltage Range
All
-0.2
1
V
Logic High Voltage Range (internal pullup)
All
2.2
Vin
V
Logic Low sink current
All
300
Vin/10K
550
µA
Logic High sink current (leakage)
All
10
µA
Output Voltage Trim Range
1,6,8
All
0.85
3.6
V
Measured Vout+ to common pins; Table 1
Output Voltage Remote Sense Range
1,7,8
All
+10
%
Measured Vout+ to common pins
Output Over-Voltage Protection
8
All
3.75
4.05
4.35
V
Over full temp range
Over-Temperature Shutdown
All
120
°C
Average PCB Temperature
Over-Temperature Shutdown Restart Hysteresis
All
5
°C
RELIABILITY CHARACTERISTICS
Calculated MTBF (Telcordia)
All
10.1
106 Hrs. TR-NWT-000332; 15A load, 200LFM, 40oC Ta
Calculated MTBF (MIL-217)
All
6.6
106 Hrs. MIL-HDBK-217F; 15A load, 200LFM, 40oC Ta
Field Demonstrated MTBF
All
106 Hrs. See our website for details
Note 1: Maintain a minimum of 0.4V headroom between input and output voltage to meet performance specifications.
Note 2: Tantalum or similar with additional ceramic as needed to reduce ripple current in external input capacitors. See Figure 26. When using more than
1000µF of output capacitance, input filter inductor should be reduced to <0.3µH or input capacitance should be increased to match output capacitance.
Consult factory for more demanding applications. Also refer to Application Considerations section of this datasheet.
Note 3: The over-current shutdown threshold for a short over-current pulse can be as high as 50A when trimming up a wide trim unit above 1.2V.
Note 4: When trimming a 0.9V unit to less than 0.88V with more than 1000µF of output capacitance, consult factory for trim circuit recommendations. This
also applies to trimming a 1.0V unit below 0.95V.
Note 5: Power derating curves are measured using an evaluation board consisting of 6 layers of 2 ounce copper.
Note 6: Wide trim option unit has a setpoint of 0.753V and a trim range of 0.85V-3.6V.
Note 7: In remote sense applications, when trimming down, the trim-down resistor should be connected to the sense pin for more accurate trimming results.
Note 8: User should allow sufficient transient response headroom between the module’s local output and the minimum OVP threshold.
Input:
Input:
Outputs:
Outputs:
Current:
Current:
PPackage:
ackage:
3.0 - 5.5V
3.0 - 5.5V
0.9 - 3.3V
0.9 - 3.3V
10A
10A
SIP
SIP
T
Technical S
echnical Specification
pecification


Similar Part No. - NQ04T33HKA10OVS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ04T33HMA16NRN SYNQOR-NQ04T33HMA16NRN Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04T33HMA16NRS SYNQOR-NQ04T33HMA16NRS Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04T33HMA16NVN SYNQOR-NQ04T33HMA16NVN Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04T33HMA16NVS SYNQOR-NQ04T33HMA16NVS Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04T33HMA16ORN SYNQOR-NQ04T33HMA16ORN Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
More results

Similar Description - NQ04T33HKA10OVS

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S2506 HAMAMATSU-S2506 Datasheet
107Kb / 2P
   Si PIN photodiode Plastic SIP (Single In-line Package)
logo
Bel Fuse Inc.
APC78156 BEL-APC78156 Datasheet
133Kb / 1P
   Quad Power Supply Controller for AC5 Single in-line package (SIP)
logo
Shindengen Electric Mfg...
D3SB60 SHINDENGEN-D3SB60_17 Datasheet
444Kb / 4P
   Single In-line Package
D4SBL20U SHINDENGEN-D4SBL20U_17 Datasheet
615Kb / 4P
   Single In-line Package
D15XBN20 SHINDENGEN-D15XBN20_17 Datasheet
573Kb / 4P
   Single In-line Package
UD2KB80 SHINDENGEN-UD2KB80_17 Datasheet
828Kb / 4P
   Single In-line Package
UD3KB80 SHINDENGEN-UD3KB80_17 Datasheet
821Kb / 4P
   Single In-line Package
D2SBA60 SHINDENGEN-D2SBA60_17 Datasheet
557Kb / 4P
   Single In-line Package
D5SB60 SHINDENGEN-D5SB60_17 Datasheet
440Kb / 4P
   Single In-line Package
D20XB60 SHINDENGEN-D20XB60_17 Datasheet
433Kb / 4P
   Single In-line Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com