Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NQ12T50SMA16 Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # NQ12T50SMA16
Description  16A Non-Isolated, SMT DC/DC Converter with wide trim
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ12T50SMA16 Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button NQ12T50SMA16 Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ12T50SMA16 Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ12T50SMA16 Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ12T50SMA16 Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ12T50SMA16 Datasheet HTML 9Page - SynQor Worldwide Headquarters NQ12T50SMA16 Datasheet HTML 10Page - SynQor Worldwide Headquarters NQ12T50SMA16 Datasheet HTML 11Page - SynQor Worldwide Headquarters NQ12T50SMA16 Datasheet HTML 12Page - SynQor Worldwide Headquarters NQ12T50SMA16 Datasheet HTML 13Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Product # NQ12T50SMA16
Phone 1-888-567-9596
Doc.# 005-2NS12TE Rev. A
5/28/04
Page 9
Performance Curves
9.6 - 14.4Vin 16A
Non-Isolated
Non-Isolated
SMT Converter
SMT Converter
0.0001
0.001
0.01
0.1
10
100
1,000
10,000
100,000
Hz
0.9 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
5.0 V
Figure 19: Magnitude of incremental output impedance (Zout =
vout/iout) for nominal input voltage at full rated power with 100µ F tan-
talum output capacitor.
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
100
1,000
10,000
100,000
Hz
0.9 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
5.0 V
Figure 20: Magnitude of incremental forward transmission (FT =
vout/vin) for nominal input voltage at full rated power with 100µ F tan-
talum output capacitor.
-25
-20
-15
-10
-5
0
5
10
10
100
1,000
10,000
100,000
Hz
0.9 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
5.0 V
Figure 21: Magnitude of incremental reverse transmission (RT =
iin/iout) for nominal input voltage at full rated power with 100µ F tanta-
lum output capacitor.
0.01
0.1
1
10
100
10
100
1,000
10,000
100,000
Hz
0.9 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
5.0 V
Figure 22: Magnitude of incremental input impedance (Zin = vin/iin)
for nominal input voltage at full rated power with 100µ F tantalum out-
put capacitor.
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
5
10
15
20
25
Load Current (A)
Figure 23: Output voltage vs. load current showing current limit incep-
tion point and fold-back current limit behavior.
Vout nominal
Vout nom / 2


Similar Part No. - NQ12T50SMA16

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
NQ10M250D HUBBELL-NQ10M250D Datasheet
276Kb / 2P
   Yellow Female Disconnect, #12 - 10 AWG
logo
SynQor Worldwide Headqu...
NQ10W50PKA07 SYNQOR-NQ10W50PKA07 Datasheet
617Kb / 14P
   SMT Surface Mount Package
NQ10W50PKA07QS1-G SYNQOR-NQ10W50PKA07QS1-G Datasheet
617Kb / 14P
   SMT Surface Mount Package
NQ10W50PKA07QS2-G SYNQOR-NQ10W50PKA07QS2-G Datasheet
617Kb / 14P
   SMT Surface Mount Package
NQ10W50PKA07QS3-G SYNQOR-NQ10W50PKA07QS3-G Datasheet
617Kb / 14P
   SMT Surface Mount Package
More results

Similar Description - NQ12T50SMA16

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NFA016 MURATA-PS-NFA016 Datasheet
505Kb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
NEA016 MURATA-PS-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NEA016 MURATA-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
NFA016 MURATA-NFA016 Datasheet
505Kb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
LSM16A-W3 MURATA-LSM16A-W3 Datasheet
350Kb / 12P
   Non-Isolated, Wide Input SMT DC/DC Converters
logo
SynQor Worldwide Headqu...
NQ04009VMA15NRS SYNQOR-NQ04009VMA15NRS Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
logo
Toppower Electronic Tec...
TP785.5-10 TOPPOWER-TP785.5-10 Datasheet
214Kb / 2P
   Wide Input&output Non-Isolated & Regulated DC/DC converter
logo
Bel Fuse Inc.
S7DB-12C1AH BEL-S7DB-12C1AH Datasheet
157Kb / 6P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57184N-516AF ISAHAYA-M57184N-516AF Datasheet
225Kb / 4P
   NON-ISOLATED DC-DC CONVERTER
logo
Emerson Network Power
NXI150 EMERSON-NETWORKPOWER-NXI150 Datasheet
247Kb / 4P
   non-isolated dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com