Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NQ12T50SMA16 Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # NQ12T50SMA16
Description  16A Non-Isolated, SMT DC/DC Converter with wide trim
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ12T50SMA16 Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  NQ12T50SMA16 Datasheet HTML 1Page - SynQor Worldwide Headquarters NQ12T50SMA16 Datasheet HTML 2Page - SynQor Worldwide Headquarters NQ12T50SMA16 Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ12T50SMA16 Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ12T50SMA16 Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ12T50SMA16 Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ12T50SMA16 Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ12T50SMA16 Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ12T50SMA16 Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Product # NQ12T50SMA16
Phone 1-888-567-9596
Doc.# 005-2NS12TE Rev. A
5/28/04
Page 4
Technical Specification
9.6 - 14.4Vin 16A
Non-Isolated
Non-Isolated
SMT Converter
SMT Converter
Parameter
Module
Min.
Typ.
Max.
Units Notes & Conditions
OUTPUT CHARACTERISTICS
Output Voltage Set Point
0.9V
0.888
0.900
0.912
V
12Vin; 50% load (all)
1.2V
1.184
1.200
1.216
V
1.5V
1.481
1.500
1.520
V
1.8V
1.777
1.800
1.823
V
2.5V
2.468
2.500
2.533
V
3.3V
3.257
3.300
3.343
V
5.0V
4.935
5.000
5.065
V
Output Voltage Regulation
Over Line
All
TBD
3
mV
Over Load
All
TBD
7
mV
with sense pin
Over Temperature
All
+0.50
+1.50
%
Total Output Voltage Range
0.9V
0.882
0.918
V
with sense pin, over sample, line, load,
1.2V
1.176
1.224
V
temperature & life (all)
1.5V
1.470
1.530
V
1.8V
1.764
1.836
V
2.5V
2.450
2.550
V
3.3V
3.234
3.366
V
5.0V
4.900
5.100
V
Output Voltage Ripple and Noise (pk-pk\RMS)
0.9-2.5V
25\10
40\12
mV
Full load;20MHz bandwidth; Figs 15, 18
3.3V
30\10
50\17
mV
5.0V
35\10
60\20
mV
Operating Output Current Range
All
0
16
A
Output DC Over-Current Shutdown
All
17
22
27
A
Figure 23
Output Capacitance Range
All
100
5,000
µF
>2.5 mW ESR
DYNAMIC CHARACTERISTICS
Input Voltage Ripple Rejection
0.9V
90
dB
120 Hz; Figure 20
5.0V
65
dB
Output Voltage during Load Current Transient
For a Step Change in Output Current (0.1A/µs)
All
40
75
mV
50%-75%-50%
Iout max, 100µF, Fig 13
For a Step Change in Output Current (3A/µs)
All
100
mV
50%-75%-50%
Iout max, 470µF, Fig 14
Settling Time
All
50
µs
to within 1.5% Vout nom., Figs 13-14
Turn-On Transient
Figures 11-12
Turn-On Time
0.9-1.5V
0.75
1.5
2.5
ms
Full resistive load, Vout=100% nom. (all)
1.8-5.0V
1
2
3
ms
Output Voltage Overshoot
All
0
1
%
resistive load
EFFICIENCY
100% Load
0.9V
83
%
Figures 1-4
1.2V
86
%
1.5V
88
%
1.8V
89
%
2.5V
92
%
3.3V
93
%
5.0V
94
%
50% Load
0.9V
87
%
Figures 1-4
1.2V
89
%
1.5V
91
%
1.8V
91
%
2.5V
93
%
3.3V
94
%
5.0V
95
%
TEMP. LIMITS FOR POWER DERATING
Semiconductor Junction Temperature
All
125
°C
Package rated to 150°C; Figs 5-10
Board Temperature
All
125
°C
UL rated max operating temp 130°C
ELECTRICAL CHARACTERISTICS (continued) - NQ12T50SMA16 Series


Similar Part No. - NQ12T50SMA16

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
NQ10M250D HUBBELL-NQ10M250D Datasheet
276Kb / 2P
   Yellow Female Disconnect, #12 - 10 AWG
logo
SynQor Worldwide Headqu...
NQ10W50PKA07 SYNQOR-NQ10W50PKA07 Datasheet
617Kb / 14P
   SMT Surface Mount Package
NQ10W50PKA07QS1-G SYNQOR-NQ10W50PKA07QS1-G Datasheet
617Kb / 14P
   SMT Surface Mount Package
NQ10W50PKA07QS2-G SYNQOR-NQ10W50PKA07QS2-G Datasheet
617Kb / 14P
   SMT Surface Mount Package
NQ10W50PKA07QS3-G SYNQOR-NQ10W50PKA07QS3-G Datasheet
617Kb / 14P
   SMT Surface Mount Package
More results

Similar Description - NQ12T50SMA16

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NFA016 MURATA-PS-NFA016 Datasheet
505Kb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
NEA016 MURATA-PS-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NEA016 MURATA-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
NFA016 MURATA-NFA016 Datasheet
505Kb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
LSM16A-W3 MURATA-LSM16A-W3 Datasheet
350Kb / 12P
   Non-Isolated, Wide Input SMT DC/DC Converters
logo
SynQor Worldwide Headqu...
NQ04009VMA15NRS SYNQOR-NQ04009VMA15NRS Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
logo
Toppower Electronic Tec...
TP785.5-10 TOPPOWER-TP785.5-10 Datasheet
214Kb / 2P
   Wide Input&output Non-Isolated & Regulated DC/DC converter
logo
Bel Fuse Inc.
S7DB-12C1AH BEL-S7DB-12C1AH Datasheet
157Kb / 6P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57184N-516AF ISAHAYA-M57184N-516AF Datasheet
225Kb / 4P
   NON-ISOLATED DC-DC CONVERTER
logo
Emerson Network Power
NXI150 EMERSON-NETWORKPOWER-NXI150 Datasheet
247Kb / 4P
   non-isolated dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com