Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NQ12012SMA16PSS Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # NQ12012SMA16PSS
Description  16A Non-Isolated, SMT DC/DC Converter with wide trim
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ12012SMA16PSS Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  NQ12012SMA16PSS Datasheet HTML 1Page - SynQor Worldwide Headquarters NQ12012SMA16PSS Datasheet HTML 2Page - SynQor Worldwide Headquarters NQ12012SMA16PSS Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ12012SMA16PSS Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ12012SMA16PSS Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ12012SMA16PSS Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ12012SMA16PSS Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ12012SMA16PSS Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ12012SMA16PSS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Product # NQ12T50SMA16
Phone 1-888-567-9596
Doc.# 005-2NS12TE Rev. A
5/28/04
Page 5
Technical Specification
9.6 - 14.4Vin 16A
Non-Isolated
Non-Isolated
SMT Converter
SMT Converter
STANDARDS COMPLIANCE
ParameterP
Notes
STANDARDS COMPLIANCE
UL/cUL 60950
File # E194341
EN60950
Certified by TUV
72/23/EEC
93/68/EEC
Needle Flame Test (IEC 695-2-2)
test on entire assembly; board & plastic components UL94V-0 compliant
IEC 61000-4-2
ESD test, 8kV - NP, 15kV air - NP (Normal Performance)
GR-1089-CORE
Section 7 - electrical safety, Section 9 - bonding/grounding
Telcordia (Bellcore) GR-513
• An external input fuse must always be used to meet these safety requirements. Contact SynQor for official safety
certificates on new releases or download from the SynQor website.
QUALIFICATION TESTING
ParameterP
# Units
Test Conditions
QUALIFICATION TESTING
Life Test
32
95% rated Vin and load, units at derating point, 1000 hours
Vibration
5
10-55Hz sweep, 0.060” total excursion,1 min./sweep, 120 sweeps for 3 axis
Mechanical Shock
5
100g minimum, 2 drops in x and y axis, 1 drop in z axis
Temperature Cycling
10
-40°C to 100°C, unit temp. ramp 15°C/min., 500 cycles
Power/Thermal Cycling
5
Toperating = min to max, Vin = min to max, full load, 100 cycles
Design Marginality
5
Tmin-10°C to Tmax+10°C, 5°C steps, Vin = min to max, 0-105% load
Humidity
5
85°C, 85% RH, 1000 hours, continuous Vin applied except 5min./day
Solderability
15 pins
MIL-STD-883, method 2003
Extensive characterization testing of all SynQor products and manufacturing processes is performed to ensure that we supply
robust, reliable product. Contact factory for official product family qualification document.
OPTIONS
SynQor provides various options for Packaging, Enable Logic,
and Feature Set for this family of DC/DC converters. Please con-
sult the last page of this specification sheet for information on
available options.
PATENTS
SynQor is protected under various patents, including but not lim-
ited to U.S. Patent numbers: 5,999,417; 6,222,742 B1;
6,594,159 B2; 6,545,890 B2.
ELECTRICAL CHARACTERISTICS (continued) - NQ12T50SMA16 Series
Parameter
Module
Min.
Typ.
Max.
Units Notes & Conditions
FEATURE CHARACTERISTICS
Switching Frequency
All
300
325
350
kHz
may drop by 10% at light load
ON/OFF Control
See Applications Information
Off-State Voltage
All
2.3
V
On-State Voltage
All
2.65
V
Pull-Up Voltage
All
Vin/2
V
Pull-Up Resistance
All
10
kW
Output Voltage Trim Range
All
-10
+10
%
Measured Vout+ to common pins; Table 1
Output Voltage Remote Sense Range
All
+10
%
Measured Vout+ to common pins
Output Over-Voltage Protection
0.9V
140
145
150
%
Over full temp range; % of nominal Vout
1.2-5.0V
118
127
140
%
Over-Temperature Shutdown
All
133
°C
Average PCB Temperature
Over-Temperature Shutdown Restart Hysteresis
All
12
°C
RELIABILITY CHARACTERISTICS
Calculated MTBF (Telcordia)
All
TBD
106 Hrs. TR-NWT-000332; 100% load, 200LFM, 40oC Ta
Calculated MTBF (MIL-217)
All
TBD
106 Hrs. MIL-HDBK-217F; 100% load, 200LFM, 40oC Ta
Field Demonstrated MTBF
All
106 Hrs. See website for latest values


Similar Part No. - NQ12012SMA16PSS

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
NQ10M250D HUBBELL-NQ10M250D Datasheet
276Kb / 2P
   Yellow Female Disconnect, #12 - 10 AWG
logo
SynQor Worldwide Headqu...
NQ10W50PKA07 SYNQOR-NQ10W50PKA07 Datasheet
617Kb / 14P
   SMT Surface Mount Package
NQ10W50PKA07QS1-G SYNQOR-NQ10W50PKA07QS1-G Datasheet
617Kb / 14P
   SMT Surface Mount Package
NQ10W50PKA07QS2-G SYNQOR-NQ10W50PKA07QS2-G Datasheet
617Kb / 14P
   SMT Surface Mount Package
NQ10W50PKA07QS3-G SYNQOR-NQ10W50PKA07QS3-G Datasheet
617Kb / 14P
   SMT Surface Mount Package
More results

Similar Description - NQ12012SMA16PSS

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NFA016 MURATA-PS-NFA016 Datasheet
505Kb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
NEA016 MURATA-PS-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NEA016 MURATA-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
NFA016 MURATA-NFA016 Datasheet
505Kb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
LSM16A-W3 MURATA-LSM16A-W3 Datasheet
350Kb / 12P
   Non-Isolated, Wide Input SMT DC/DC Converters
logo
SynQor Worldwide Headqu...
NQ04009VMA15NRS SYNQOR-NQ04009VMA15NRS Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
logo
Toppower Electronic Tec...
TP785.5-10 TOPPOWER-TP785.5-10 Datasheet
214Kb / 2P
   Wide Input&output Non-Isolated & Regulated DC/DC converter
logo
Bel Fuse Inc.
S7DB-12C1AH BEL-S7DB-12C1AH Datasheet
157Kb / 6P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57184N-516AF ISAHAYA-M57184N-516AF Datasheet
225Kb / 4P
   NON-ISOLATED DC-DC CONVERTER
logo
Emerson Network Power
NXI150 EMERSON-NETWORKPOWER-NXI150 Datasheet
247Kb / 4P
   non-isolated dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com