Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NQ04T33VKA10PRN Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # NQ04T33VKA10PRN
Description  SIP Single In-Line Package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ04T33VKA10PRN Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  NQ04T33VKA10PRN Datasheet HTML 1Page - SynQor Worldwide Headquarters NQ04T33VKA10PRN Datasheet HTML 2Page - SynQor Worldwide Headquarters NQ04T33VKA10PRN Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ04T33VKA10PRN Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ04T33VKA10PRN Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ04T33VKA10PRN Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ04T33VKA10PRN Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ04T33VKA10PRN Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ04T33VKA10PRN Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Input:
Input:
Outputs:
Outputs:
Current:
Current:
PPackage:
ackage:
3.0 - 5.5V
3.0 - 5.5V
0.9 - 3.3V
0.9 - 3.3V
10A
10A
SIP
SIP
T
Technical S
echnical Specification
pecification
Product # NQ04T33VKA10
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2NV4T3F Rev. A
09/06/05
Page 5
Parameter
Setpoint
Min.
Typ.
Max.
Units Notes & Conditions
OUTPUT CHARACTERISTICS
Output Voltage Set Point6 (50% load)
0.9V
0.884
0.900
0.917
V
See trim equation
1.0V
0.984
1.000
1.019
V
1.2V
1.181
1.200
1.221
V
1.5V
1.477
1.500
1.526
V
1.8V
1.773
1.800
1.831
V
2.5V
2.461
2.500
2.543
V
3.3V
3.242
3.300
3.358
V
Vin range 4.5V - 5.5V
Output Voltage Regulation
Over Line
All
-0.2
+0.1
0.2
%
Over Load
0.9V
+0.5
%
With sense pin
3.3V
+0.2
%
Over Temperature
All
-2.3
1.2
%
Total Output Voltage Range
0.9V
0.859
0.940
V
With sense pin, over sample, line, load, temp & life (all)
1.0V
0.957
1.044
V
1.2V
1.150
1.250
V
1.5V
1.438
1.563
V
1.8V
1.727
1.875
V
2.5V
2.397
2.605
V
3.3V
3.152
3.444
V
Output Voltage Ripple & Noise (3.3Vin)
All
15\6
35\12
Peak to peak\RMS; full load, 20MHz bandwidth
Output Voltage Ripple & Noise (5.0Vin)
All
25\9
60\20
mV
Figures 26 - 28
Operating Output Current Range
All
0
10
A
Output DC Over-Current Shutdown
3
All
11
18
25
A
Maximum Output Capacitance
2,4
All
4,000
µF
Derate startup load current per Figure 25
DYNAMIC CHARACTERISTICS
Input Voltage Ripple Rejection (3.3Vin)
0.9V
51
dB
120 Hz
2.5V
37
dB
Input Voltage Ripple Rejection (5.0Vin)
0.9V
56
dB
120 Hz
3.3V
39
dB
Output Voltage during Load Current Transient
For a Step Change Iout=0.1A/µs (3.3Vin\5Vin)
All
90\70
mV
10µF, Figures 15 & 17
For a Step Change Iout=3A/µs (3.3Vin\5Vin)
All
70\60
mV
470µF, Figures 16 & 18
Settling Time (3.3Vin\5Vin)
All
140\40
µs
To within 1.5% Vout nom., Figures 15 - 18
Turn-On Transient
Load current & capacitance per Figure 25
Turn-On Time
All
5.5
6.8
8.5
ms
Enable to Vout=100% nom., Figures 19 - 22
Start-Up Delay Time
0.9V
2.9
4.0
5.9
ms
Enable to 10%, Figure 23
3.3V
1.5
2.5
4.3
ms
Start-Up Rise Time
0.9V
1.7
2.5
3.9
ms
10% to 90%, Figure 24
3.3V
2.6
3.9
5.7
ms
Output Voltage Overshoot
All
0
%
Resistive load, up to 4,000 µF
EFFICIENCY
100% Load (3.3Vin\5Vin)
0.9V
86\85
%
Figures 1 - 4
1.0V
87\86
%
1.2V
88\87.5
%
1.5V
91\89
%
1.8V
92.5\91
%
2.5V
94.5\93
%
3.3V
94.5
%
ELECTRICAL CHARACTERISTICS (continued) - NQ04T33VKA10 Series


Similar Part No. - NQ04T33VKA10PRN

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ04T33VMA16 SYNQOR-NQ04T33VMA16 Datasheet
1Mb / 20P
   On-board input and output filter capacitor
NQ04T33VMA16NRN SYNQOR-NQ04T33VMA16NRN Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04T33VMA16NRS SYNQOR-NQ04T33VMA16NRS Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04T33VMA16NVN SYNQOR-NQ04T33VMA16NVN Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04T33VMA16NVS SYNQOR-NQ04T33VMA16NVS Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
More results

Similar Description - NQ04T33VKA10PRN

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S2506 HAMAMATSU-S2506 Datasheet
107Kb / 2P
   Si PIN photodiode Plastic SIP (Single In-line Package)
logo
Bel Fuse Inc.
APC78156 BEL-APC78156 Datasheet
133Kb / 1P
   Quad Power Supply Controller for AC5 Single in-line package (SIP)
logo
Shindengen Electric Mfg...
D3SB60 SHINDENGEN-D3SB60_17 Datasheet
444Kb / 4P
   Single In-line Package
D4SBL20U SHINDENGEN-D4SBL20U_17 Datasheet
615Kb / 4P
   Single In-line Package
D15XBN20 SHINDENGEN-D15XBN20_17 Datasheet
573Kb / 4P
   Single In-line Package
UD2KB80 SHINDENGEN-UD2KB80_17 Datasheet
828Kb / 4P
   Single In-line Package
UD3KB80 SHINDENGEN-UD3KB80_17 Datasheet
821Kb / 4P
   Single In-line Package
D2SBA60 SHINDENGEN-D2SBA60_17 Datasheet
557Kb / 4P
   Single In-line Package
D5SB60 SHINDENGEN-D5SB60_17 Datasheet
440Kb / 4P
   Single In-line Package
D20XB60 SHINDENGEN-D20XB60_17 Datasheet
433Kb / 4P
   Single In-line Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com