Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NQ04W33HMA16PRN-G Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part # NQ04W33HMA16PRN-G
Description  SIP DC/DC converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ04W33HMA16PRN-G Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button NQ04W33HMA16PRN-G Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ04W33HMA16PRN-G Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ04W33HMA16PRN-G Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ04W33HMA16PRN-G Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ04W33HMA16PRN-G Datasheet HTML 9Page - SynQor Worldwide Headquarters NQ04W33HMA16PRN-G Datasheet HTML 10Page - SynQor Worldwide Headquarters NQ04W33HMA16PRN-G Datasheet HTML 11Page - SynQor Worldwide Headquarters NQ04W33HMA16PRN-G Datasheet HTML 12Page - SynQor Worldwide Headquarters NQ04W33HMA16PRN-G Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Input:
Input:
Outputs:
Outputs:
Current:
Current:
PPackage:
ackage:
3.0 - 6.0V
3.0 - 6.0V
0.75 - 3.6V
0.75 - 3.6V
16A
16A
SIP
SIP
T
Technical S
echnical Specification
pecification
Product # NQ04W33xMA16
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2NV4V3E Rev. B
11/26/07
Page 10
BASIC OPERATION AND FEATURES
The NiQor series non-isolated converter uses a buck-converter
that keeps the output voltage constant over variations in line,
load, and temperature. The NiQor modules employ synchronous
rectification for very high efficiency.
Dissipation throughout the converter is so low that it does not
require a heatsink or metal baseplate for operation. The NiQor
converter can thus be built more simply and reliably using high
yield surface mount techniques on a single PCB substrate.
The NiQor series of SIPs and SMT converters uses the established
industry standard footprint and pin-out configurations.
CONTROL FEATURES
REMOTE ON/OFF: The ON/OFF input permits the user to con-
trol when the converter is on or off. There are currently two
options available for the ON/OFF input described in the table
below. Others may become available if demand exists.
OUTPUT VOLTAGE TRIM: The TRIM input permits the user to
adjust the output voltage according to the trim range specifica-
tions by using an external resistor. If the TRIM feature is not being
used, leave the TRIM pin disconnected.
TRIM-UP: To increase the output voltage from the nominal set-
point of 0.7525V using an external resistor, connect the resistor
Rtrim-up between the TRIM and the Ground pin according to the
diagram below.
For a desired increase of the nominal output voltage, the value of
the resistor should be:
To maintain the accuracy of the output voltage over load current,
it is vital that any trim-up resistor be terminated directly to the con-
verter's ground foot, not at the connection to the load. A sepa-
rate Kelvin connection to the PCB pad for the ground foot is opti-
mal. Trim-down resistors should be terminated at the converter's
Sense+ pin.
We do not recommend bypassing the trim pin directly to ground
with a capacitor. The voltage gain from the trim pin to output is
rather large, 15:1. Ground bounce through a bypass capacitor
could introduce significant noise to the converter's control circuit.
PROTECTION FEATURES
Input Under-Voltage Lockout: The converter is designed to
turn off when the input voltage is too low, helping avoid an input
system instability problem, described in more detail in the appli-
cation note titled “Input System Instability”. The lockout circuitry
is a comparator with DC hysteresis. When the input voltage is
rising, it must exceed the typical Turn-On Voltage Threshold value
(listed on the specification page) before the converter will turn
on. Once the converter is on, the input voltage must fall below
the typical Turn-Off Voltage Threshold value before the converter
will turn off.
Output Current Limiting: To provide protection in an output
over load fault condition, the unit is equipped with internal over-
current protection. When the over-current protection is triggered,
the unit enters hiccup mode. The units operate normally once the
fault condition is removed.
Internal Over-Voltage Protection: To fully protect from
excessive output voltage, the NQ04 series contains an Output
Over-Voltage Shutdown circuitry.
This OVP is independent of the trimmed setpoint. As such, the
converter's load is protected from faults in the external trim cir-
cuitry (such as a trim pin shorted to ground). Since the setpoint
of this OVP does not track trim, it is set at 4.2V, in the wide-trim
W33 model.
Rtrim-up
Vin
On/Off
Vout
Sense+
Trim
Gnd
(W)
Rtrim-up =
where
VDES = Desired Output Voltage
VDES - 0.7525
21070
_ 5110
(W)
VOUT =
21070
Rtrim-up + 5110
or
0.7525 +
Option
Description
Pin-Open
Float
Voltage
Pin-Open
Converter
State
Pin Action
P Logic
Positive/Open
5
On
Pull Low = Off
O Logic
Negative/Open
0
On
Pull High = Off


Similar Part No. - NQ04W33HMA16PRN-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ04W33HKA10ORN-G SYNQOR-NQ04W33HKA10ORN-G Datasheet
527Kb / 13P
   SIP Single Inline Pins
NQ04W33HKA10ORS-G SYNQOR-NQ04W33HKA10ORS-G Datasheet
527Kb / 13P
   SIP Single Inline Pins
NQ04W33HKA10PRN-G SYNQOR-NQ04W33HKA10PRN-G Datasheet
527Kb / 13P
   SIP Single Inline Pins
NQ04W33HKA10PRS-G SYNQOR-NQ04W33HKA10PRS-G Datasheet
527Kb / 13P
   SIP Single Inline Pins
More results

Similar Description - NQ04W33HMA16PRN-G

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MA03 MINMAX-MA03_16 Datasheet
551Kb / 4P
   DC/DC CONVERTER 3W, SIP-Package
MAU100 MINMAX-MAU100_16 Datasheet
579Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S DELTA-PB01S Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Murata Power Solutions ...
HPR203 MURATA-PS-HPR203 Datasheet
97Kb / 3P
   HPR203 MINIATURE SIP DC/DC CONVERTER
logo
Minmax Technology Co., ...
MAW01 MINMAX-MAW01_16 Datasheet
577Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PG02S DELTA-PG02S_14 Datasheet
280Kb / 6P
   2W DC/DC CONVERTER, SIP-Package
PG02S DELTA-PG02S Datasheet
332Kb / 5P
   2W DC/DC CONVERTER, SIP-Package
logo
CUI INC
VHS1-S5-S5-SIP CUI-VHS1-S5-S5-SIP_11 Datasheet
147Kb / 3P
   VHS1-SIP Series Dc-Dc Converter
logo
MORNSUN Science& Techno...
E0305KS-1W5 MORNSUN-E0305KS-1W5 Datasheet
166Kb / 2P
   OUTPUT SIP PACKAGE DC-DC CONVERTER
WRD050505S-1W MORNSUN-WRD050505S-1W Datasheet
123Kb / 2P
   TWIN OUTPUT SIP DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com