Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NQ16W50XMA16 Datasheet(PDF) 8 Page - SynQor Worldwide Headquarters

Part # NQ16W50XMA16
Description  SIP Single Inline Pins
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ16W50XMA16 Datasheet(HTML) 8 Page - SynQor Worldwide Headquarters

Back Button NQ16W50XMA16 Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ16W50XMA16 Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ16W50XMA16 Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ16W50XMA16 Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ16W50XMA16 Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ16W50XMA16 Datasheet HTML 9Page - SynQor Worldwide Headquarters NQ16W50XMA16 Datasheet HTML 10Page - SynQor Worldwide Headquarters NQ16W50XMA16 Datasheet HTML 11Page - SynQor Worldwide Headquarters NQ16W50XMA16 Datasheet HTML 12Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Product # NQ16W50xMA16
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2NV12WE Rev. B
11/26/07
Page 8
Input:
Input:
Outputs:
Outputs:
Current:
Current:
PPackage:
ackage:
6.0 - 16.0V
6.0 - 16.0V
0.75 - 5.0V
0.75 - 5.0V
16A
16A
SIP
SIP
T
Technical S
echnical Specification
pecification
0.0001
0.001
0.01
0.1
1
10
100
1,000
10,000
100,000
Hz
5.0 Vout
1.8 Vout
0.9 Vout
Figure 17: Magnitude of incremental output impedance (Zout =
vout/iout) for nominal input voltage at full rated power.
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
100
1,000
10,000
100,000
1,000,000
Hz
5.0 Vout
1.8 Vout
0.9 Vout
Figure 18: Magnitude of incremental forward transmission (FT =
vout/vin) for nominal input voltage at full rated power.
Figure 13: Test set-up diagram showing measurement points for Input
Reflected Ripple Current (Figure 14), Input Terminal Ripple Voltage
(Figure 15), and Output Voltage Ripple (Figure 16).
Figure 14: Input Reflected Ripple Current, is, through a 1 µ H source
inductor at nominal input voltage and rated load current (100 mA/div).
See Figure 13.
Figure 15: Input Terminal Ripple Voltage at nominal input voltage and
rated load current (200 mV/div). Load capacitance: 22µ F ceramic cap.
Bandwidth: 20 MHz. See Figure 13.
Figure 16: Output Voltage Ripple at nominal input voltage and rated
load current (50 mV/div). Load capacitance: 22µ F ceramic cap.
Bandwidth: 20 MHz. See Figure 13.
1.8Vout
3.3Vout
5.0Vout
0.9Vout
1.8Vout
3.3Vout
5.0Vout
0.9Vout
1.8Vout
3.3Vout
5.0Vout
0.9Vout
1 µH
source
impedance
See Fig. 14
See Fig. 15
See Fig. 16
22 µF
ceramic
capacitor
C*
VSOURCE
i
S
VOUT
VIN
* See values for recommended external input capacitance.
Inductor optional as needed.
DC/DC
Converter


Similar Part No. - NQ16W50XMA16

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ16W50XKA10 SYNQOR-NQ16W50XKA10 Datasheet
538Kb / 13P
   SIP Single Inline Pins
More results

Similar Description - NQ16W50XMA16

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ04W33XKA10 SYNQOR-NQ04W33XKA10 Datasheet
527Kb / 13P
   SIP Single Inline Pins
NQ16W50XKA10 SYNQOR-NQ16W50XKA10 Datasheet
538Kb / 13P
   SIP Single Inline Pins
logo
Yamaichi Electronics Co...
IC70-0726-G4 YAMAICHI-IC70-0726-G4 Datasheet
40Kb / 1P
   Single Inline Package (SIP)
logo
Hamamatsu Corporation
S8673 HAMAMATSU-S8673 Datasheet
125Kb / 2P
   One-dimensional PSD using SIP (Single Inline Package)
logo
Yamaichi Electronics Co...
IC-657-1-MF YAMAICHI-IC-657-1-MF Datasheet
82Kb / 1P
   Dual Inline Memory Module 144, 172 and 200 Pins
logo
Picker Components
S1A050000 PICKER-S1A050000 Datasheet
154Kb / 2P
   Single Inline Pack Reed Relay
logo
Yamaichi Electronics Co...
IC-176-4-MF YAMAICHI-IC-176-4-MF Datasheet
69Kb / 2P
   Single Inline Memory Module (SIMM)
logo
Guangzhou Reicu Electro...
K78X2-500 REICU-K78X2-500 Datasheet
281Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
K78X2M-1000 REICU-K78X2M-1000 Datasheet
231Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
K7803-1000 REICU-K7803-1000 Datasheet
182Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com