Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NQ04T33VKA10OVN Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # NQ04T33VKA10OVN
Description  SIP Single In-Line Package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ04T33VKA10OVN Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  NQ04T33VKA10OVN Datasheet HTML 1Page - SynQor Worldwide Headquarters NQ04T33VKA10OVN Datasheet HTML 2Page - SynQor Worldwide Headquarters NQ04T33VKA10OVN Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ04T33VKA10OVN Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ04T33VKA10OVN Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ04T33VKA10OVN Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ04T33VKA10OVN Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ04T33VKA10OVN Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ04T33VKA10OVN Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Input:
Input:
Outputs:
Outputs:
Current:
Current:
PPackage:
ackage:
3.0 - 5.5V
3.0 - 5.5V
0.9 - 3.3V
0.9 - 3.3V
10A
10A
SIP
SIP
T
Technical S
echnical Specification
pecification
Product # NQ04T33VKA10
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2NV4T3F Rev. A
09/06/05
Page 4
Parameter
Setpoint
Min.
Typ.
Max.
Units Notes & Conditions
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Non-Operating
All
6.0
V
Continuous
Operating
All
3.0
5.5
V
Continuous
Operating Transient Protection
All
7.0
V
100ms transient
Operating Temperature
All
-40
105
°C
Storage Temperature
All
-55
125
°C
Voltage at ON/OFF input pin (N, O options)
All
-3
6.5
V
Negative/Open logic
Voltage at ON/OFF input pin (P option)
All
-0.5
Vin + 0.3
V
Positive/Open logic
INPUT CHARACTERISTICS
Operating Input Voltage Range
1
0.9-2.5V
3.0
3.3-5.0
5.5
V
See notes on Page 6
3.3V
4.5
5.0
5.5
V
Input Under-Voltage Lockout
1
Turn-On Voltage Threshold
0.9-2.5V
1.9
2.4
2.85
V
Turn-On Voltage Threshold
3.3V
4.1
4.3
4.5
V
Turn-Off Voltage Threshold
0.9-2.5V
1.9
2.3
2.85
V
Turn-Off Voltage Threshold
3.3V
3.5
3.7
4.0
V
Maximum Input Current (3.0Vin\4.5Vin)
0.9V
3.9\2.6
A
100% Load, full temp range, for all voltages
1.0V
4.3\2.9
A
1.2V
5.0\3.4
A
1.5V
5.9\4.0
A
1.8V
7.0\4.7
A
2.5V
9.3\6.3
A
3.3V
8.1
A
3.3Vout at 4.5Vin only
No-Load Input Current (3.3Vin)
0.9-2.5V
80
105
mA
No-Load Input Current (5.0Vin)
0.9-2.5V
100
130
mA
3.3V
80
105
mA
Disabled Input Current
0.9-2.5V
15
25
mA
3.3V
10
20
mA
Inrush Current Transient Rating
All
0.1
A2s
Response to Input Transient (3.3Vin)
0.9V
130
mV/V
50mV/µs input transient (all)
2.5V
250
mV/V
Response to Input Transient (5.0 Vin)
0.9V
75
mV/V
3.3V
200
mV/V
Input Reflected-Ripple Current (3.3Vin)
0.9-1.8V
134
mA
Peak to peak through 1µH inductor
2.5V
84
mA
Input Reflected-Ripple Current (5.0Vin)
0.9,1.0V
109
mA
Peak to peak through 1µH inductor
1.2,3.3V
125
mA
1.5-2.5V
147
mA
Input Terminal Ripple Current (3.3Vin)
0.9-1.8V
2.0
A
RMS; 200µF/50m
input cap.
2.5V
1.4
A“
Input Terminal Ripple Current (5.0Vin)
0.9,1.0V
1.7
A
RMS 200µF/50m
input cap.
1.2,1.5V
2.0
A“
1.8,2.5V
2.3
A
3.3V
2.0
A
Recommended Input Fuse
All
20
A
Fast blow external fuse recommended
Input Filter Capacitor Value
All
40
µF
Internal ceramic
Input Ripple Voltage (3.3Vin)
0.9,2.5V
84
mV
RMS, full load, 200
µF/50m
input cap.
1.0-1.8V
94
mV
Input Ripple Voltage (5.0Vin)
0.9-1.2V
75
mV
RMS, full load, 200
µF/50m
input cap.
1.5,1.8V
88
mV
2.5,3.3V
94
mV
Recommended External Input Capacitance2
All
200
µF
Net 50m
ESR
ELECTRICAL CHARACTERISTICS - NQ04T33VKA10 Series
Vin=3.3Vdc and 5.0Vdc except 3.3Vout units where Vin=5.0V; TA=25°C, airflow rate=300 LFM unless otherwise noted; full operating tem-
perature range is -40°C to +105°C ambient temp with appropriate power derating. Specifications subject to change without notice.


Similar Part No. - NQ04T33VKA10OVN

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ04T33VMA16 SYNQOR-NQ04T33VMA16 Datasheet
1Mb / 20P
   On-board input and output filter capacitor
NQ04T33VMA16NRN SYNQOR-NQ04T33VMA16NRN Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04T33VMA16NRS SYNQOR-NQ04T33VMA16NRS Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04T33VMA16NVN SYNQOR-NQ04T33VMA16NVN Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04T33VMA16NVS SYNQOR-NQ04T33VMA16NVS Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
More results

Similar Description - NQ04T33VKA10OVN

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S2506 HAMAMATSU-S2506 Datasheet
107Kb / 2P
   Si PIN photodiode Plastic SIP (Single In-line Package)
logo
Bel Fuse Inc.
APC78156 BEL-APC78156 Datasheet
133Kb / 1P
   Quad Power Supply Controller for AC5 Single in-line package (SIP)
logo
Shindengen Electric Mfg...
D3SB60 SHINDENGEN-D3SB60_17 Datasheet
444Kb / 4P
   Single In-line Package
D4SBL20U SHINDENGEN-D4SBL20U_17 Datasheet
615Kb / 4P
   Single In-line Package
D15XBN20 SHINDENGEN-D15XBN20_17 Datasheet
573Kb / 4P
   Single In-line Package
UD2KB80 SHINDENGEN-UD2KB80_17 Datasheet
828Kb / 4P
   Single In-line Package
UD3KB80 SHINDENGEN-UD3KB80_17 Datasheet
821Kb / 4P
   Single In-line Package
D2SBA60 SHINDENGEN-D2SBA60_17 Datasheet
557Kb / 4P
   Single In-line Package
D5SB60 SHINDENGEN-D5SB60_17 Datasheet
440Kb / 4P
   Single In-line Package
D20XB60 SHINDENGEN-D20XB60_17 Datasheet
433Kb / 4P
   Single In-line Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com