Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NQ12T50SMA16PSS Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # NQ12T50SMA16PSS
Description  16A Non-Isolated, SMT DC/DC Converter with wide trim
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ12T50SMA16PSS Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  NQ12T50SMA16PSS Datasheet HTML 1Page - SynQor Worldwide Headquarters NQ12T50SMA16PSS Datasheet HTML 2Page - SynQor Worldwide Headquarters NQ12T50SMA16PSS Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ12T50SMA16PSS Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ12T50SMA16PSS Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ12T50SMA16PSS Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ12T50SMA16PSS Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ12T50SMA16PSS Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ12T50SMA16PSS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Product # NQ12T50SMA16
Phone 1-888-567-9596
Doc.# 005-2NS12TE Rev. A
5/28/04
Page 1
Technical Specification
9.6 - 14.4Vin 16A
Non-Isolated
Non-Isolated
SMT Converter
SMT Converter
The NiQorSMT DC/DC converter is a non-isolat-
ed buck regulator, which employs synchronous rec-
tification to achieve extremely high conversion effi-
ciency. The NiQor family of converters are used
predominately in DPA systems using a front end
DC/DC high power brick (48Vin to low voltage bus).
The non-isolated NiQor converters are then used at
the point of load to create the low voltage outputs
required by the design. The wide trim module can
be programmed to a variety of output voltages
through the use of a single external resistor.
16A Non-Isolated, SMT DC/DC Converter with wide trim
NQ12T50SMA16 wide trim module
Mechanical Features
• Industry standard SMT pin-out configuration
• Industry standard size: 1.3” x 0.53” x 0.29” (33 x
13.5 x 7.3 mm)
• Total weight: 0.18 oz. (5 grams), lower mass greatly
reduces vibration and shock problems
• Open frame construction maximizes air flow cooling
• Also available in SIP packaging
Safety Features
• UL 1950 recognized (US & Canada)
• TUV certified to EN60950
• Meets 72/23/EEC and 93/68/EEC directives
which facilitates CE Marking in user’s end product
• Board and plastic components meet UL94V-0 flam-
mability requirements
Operational Features
• Ultra-high efficiency, up to 95% at full and half load
• Delivers 16 amps of output current with minimal der-
ating - no heatsink required
• Input voltage range: 9.6 - 14.4V
• Programmable output voltages from 0.85 - 5.0V
• On-board input and output filter capacitor
• No minimum load requirement means no preload
resistors required
Protection Features
• Input under-voltage lockout disables converter at
low input voltage conditions
• Temperature compensated over-current shutdown
protects converter from excessive load current or
short circuits
• Output over-voltage protection protects load from
damaging voltages
• Thermal shutdown
Control Features
• On/Off control
• Remote sense
• Output voltage trim (industry standard) permits cus-
tom voltages and voltage margining
• Fixed output voltage modules available (0.9 - 5.0V)
Non-Isolated
Non-Isolated


Similar Part No. - NQ12T50SMA16PSS

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
NQ10M250D HUBBELL-NQ10M250D Datasheet
276Kb / 2P
   Yellow Female Disconnect, #12 - 10 AWG
logo
SynQor Worldwide Headqu...
NQ10W50PKA07 SYNQOR-NQ10W50PKA07 Datasheet
617Kb / 14P
   SMT Surface Mount Package
NQ10W50PKA07QS1-G SYNQOR-NQ10W50PKA07QS1-G Datasheet
617Kb / 14P
   SMT Surface Mount Package
NQ10W50PKA07QS2-G SYNQOR-NQ10W50PKA07QS2-G Datasheet
617Kb / 14P
   SMT Surface Mount Package
NQ10W50PKA07QS3-G SYNQOR-NQ10W50PKA07QS3-G Datasheet
617Kb / 14P
   SMT Surface Mount Package
More results

Similar Description - NQ12T50SMA16PSS

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NFA016 MURATA-PS-NFA016 Datasheet
505Kb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
NEA016 MURATA-PS-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NEA016 MURATA-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
NFA016 MURATA-NFA016 Datasheet
505Kb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
LSM16A-W3 MURATA-LSM16A-W3 Datasheet
350Kb / 12P
   Non-Isolated, Wide Input SMT DC/DC Converters
logo
SynQor Worldwide Headqu...
NQ04009VMA15NRS SYNQOR-NQ04009VMA15NRS Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
logo
Toppower Electronic Tec...
TP785.5-10 TOPPOWER-TP785.5-10 Datasheet
214Kb / 2P
   Wide Input&output Non-Isolated & Regulated DC/DC converter
logo
Bel Fuse Inc.
S7DB-12C1AH BEL-S7DB-12C1AH Datasheet
157Kb / 6P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57184N-516AF ISAHAYA-M57184N-516AF Datasheet
225Kb / 4P
   NON-ISOLATED DC-DC CONVERTER
logo
Emerson Network Power
NXI150 EMERSON-NETWORKPOWER-NXI150 Datasheet
247Kb / 4P
   non-isolated dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com