Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NQ16W50HKA10ORN Datasheet(PDF) 7 Page - SynQor Worldwide Headquarters

Part # NQ16W50HKA10ORN
Description  SIP Single Inline Pins
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ16W50HKA10ORN Datasheet(HTML) 7 Page - SynQor Worldwide Headquarters

Back Button NQ16W50HKA10ORN Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ16W50HKA10ORN Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ16W50HKA10ORN Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ16W50HKA10ORN Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ16W50HKA10ORN Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ16W50HKA10ORN Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ16W50HKA10ORN Datasheet HTML 9Page - SynQor Worldwide Headquarters NQ16W50HKA10ORN Datasheet HTML 10Page - SynQor Worldwide Headquarters NQ16W50HKA10ORN Datasheet HTML 11Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Product # NQ16W50xKA10
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2NK12WE Rev. A
11/26/07
Page 7
Input:
Input:
Outputs:
Outputs:
Current:
Current:
PPackage:
ackage:
6.0 - 16.0V
6.0 - 16.0V
0.75 - 5.0V
0.75 - 5.0V
10A
10A
SIP
SIP
T
Technical S
echnical Specification
pecification
Figure 11: Output voltage response for 0.9V, 1.8V, 5V units to step-change in
load current (50-75-50% of Iout max; di/dt=0.1A/µ s). Load cap: 100µ F,
100m
W ESR tant, 10µ F cer. Ch 1: Iout (10A/div), Ch 2-4: Vout (100mV/div).
Figure 12: Output voltage response for 0.9V, 1.8V, 5V units to step-change in
load current (50-75-50% of Iout max; di/dt=3A/µ s). Load cap: 470µ F, 100m
W
ESR tant, 10µ F cer. Ch 1: Iout (10A/div), Ch 2-4: Vout (100mV/div).
0
2
4
6
8
10
12
0
25
40
55
70
85
Ambient Air Temperature (°C)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
Figure 7: Maximum output power derating curves for 3.3Vo, 5.0Vo
units under various thermal conditions and nominal input voltage.
Figure 8: Thermal plot of 3.3Vo, 5.0Vo converters at nominal Vin and
10 amp load current mounted on a 70°C, 6-Layer, 2 oz. copper board
(typical installation).
Figure 9: Turn-on transient at full load (resistive load) (2 ms/div).
Ch 1: ON/OFF input (5V/div)
Ch 2-4: Vout (1V/div)
Figure 10: Turn-on transient at zero load (2 ms/div).
Ch 1: ON/OFF input (5V/div)
Ch 2-4: Vout (1V/div)
Semiconductor junction temperature is
within 1°C of surface temperature
1.8Vout
5.0Vout
3.3Vout
on/off
0.9Vout
1.8Vout
5.0Vout
3.3Vout
on/off
0.9Vout
1.8Vout
0.9Vout
5.0Vout
1.8Vout
0.9Vout
5.0Vout
Iout
Iout


Similar Part No. - NQ16W50HKA10ORN

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ16W50HMA16ORN-G SYNQOR-NQ16W50HMA16ORN-G Datasheet
539Kb / 13P
   SIP Single Inline Pins
NQ16W50HMA16ORS-G SYNQOR-NQ16W50HMA16ORS-G Datasheet
539Kb / 13P
   SIP Single Inline Pins
NQ16W50HMA16PRN-G SYNQOR-NQ16W50HMA16PRN-G Datasheet
539Kb / 13P
   SIP Single Inline Pins
NQ16W50HMA16PRS-G SYNQOR-NQ16W50HMA16PRS-G Datasheet
539Kb / 13P
   SIP Single Inline Pins
More results

Similar Description - NQ16W50HKA10ORN

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ04W33XKA10 SYNQOR-NQ04W33XKA10 Datasheet
527Kb / 13P
   SIP Single Inline Pins
NQ16W50XMA16 SYNQOR-NQ16W50XMA16 Datasheet
539Kb / 13P
   SIP Single Inline Pins
logo
Yamaichi Electronics Co...
IC70-0726-G4 YAMAICHI-IC70-0726-G4 Datasheet
40Kb / 1P
   Single Inline Package (SIP)
logo
Hamamatsu Corporation
S8673 HAMAMATSU-S8673 Datasheet
125Kb / 2P
   One-dimensional PSD using SIP (Single Inline Package)
logo
Yamaichi Electronics Co...
IC-657-1-MF YAMAICHI-IC-657-1-MF Datasheet
82Kb / 1P
   Dual Inline Memory Module 144, 172 and 200 Pins
logo
Picker Components
S1A050000 PICKER-S1A050000 Datasheet
154Kb / 2P
   Single Inline Pack Reed Relay
logo
Yamaichi Electronics Co...
IC-176-4-MF YAMAICHI-IC-176-4-MF Datasheet
69Kb / 2P
   Single Inline Memory Module (SIMM)
logo
Guangzhou Reicu Electro...
K78X2-500 REICU-K78X2-500 Datasheet
281Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
K78X2M-1000 REICU-K78X2M-1000 Datasheet
231Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
K7803-1000 REICU-K7803-1000 Datasheet
182Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com