Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NQ20T20QGC40NNS-G Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # NQ20T20QGC40NNS-G
Description  Quarter-brick DC-DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ20T20QGC40NNS-G Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  NQ20T20QGC40NNS-G Datasheet HTML 1Page - SynQor Worldwide Headquarters NQ20T20QGC40NNS-G Datasheet HTML 2Page - SynQor Worldwide Headquarters NQ20T20QGC40NNS-G Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ20T20QGC40NNS-G Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ20T20QGC40NNS-G Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ20T20QGC40NNS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ20T20QGC40NNS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ20T20QGC40NNS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ20T20QGC40NNS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Technical
Specification
NQ20x20QGC40
Product # NQ20x20QGC40
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-NQ2020W Rev. B
03/06/09
Page 1
The NiQor® quarter-brick dc-dc converter is a non-isolated
buck-boost regulator, which employs synchronous
rectification to achieve extremely high conversion efficiency.
The High Input Voltage NiQor Brick family of converters can
be used in traditional DPA (distributed power architecture)
systems or provide a regulated output voltage from a
battery source or other variable voltage source. The NiQor
Brick family can be configured to Buck the input voltage
down to a lower voltage or Boost the input voltage up to
a higher voltage using a single external resistor. These
modules are RoHS 6/6 compliant (see last page).
NiQor quarter-brick module
Non-Isolated
•Ultrahighefficiency,upto95%atfullratedload
•Deliversupto40Aofoutputcurrent
•InputVoltageRange:9-20V
•Outputvoltagerange:0-20V(negativeoutputispossible)
•Extensiveon-boardinputandoutputfiltering
•Nominimumloadrequirementmeansnopreload
resistors required
•Buckorbuck-boostversionsavailable
•Adjustablecurrentlimitwithcurrentmonitor(Coption)
Operational Features
•Inputunder-voltagelockoutprotectstheconverteratlow
input voltage conditions
•Over-currentshutdownprotectsconverterfromexcessive
load current or short circuits
•Input/outputover-voltageprotectionprotectsload
and regulator from damaging voltages
•Thermalshutdownprotectsconverterfromabnormal
environmental conditions
Protection Features
•UL/cUL60950-1recognized(US&Canada)
•TUVcertifiedtoEN60950-1
•BoardandplasticcomponentsmeetUL94V-0
flammability requirements
Safety Features
•Industrystandardquarter-brickpin-outconfiguration
•Size:1.54"x2.39"(39x60.6mm)
•Totalheightonly0.515"(13.08mm)
•Totalweight:3oz(85g)
Mechanical Features
•On/Offcontrol
•Outputvoltagetrimpermitscustomvoltages
•RemoteSense(Soption,standard)
•Currentlimittrim(Coption)
Control Features
9 - 20 V
0 - 20 V
40 A
Non-
Quarter-brick
Continuous Input
Outputs
Current
Isolated
DC-DC Converter


Similar Part No. - NQ20T20QGC40NNS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ20T20EGC10NKC-G SYNQOR-NQ20T20EGC10NKC-G Datasheet
711Kb / 9P
   Eighth-brick DC-DC Converter
NQ20T20EGC10NKS-G SYNQOR-NQ20T20EGC10NKS-G Datasheet
711Kb / 9P
   Eighth-brick DC-DC Converter
NQ20T20EGC10NNC-G SYNQOR-NQ20T20EGC10NNC-G Datasheet
711Kb / 9P
   Eighth-brick DC-DC Converter
NQ20T20EGC10NNS-G SYNQOR-NQ20T20EGC10NNS-G Datasheet
711Kb / 9P
   Eighth-brick DC-DC Converter
NQ20T20EGC10NRC-G SYNQOR-NQ20T20EGC10NRC-G Datasheet
711Kb / 9P
   Eighth-brick DC-DC Converter
More results

Similar Description - NQ20T20QGC40NNS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com