Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NQ20W20EGC10NNC-G Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # NQ20W20EGC10NNC-G
Description  Eighth-brick DC-DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ20W20EGC10NNC-G Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  NQ20W20EGC10NNC-G Datasheet HTML 1Page - SynQor Worldwide Headquarters NQ20W20EGC10NNC-G Datasheet HTML 2Page - SynQor Worldwide Headquarters NQ20W20EGC10NNC-G Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ20W20EGC10NNC-G Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ20W20EGC10NNC-G Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ20W20EGC10NNC-G Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ20W20EGC10NNC-G Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ20W20EGC10NNC-G Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ20W20EGC10NNC-G Datasheet HTML 9Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Product # NQ20x20EGC10
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-NG2020W Rev. C
03/06/09
Page 2
Input:
Outputs:
Current:
Package:
9 - 20 V
0 - 20 V
10 A
Eighth-brick
Technical Specification
MECHANICALDIAGRAM
PIN DESIGNATIONS
Notes:
1. SENSE(–) should be connected to Vout(–) either remotely or at the converter.
2. SENSE(+) should be connected to Vout(+) either remotely or at the converter.
NOTES
1) Pins 1-3, 5-7 are 0.040" (1.02 mm) diameter. with 0.080"
(2.03mm) diameter standoff shoulders.
2) Pins 4 and 8 are 0.062” (1.57 mm) diameter with 0.100"
(2.54 mm) diameter standoff shoulders.
3) Other pin extension lengths available. Recommended pin length
is 0.03" (0.76 mm) greater than the PCB thickness.
4) All Pins: Material - Copper Alloy
Finish - Matte Tin over Nickel plate
5) Undimensioned components are shown for visual reference only.
6) All dimensions in inches (mm)
Tolerances: x.xx ±0.02" (x.x ±0.5 mm)
x.xxx ±0.010” (x.xx ±0.25 mm)
7) Weight: 1.7 oz (48 g) typical
8) Workmanship: Meets or exceeds IPC-A-610C Class II
Pin No. Name Function
1
Vin(+) Positive input voltage
2
ON/OFF TTL input to turn converter on and off,
referenced to Vin(-), with internal pull up
3
Vin(-)
Negative input voltage, internal short to
Pin 4
4
Vout(-) Negative output voltage, internal short
to Pin 3
5
SENSE(-) Negative remote sense1 (S option)
ITRIM
Current limit trim (C option)
6
VTRIM
Output voltage trim
7
SENSE(+) Positive remote sense2 (S option)
IMON
Current monitor output (C option)
8
Vout(+) Positive output voltage
Top View
5
6
7
8
1 2 3
4
Side View
0.99
(25)
0.150 (3.81)
0.450 (11.43)
0.600 (15.24)
0.300 (7.62)
Overall height
0.500 ±0.025
(12
±0.63)
Bottom side
Clearance
0.020 ±0.010
(0.51
±0.25)
0.145
(3.68)
0.600 (15.24)
0.19 (4.9)
0.300 (7.62)
2.00
(50.8)
0.18
(4.6)
2.39
(60.6)


Similar Part No. - NQ20W20EGC10NNC-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ20W20ETC20NKC-G SYNQOR-NQ20W20ETC20NKC-G Datasheet
688Kb / 9P
   Eighth-brick DC-DC Converter
NQ20W20ETC20NKS-G SYNQOR-NQ20W20ETC20NKS-G Datasheet
688Kb / 9P
   Eighth-brick DC-DC Converter
NQ20W20ETC20NNC-G SYNQOR-NQ20W20ETC20NNC-G Datasheet
688Kb / 9P
   Eighth-brick DC-DC Converter
NQ20W20ETC20NNS-G SYNQOR-NQ20W20ETC20NNS-G Datasheet
688Kb / 9P
   Eighth-brick DC-DC Converter
NQ20W20ETC20NRC-G SYNQOR-NQ20W20ETC20NRC-G Datasheet
688Kb / 9P
   Eighth-brick DC-DC Converter
More results

Similar Description - NQ20W20EGC10NNC-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60025EKX20 SYNQOR-PQ60025EKX20 Datasheet
874Kb / 15P
   Eighth-brick DC-DC Converter
PQ60025EML15 SYNQOR-PQ60025EML15 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
NQ40X40EGC08 SYNQOR-NQ40X40EGC08 Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ60X60ETC10 SYNQOR-NQ60X60ETC10 Datasheet
761Kb / 9P
   Eighth-brick DC-DC Converter
PQ60150EGL05 SYNQOR-PQ60150EGL05 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com