Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC555CDB Datasheet(PDF) 6 Page - Texas Instruments

Part # TLC555CDB
Description  LinCMOSE TIMERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC555CDB Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC555CDB Datasheet HTML 2Page - Texas Instruments TLC555CDB Datasheet HTML 3Page - Texas Instruments TLC555CDB Datasheet HTML 4Page - Texas Instruments TLC555CDB Datasheet HTML 5Page - Texas Instruments TLC555CDB Datasheet HTML 6Page - Texas Instruments TLC555CDB Datasheet HTML 7Page - Texas Instruments TLC555CDB Datasheet HTML 8Page - Texas Instruments TLC555CDB Datasheet HTML 9Page - Texas Instruments TLC555CDB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TLC555
LinCMOS TIMER
SLFS043F − SEPTEMBER 1983 − REVISED FEBRUARY 2005
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 5 V
PARAMETER
TEST
TA†
TLC555C
TLC555I
TLC555Q, TLC555M
UNIT
PARAMETER
TEST
CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIT
Threshold voltage
25
°C
2.8
3.3
3.8
2.8
3.3
3.8
2.8
3.3
3.8
V
VIT
Threshold voltage
Full range
2.7
3.9
2.7
3.9
2.7
3.9
V
IIT
Threshold current
25
°C
10
10
10
pA
IIT
Threshold current
MAX
75
150
5000
pA
VI(TRIG)
Trigger voltage
25
°C
1.36
1.66
1.96
1.36
1.66
1.96
1.36
1.66
1.96
V
VI(TRIG)
Trigger voltage
Full range
1.26
2.06
1.26
2.06
1.26
2.06
V
II(TRIG)
Trigger current
25
°C
10
10
10
pA
II(TRIG)
Trigger current
MAX
75
150
5000
pA
VI(RESET) Reset voltage
25
°C
0.4
1.1
1.5
0.4
1.1
1.5
0.4
1.1
1.5
V
VI(RESET) Reset voltage
Full range
0.3
1.8
0.3
1.8
0.3
1.8
V
II(RESET)
Reset current
25
°C
10
10
10
pA
II(RESET)
Reset current
MAX
75
150
5000
pA
Control voltage (open
circuit) as a percent-
age of supply voltage
MAX
66.7%
66.7%
66.7%
Discharge switch
IOL = 10 mA
25
°C
0.14
0.5
0.14
0.5
0.14
0.5
V
Discharge switch
on-state voltage
IOL = 10 mA
Full range
0.6
0.6
0.6
V
Discharge switch
25
°C
0.1
0.1
0.1
nA
Discharge switch
off-state current
MAX
0.5
120
120
nA
VOH
High-level output
IOH = − 1 mA
25
°C
4.1
4.8
4.1
4.8
4.1
4.8
V
VOH
High-level output
voltage
IOH = − 1 mA
Full range
4.1
4.1
4.1
V
IOL = 8 mA
25
°C
0.21
0.4
0.21
0.4
0.21
0.4
IOL = 8 mA
Full range
0.5
0.5
0.6
VOL
Low-level output
IOL = 5 mA
25
°C
0.13
0.3
0.13
0.3
0.13
0.3
V
VOL
Low-level output
voltage
IOL = 5 mA
Full range
0.4
0.4
0.45
V
voltage
IOL = 3.2 mA
25
°C
0.08
0.3
0.08
0.3
0.08
0.3
IOL = 3.2 mA
Full range
0.35
0.35
0.4
IDD
Supply current
See Note 2
25
°C
170
350
170
350
170
350
µA
IDD
Supply current
See Note 2
Full range
500
600
700
µA
† Full range is 0°C to 70°C the for TLC555C, −40°C to 85°C for the TLC555I, −40°C to 125°C for the TLC555Q, and −55°C to 125°C for the
TLC555M. For conditions shown as MAX, use the appropriate value specified in the recommended operating conditions table.
NOTE 2: These values apply for the expected operating configurations in which THRES is connected directly to DISCH or TRIG.


Similar Part No. - TLC555CDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC555CDB TI1-TLC555CDB Datasheet
1Mb / 25P
[Old version datasheet]   LinCMOSE TIMERS
More results

Similar Description - TLC555CDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC551 TI1-TLC551_06 Datasheet
297Kb / 17P
[Old version datasheet]   LinCMOSE TIMERS
TLC551 TI-TLC551 Datasheet
277Kb / 16P
[Old version datasheet]   LinCMOSE TIMERS
TLC555 TI1-TLC555_16 Datasheet
1Mb / 25P
[Old version datasheet]   LinCMOSE TIMERS
TLC556 TI1-TLC556_16 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL LinCMOSE TIMERS
TLC556IDG4 TI1-TLC556IDG4 Datasheet
1,005Kb / 22P
[Old version datasheet]   DUAL LinCMOSE TIMERS
TLC556 TI-TLC556 Datasheet
236Kb / 18P
[Old version datasheet]   DUAL LinCMOSE TIMERS
TLC552C TI-TLC552C Datasheet
134Kb / 9P
[Old version datasheet]   DUAL LINCMOSE TIMER
logo
ON Semiconductor
MC1455 ONSEMI-MC1455_06 Datasheet
171Kb / 11P
   Timers
February, 2006 ??Rev. 9
MC1455 ONSEMI-MC1455 Datasheet
147Kb / 10P
   Timers
March, 2004 ??Rev. 8
logo
Texas Instruments
TLC552 TI1-TLC552 Datasheet
473Kb / 13P
[Old version datasheet]   DUAL LINCMOSE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com