Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NQ40W40ETC15NNC-G Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # NQ40W40ETC15NNC-G
Description  Eighth-brick DC-DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ40W40ETC15NNC-G Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  NQ40W40ETC15NNC-G Datasheet HTML 1Page - SynQor Worldwide Headquarters NQ40W40ETC15NNC-G Datasheet HTML 2Page - SynQor Worldwide Headquarters NQ40W40ETC15NNC-G Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ40W40ETC15NNC-G Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ40W40ETC15NNC-G Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ40W40ETC15NNC-G Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ40W40ETC15NNC-G Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ40W40ETC15NNC-G Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ40W40ETC15NNC-G Datasheet HTML 9Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Product # NQ40x40ETC15
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-NS4040W Rev. C
03/06/09
Page 4
Input:
Outputs:
Current:
Package:
9 - 40 V
0 - 40 V
15 A
Eighth-brick
Technical Specification
STANDARDS COMPLIANCE
Parameter
Notes & Conditions
STANDARDS COMPLIANCE
UL/cUL 60950-1
Pending UL Approval File # E194341
EN60950-1
Certified by TUV
Needle Flame Test (IEC 695-2-2)
Test on entire assembly; board & plastic components UL94V-0 compliant
IEC 61000-4-2
ESD test, 8 kV - NP, 15 kV air - NP (Normal Performance)
GR-1089-CORE
Section 7 - electrical safety, Section 9 - bonding/grounding
Telcordia (Bellcore) GR-513
Note: An external input fuse must always be used to meet these safety requirements. Contact SynQor for official safety certificates on new
releases or download from the SynQor website.
QUALIFICATION TESTING
Parameter
# Units
Test Conditions
QUALIFICATION TESTING
Life Test
32
95% rated Vin and load, units at derating point, 1000 hours
Vibration
5
10-55 Hz sweep, 0.060" total excursion, 1 min./sweep, 120 sweeps for 3 axis
Mechanical Shock
5
100g minimum, 2 drops in x and y axis, 1 drop in z axis
Temperature Cycling
10
-40 °C to 100 °C, unit temp. ramp 15 °C/min., 500 cycles
Power/Thermal Cycling
5
Toperating = min to max, Vin = min to max, full load, 100 cycles
Design Marginality
5
Tmin-10 °C to Tmax+10 °C, 5 °C steps, Vin = min to max, 0-105% load
Humidity
5
85 °C, 85% RH, 1000 hours, continuous Vin applied except 5 min/day
Solderability
15 pins
MIL-STD-883, method 2003
Note: Extensive characterization testing of all SynQor products and manufacturing processes is performed to ensure that we supply
robust, reliable product. Contact the factory for official product family qualification documents.
NQ40x40ETC15 ELECTRICAL CHARACTERISTICS (Continued)
Ta = 25 °C, airflow rate = 300 LFM, Vin = 24 V dc unless otherwise noted; full operating temperature range is -40 °C to +105 °C ambient temperature with appropriate power derating. Specifications subject
to change without notice.
Parameter
Vout Min. Typ. Max. Units Notes & Conditions
DYNAMIC CHARACTERISTICS
Output Voltage during Current Transient
For a Step Change in Output Current
All
1
V
(0.1 A/µs); 50%-75%-50% Iout max
Settling Time
All
5
ms
To within 1.5% Vout nom.
Turn on Transient
Startup delay
All
2
ms
Resistive load
Rise Rate
All
0.4
V/ms
"
Output Voltage Overshoot
All
0
V
"
FEATURE CHARACTERISTICS
Switching Frequency
All
240
250
260
kHz
ON/OFF Control
Negative Logic (N) ON/OFF Control
Off-State Voltage
All
1.8
3.3
V
On-State Voltage
All
0
0.8
V
Pull-Up Voltage
All
3.3
V
Pull-Up Resistance
All
10
Output Voltage Trim Range
All
0
40
V
Measured Vout+ to common pins
Input/Output Over-Voltage Protection
All
44
48
50
V
Over full temp range
Over-Temperature Shutdown
All
115
°C
Average PCB Temperature
Over-Temperature Shutdown Restart Hysteresis
All
15
°C
RELIABILITY CHARACTERISTICS
Calculated MTBF (TR-NWT-000332; Telcordia)
All
TBD
106 Hrs. 100% load, 200LFM, 40 °C Ta
Calculated MTBF (MIL-HDBK-217F; MIL-217)
All
TBD
106 Hrs. 100% load, 200LFM, 40 °C Ta
Field Demonstrated MTBF
All
106 Hrs. See our website for details


Similar Part No. - NQ40W40ETC15NNC-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40W40EGC08NKC-G SYNQOR-NQ40W40EGC08NKC-G Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ40W40EGC08NKS-G SYNQOR-NQ40W40EGC08NKS-G Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ40W40EGC08NNC-G SYNQOR-NQ40W40EGC08NNC-G Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ40W40EGC08NNS-G SYNQOR-NQ40W40EGC08NNS-G Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ40W40EGC08NRC-G SYNQOR-NQ40W40EGC08NRC-G Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
More results

Similar Description - NQ40W40ETC15NNC-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60025EKX20 SYNQOR-PQ60025EKX20 Datasheet
874Kb / 15P
   Eighth-brick DC-DC Converter
PQ60025EML15 SYNQOR-PQ60025EML15 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
NQ40X40EGC08 SYNQOR-NQ40X40EGC08 Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ60X60ETC10 SYNQOR-NQ60X60ETC10 Datasheet
761Kb / 9P
   Eighth-brick DC-DC Converter
PQ60150EGL05 SYNQOR-PQ60150EGL05 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com