Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NQ40T40EGC08NYC-G Datasheet(PDF) 7 Page - SynQor Worldwide Headquarters

Part # NQ40T40EGC08NYC-G
Description  Eighth-brick DC-DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ40T40EGC08NYC-G Datasheet(HTML) 7 Page - SynQor Worldwide Headquarters

  NQ40T40EGC08NYC-G Datasheet HTML 1Page - SynQor Worldwide Headquarters NQ40T40EGC08NYC-G Datasheet HTML 2Page - SynQor Worldwide Headquarters NQ40T40EGC08NYC-G Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ40T40EGC08NYC-G Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ40T40EGC08NYC-G Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ40T40EGC08NYC-G Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ40T40EGC08NYC-G Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ40T40EGC08NYC-G Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ40T40EGC08NYC-G Datasheet HTML 9Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Product # NQ40x40EGC08
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-NG4040W Rev. C
03/06/09
Page 7
Input:
Outputs:
Current:
Package:
9 - 40 V
0 - 40 V
7.5 A
Eighth-brick
Technical Specification
APPLICATION CONSIDERATIONS
Limited output voltage resolution: The internal voltage
control feedback loop has limited resolution. Therefore, the
output voltage will exhibit discrete steps as the loop responds
to changes in line, load, trim, or remote sense. For instance,
on close examination, the startup ramp has a “stair-step”
shape. Likewise, a load transient response will be composed
of multiple discrete steps.
Input filtering: These modules should be connected to a
low-impedance source. A highly inductive source can affect the
stability of the module. An input capacitance must be placed
directly adjacent to the input pin of the module, to minimize
input ripple voltage and ensure module stability.
Output capacitance: For stable operation of the module, there
is no extra external capacitor required. To reduce the output
ripple and improve dynamic response to a step load change,
additional capacitance at the output can be used. Low ESR
polymer and ceramic capacitors are recommended to improve
the dynamic response of the module. In many applications,
however, additional external output capacitance is a requirement
which will cause the startup time to change.
Remote sense (S option): Vout remote sensing is provided
to achieve proper regulation at the load points and reduce
effects of distribution losses on output line. In the event of an
open remote sense line, the module shall maintain local sense
regulation through an internal resistor. The module shall correct
for a total of 10% Vout.
Current limit: Available power is limited by output current
in buck mode (Vin>Vout), but by input current in boost mode
(Vin<Vout).
for Vin >Vout,
Ilimit = 1.2 x Imax
for Vin < Vout,
Ilimit = 1.2 x Imax
( Vin )
Vout
where Imax = Maximum rated output current
Negative output: This series of converters can be set to
negative output (see Figure B).
Vin+
Vin+
ENABLE
Vin-
Vin-/
Vout+
Vout+
SENSE+
SENSE-
TRIM
Vout-
Vout- 4
5
6
7
8
1
2
3
Cout1
Rtrim-up
Cin1
Cin2
Dc/dc
converter
Figure B: Negative output setup
Using this negative output setup impacts the available output
voltage range and current limit.
The output voltage range becomes 0 to Vmax - Vin, and the cur-
rent limit is scaled by:
Vin
(Vin + Vout)
Current monitor/trimmable current limit (C option): In
addition to voltage trim, the C option offers an adjustable current
limit input and a current monitor output. The C option also
includes an ideal diode circuit in series with the Vout+ pin that
prevents reverse current flow. This enables applications such as
battery charging, current sharing, and current read back.
Vin+
Vin-
Vin+
ENABLE
Vin-
Vout+
Vout+
IMON
IMON
ITRIM
VTRIM
Vout-
Vout- 4
5
6
7
8
1
2
3
Cout
Rtrim-up
RadjIlim
Cin
Dc/dc
converter
Figure C: Current monitor/trimmable current limit setup
The Rtrim-up resistor increases the output voltage, identical in
function to the S option.
The RadjItrim resistor reduces the output current limit, according
to the following equation:
RadjItrim =
[(0.0469Imax+Itrim)10200-10](Ω)
1.153 Imax + Itrim
Alternatively, the Itrim pin can be driven from an external voltage
source:
V(pin5) = 2.085(Itrim/Imax) + 0.0953
where Itrim is the desired current limit setpoint
If Ilimit is less than Itrim, then Ilimit takes precedence.
The Imon pin voltage tracks the output current, as shown in
figure 10. This pin has a 10kOhm output impedance.
BASIC OPERATION AND FEATURES
These converters use a digital controller for the buck stage and
boost stage (see Figure A). It automatically changes operating
mode (buck mode or boost) when the line voltage or output set
point changes. Both stages are accomplished with synchronous
rectifiers. Very high efficiency is maintained over wide input
and output ranges by shifting operational modes and use of
synchronous rectifiers.
Vin+
Vin-
Linput
Cin1
Cin2
GATE_Q1
GATE_Q3
GATE_Q4
GATE_Q2
Q1
Q3
Q4
Q2
L
Loutput
JUMPER
Cout1
Cout2
Vout+
Vout-
Figure A: Topology
W mode: Q3, Q4 are populated, Jumper is open.
T mode: Q3, Q4 are open, Jumper is populated.
The converter runs at a fixed frequency with a predictable
EMI performance.
This series of quarter-brick and eighth-brick converters use the
industry standard footprint and pin-out configuration.
CONTROL FEATURES
REMOTE ON/OFF: The ON/OFF input permits the user to con-
trol when the converter is on or off. Only Negative ON/OFF logic
is available in this power module series.
Negative logic ON/OFF signal turns the module OFF during logic
high (leave the pin floating or set voltage between 1.8~3.3 V) and
turns the module ON during logic low [tie to Vin(-)].
OUTPUT VOLTAGE TRIM: The output voltage can be
programmed to any voltage between 0 V dc and Vmax by
connecting one resistor between the Pin 6 (TRIM) pin and Pin 5
[Sense(-)]. For a desired output voltage, the value of the resistor
should be:
Rtrim-up(Vout) =
[( 11830xVmax )_10912]()
Vout + 0.058 x Vmax
Alternatively, the TRIM pin can be driven from an external
voltage source:
V(pin6) = 2.366 – 2.314
(Vout)
Vmax
where:
Vout = desired output voltage
V
max = maximum rated output voltage
To maintain the accuracy of the output voltage over load current,
it is vital that any trim-up resistor be terminated directly to the
converter’s Sense(-) pin (S option) or Vout(-) pin (C option), not
at the connection to the load. A separate Kelvin connection to the
PCB pad for the Vout(-) is optimal.
PROTECTION FEATURES
Input Under-Voltage Lockout: The converter is designed
to turn off when the input voltage is too low, helping avoid an
input system instability problem, described in more detail in the
application note titled “Input System Instability”. The lockout
circuitry is a comparator with DC hysteresis. When the input
voltage is rising, it must exceed the typical Turn-On Voltage
Threshold value (listed on the specification page) before the
converter will turn on. Once the converter is on, the input
voltage must fall below the typical Turn-Off Voltage Threshold
value before the converter will turn off.
Output Current Shutdown: To provide protection in an
output short condition, the unit is equipped with internal short
circuit protection. When the short protection is triggered, the
unit shutdowns first. After approximately 16 ms inhibit time, the
units turn on again. If the short condition remains, the current
limit circuit will limit the output current. The units operate
normally once the fault condition is removed.
Internal Over-Voltage Protection: To fully protect from
excessive output voltage, the output over-voltage shutdown
circuitry is contained. This OVP is independent of the trimmed set
point. The shutdown point is fixed on the standard option.
Over-Temperature Shutdown: A temperature sensor on
the converter senses the average temperature of the module.
The thermal shutdown circuit is designed to turn the converter
off when the temperature at the sensed location reaches the
Over-Temperature Shutdown value. It will allow the converter
to turn on again when the temperature of the sensed location
falls by the amount of the Over-Temperature Shutdown Restart
Hysteresis value.
11900
.0543
2.284


Similar Part No. - NQ40T40EGC08NYC-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40T40ETC15NKC-G SYNQOR-NQ40T40ETC15NKC-G Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
NQ40T40ETC15NKS-G SYNQOR-NQ40T40ETC15NKS-G Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
NQ40T40ETC15NNC-G SYNQOR-NQ40T40ETC15NNC-G Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
NQ40T40ETC15NNS-G SYNQOR-NQ40T40ETC15NNS-G Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
NQ40T40ETC15NRC-G SYNQOR-NQ40T40ETC15NRC-G Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
More results

Similar Description - NQ40T40EGC08NYC-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60025EKX20 SYNQOR-PQ60025EKX20 Datasheet
874Kb / 15P
   Eighth-brick DC-DC Converter
PQ60025EML15 SYNQOR-PQ60025EML15 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
NQ60X60ETC10 SYNQOR-NQ60X60ETC10 Datasheet
761Kb / 9P
   Eighth-brick DC-DC Converter
PQ60150EGL05 SYNQOR-PQ60150EGL05 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com