Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ30033EGA20 Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # PQ30033EGA20
Description  Eighth-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ30033EGA20 Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  PQ30033EGA20 Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ30033EGA20 Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ30033EGA20 Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ30033EGA20 Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ30033EGA20 Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ30033EGA20 Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ30033EGA20 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ30033EGA20 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ30033EGA20 Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
18-60 V
18-60 V
3.3 V
3.3 V
20 A
20 A
Eighth-brick
Eighth-brick
T
Technical S
echnical Specification
pecification
Product # PQ30033EGA20
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2EG33MU Rev. A
3/18/08
Page 3
Parameter
Min.
Typ.
Max.
Units
Notes & Conditions
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Non-Operating
80
V
Continuous
Operating
60
V
Continuous
Operating Transient Protection
80
V
100ms transient, square wave
Isolation Voltage (input to output)
2000
V
Basic insulation, Pollution Degree 2
Operating Temperature
-40
100
°C
Storage Temperature
-55
125
°C
Voltage at ON/OFF input pin
-2
18
V
INPUT CHARACTERISTICS
Operating Input Voltage Range
18
24\48
60
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
15.7
16.6
17.5
V
Turn-Off Voltage Threshold
14.1
15.0
15.9
V
Lockout Voltage Hysteresis
2.5
3.5
4.5
V
Maximum Input Current
4.5
A
100% Load, 18 Vin
No-Load Input Current
40
60
mA
Disabled Input Current
4
7
mA
Inrush Current Transient Rating
0.01
A2s
Response to Input Transient
150
mV
1000V/ms input transient
Input Reflected Ripple Current
3
mA
RMS thru 10µH inductor; Figures 17 & 19
Input Terminal Ripple Current
420
mA
RMS; Figures 17 & 18
Recommended Input Fuse
20
A
Fast blow external fuse recommended
Input Filter Component Values (C\L)
2.2\1.5
µF\µH
Internal values; see Figure E
Recommended External Input Capacitance
47
µF
Typical ESR 0.1-0.2
Ω; see Figure 17
OUTPUT CHARACTERISTICS
Output Voltage Set Point
3.267
3.300
3.333
V
Output Voltage Regulation
Over Line
+0.05 \ 2 +0.15 \ 5
%\mV
Over Load
+0.05 \ 2 +0.15 \ 5
%\mV
Over Temperature
+17
+50
mV
Total Output Voltage Range
3.207
3.393
V
Over sample, line, load, temperature & life
Output Voltage Ripple and Noise1
20MHz bandwidth; Figures 17 & 20
Peak-to-Peak
70
130
mV
Full Load; Figures 17 & 20
RMS
15
25
mV
Full Load; Figures 17 & 20
Operating Output Current Range
0
20
A
Subject to thermal derating; Figures 5 - 12
Output DC Current-Limit Inception
21.5
24
26.5
A
Output Voltage 10% Low; Figure 21
Output DC Current-Limit Shutdown Voltage
2.4
V
Back-Drive Current Limit while Enabled
0.5
A
Negative current drawn from output
Back-Drive Current Limit while Disabled
10
50
mA
Negative current drawn from output
Maximum Output Capacitance
20,000
µF
3.3Vout at 15A Resistive Load
DYNAMIC CHARACTERISTICS
Input Voltage Ripple Rejection
70
dB
120 Hz; Figure 24
Output Voltage during Load Current Transient
For a Step Change in Output Current (0.1A/µs)
150
mV
50% to 75% to 50% Iout max; Figure 15
For a Step Change in Output Current (5A/µs)
150
mV
50% to 75% to 50% Iout max; Figure 16
Settling Time
800
µs
To within 1% Vout nom
Turn-On Transient
Turn-On Time
9
13
ms
Full load, Vout=90% nom.; Figures 13 & 14
Start-Up Inhibit Time
180
200
240
ms
-40°C to +125°C; Figure F
Output Voltage Overshoot
0
%
20,000 µF load capacitance, Iout = 0A
EFFICIENCY
100% Load 24Vin
85.0
%
Figures 1 - 4
50% Load 24Vin
87.
%
Figures 1 - 4
100% Load 48Vin
82.0
%
Figures 1 - 4
50% Load 48Vin
83.5
%
Figures 1 - 4
TEMPERATURE LIMITS FOR POWER DERATING CURVES
Semiconductor Junction Temperature
125
°C
Package rated to 150°C
Board Temperature
125
°C
UL rated max operating temp 130°C
Transformer Temperature
125
°C
See Figures 5 - 12 for derating curves
ISOLATION CHARACTERISTICS
Isolation Voltage (dielectric strength)
2000
V
Isolation Resistance
30
M
Isolation Capacitance2
470
pF
PQ30033EGA20 ELECTRICAL CHARACTERISTICS
TA=25°C, airflow rate=300 LFM, Vin=48Vdc unless otherwise noted; full operating temperature range is -40°C to +100°C ambient tem-
perature with appropriate power derating. Specifications subject to change without notice.
Note 1: For applications requiring reduced output voltage ripple and noise, consult SynQor applications support (e-mail: support@synqor.com)
Note 2: Higher values of isolation capacitance can be added external to the module.


Similar Part No. - PQ30033EGA20

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ30033QGA25 SYNQOR-PQ30033QGA25 Datasheet
1Mb / 14P
   Quarter-brick DC/DC Converter
PQ30033QGA25NKS SYNQOR-PQ30033QGA25NKS Datasheet
1Mb / 14P
   Quarter-brick DC/DC Converter
PQ30033QGA25NKS SYNQOR-PQ30033QGA25NKS Datasheet
466Kb / 14P
   Quarter-brick DC/DC Converter
PQ30033QGA25NNS SYNQOR-PQ30033QGA25NNS Datasheet
1Mb / 14P
   Quarter-brick DC/DC Converter
PQ30033QGA25NNS SYNQOR-PQ30033QGA25NNS Datasheet
466Kb / 14P
   Quarter-brick DC/DC Converter
More results

Similar Description - PQ30033EGA20

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60025EKX20 SYNQOR-PQ60025EKX20 Datasheet
874Kb / 15P
   Eighth-brick DC-DC Converter
PQ60025EML15 SYNQOR-PQ60025EML15 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
NQ40X40EGC08 SYNQOR-NQ40X40EGC08 Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ60X60ETC10 SYNQOR-NQ60X60ETC10 Datasheet
761Kb / 9P
   Eighth-brick DC-DC Converter
PQ60150EGL05 SYNQOR-PQ60150EGL05 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com