Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ24150QGA07NRS Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part # PQ24150QGA07NRS
Description  100 Watts, No Heatsink, Isolated DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ24150QGA07NRS Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button PQ24150QGA07NRS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ24150QGA07NRS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ24150QGA07NRS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ24150QGA07NRS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ24150QGA07NRS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ24150QGA07NRS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ24150QGA07NRS Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ24150QGA07NRS Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ24150QGA07NRS Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Figure C graphs this relationship between Rtrim-down and .
The output voltage can be trimmed down as much as 20%.
Figure C: Trim Down Graph for 15.0Vout
A resistor connected between Pin 6 and Pin 7 will increase
the output voltage. For a desired increase of
∆ percent of the
nominal output voltage, the value of this resistor should be
Figure D graphs this relationship between Rtrim-up and
.
The output voltage can be trimmed up as much as 10%.
Figure D: Trim Up Graph for 15.0Vout
Note: The TRIM feature does not affect the voltage at which
the output over-voltage protection circuit is triggered.
Trimming the output voltage too high may cause the over-
voltage protection circuit to trip, particularly during tran-
sients.
TOTAL DC VARIATION OF Vout: For the converter to
meet its full specifications, the maximum variation of the dc
value of Vout, due to both trimming and remote load voltage
drops, should not be greater than +10%/-20%
PROTECTION FEATURES
Input Under-Voltage Lockout: The converter is
designed to turn off when the input voltage is too low, help-
ing avoid an input system instability problem, described in
more detail below. The lockout circuitry is a comparator with
dc hysteresis. When the input voltage is rising, it must
exceed a typical value of 16V before the converter will turn
on. Once the converter is on, the input voltage must fall
below a typical value of 14.5V before the converter will turn
off.
Output Current Limit: The current limit does not change
appreciably as the output voltage drops. However, once the
impedance of the short across the output is small enough to
make the output voltage drop below approximately 60% of
its nominal value, the converter turns off.
The converter then enters a mode where it repeatedly turns
on and off at a 5 Hz (nominal) frequency with a 5% duty
cycle until the short circuit condition is removed. This pre-
vents excessive heating of the converter or the load board.
Output Over-Voltage Limit: If the voltage across the
output pins exceeds the O.V. threshold, the converter will
immediately stop switching. This prevents damage to the
load circuit due to 1) a sudden unloading of the converter,
2) a release of a short-circuit condition, or 3) a release of a
current limit condition. Load capacitance determines exactly
how high the output voltage will rise in response to these
conditions. After 200 ms the converter will automatically
restart.
Thermal Shutdown: The
PowerQor series has a temper-
ature sensor located such that it senses the average temper-
ature of the converter. The thermal shutdown circuit is
designed to turn the converter off when the temperature at
the sensed location reaches 125°C. It will allow the con-
Product # PQ24150QGA07
Phone 1-888-567-9596
Doc.# 005-2QG215D_A
3/1/02
Page 10
Technical Specification
24Vin 15Vout 6.7A
Quarter
Quarter
Brick
Brick
10
100
1,000
10,000
0
2
4
6
8
10
12
14
16
18
20
% Decrease in Output Voltage
100
1,000
10,000
100,000
01
23
45
67
89
10
% Increase in Output Voltage
Rtrim-up
(k
Ω)
)
where
VOUT = Nominal Output Voltage
=
(
_ 511 _ 10.22
5.11VOUT(100+%)
1.225
%
%


Similar Part No. - PQ24150QGA07NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ24150QGw07xyz SYNQOR-PQ24150QGw07xyz Datasheet
2Mb / 16P
   Industry standard pin-out configuration
More results

Similar Description - PQ24150QGA07NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ24120QGA08 SYNQOR-PQ24120QGA08 Datasheet
662Kb / 13P
   100 Watts, No Heatsink, Isolated DC/DC Converter
PQ60060QGA17 SYNQOR-PQ60060QGA17 Datasheet
770Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150QGA07 SYNQOR-PQ48150QGA07 Datasheet
730Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ65180QGA06 SYNQOR-PQ65180QGA06 Datasheet
683Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60012HPAA0 SYNQOR-PQ60012HPAA0 Datasheet
693Kb / 14P
   100 Amp, No Heatsink, Isolated DC/DC Converter
PQ48060QGA17 SYNQOR-PQ48060QGA17 Datasheet
768Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60120QGA08 SYNQOR-PQ60120QGA08 Datasheet
1Mb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60015QGA25 SYNQOR-PQ60015QGA25 Datasheet
737Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QML15 SYNQOR-PQ60015QML15 Datasheet
653Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020HGA40 SYNQOR-PQ48020HGA40 Datasheet
828Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com