Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ30033QGA25PYS Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # PQ30033QGA25PYS
Description  Quarter-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ30033QGA25PYS Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  PQ30033QGA25PYS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ30033QGA25PYS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ30033QGA25PYS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ30033QGA25PYS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ30033QGA25PYS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ30033QGA25PYS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ30033QGA25PYS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ30033QGA25PYS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ30033QGA25PYS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Product # PQ30033QGA25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QG33LU Rev. B
4/28/05
Page 3
Input:
Input:
Output:
Output:
Current:
Current:
P
Package:
ackage:
18-60 V
18-60 V
3.3 V
3.3 V
25 A
25 A
Quarter-brick
Quarter-brick
T
Technical S
echnical Specification
pecification
Parameter
Min.
Typ.
Max.
Units
Notes & Conditions
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Non-Operating
80
V
continuous
Operating
60
V
continuous
Operating Transient Protection
80
V
100ms transient, square wave
Isolation Voltage (input to output)
2000
V
Basic insulation, Pollution Degree 2
Operating Temperature
-40
100
°C
Storage Temperature
-55
125
°C
Voltage at ON/OFF input pin
-2
18
V
INPUT CHARACTERISTICS
Operating Input Voltage Range
18
48
60
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
16.2
16.7
17.2
V
Turn-Off Voltage Threshold
14.6
15.1
15.6
V
Lockout Voltage Hysteresis
1.1
1.6
2.1
V
Maximum Input Current
6
A
100% Load, 18 Vin
No-Load Input Current
60
90
mA
Disabled Input Current
1.6
3
mA
Inrush Current Transient Rating
0.03
A2s
Response to Input Transient
400
mV
1000V/ms input transient, 18V-48V step
Input Reflected Ripple Current
20
mA
P-P thru 10µH inductor; Figs. 17 & 19
Input Terminal Ripple Current
320
mA
RMS; Figures 17 & 18
Recommended Input Fuse
20
A
fast blow external fuse recommended
Input Filter Component Values (C\L)
6.6\1.5
µF\µH
internal values, see Figure E
Recommended External Input Capacitance
47
µF
Typical ESR 0.1-0.2
, see Figure 17
OUTPUT CHARACTERISTICS
Output Voltage Set Point
3.267
3.300
3.333
V
Output Voltage Regulation
Over Line
+0.05 \ 2 +0.15 \ 5
%\mV
Over Load
+0.05 \ 2 +0.15 \ 5
%\mV
Over Temperature
+17
+50
mV
Total Output Voltage Range
3.207
3.393
V
over sample, line, load, temperature & life
Output Voltage Ripple and Noise1
20MHz bandwidth; Figures 17 & 20
Peak-to-Peak
50
100
mV
Full Load, see Figures 17 & 20
RMS
10
20
mV
Full Load, see Figures 17 & 20
Operating Output Current Range
0
25
A
Subject to thermal derating; Figures 5-12
Output DC Current-Limit Inception
26
30
34
A
Output Voltage 10% Low; Figure 21
Output DC Current-Limit Shutdown Voltage
1.9
V
Back-Drive Current Limit while Enabled
0.4
1.0
1.7
A
Negative current drawn from output
Back-Drive Current Limit while Disabled
0
10
50
mA
Negative current drawn from output
Maximum Output Capacitance
20,000
µF
3.3Vout at 25A Resistive Load
DYNAMIC CHARACTERISTICS
Input Voltage Ripple Rejection
70
dB
120 Hz; Figure 24
Output Voltage During Load Current Transient
For a Step Change in Output Current (0.1A/µs)
150
mV
50% to 75% to 50% Iout max; Figure 15
For a Step Change in Output Current (5A/µs)
150
mV
50% to 75% to 50% Iout max; Figure 16
Settling Time
400
µs
to within 1% Vout nom
Turn-On Transient
Turn-On Time
12
14
ms
Full load, Vout=90% nom.; Figures 13 & 14
Start-Up Inhibit Time
180
200
240
ms
-40°C to +125°C; Figure F
Output Voltage Overshoot
0
%
20,000 µF load capacitance, Iout = 0A
EFFICIENCY
100% Load (24Vin)
89.5
%
Figures 1 - 4, 24Vin
50% Load (24Vin)
90.5
%
Figures 1 - 4, 24Vin
100% Load (48Vin)
88.5
%
Figures 1 - 4, 48Vin
50% Load (48Vin)
89.5
%
Figures 1 - 4, 48Vin
TEMPERATURE LIMITS FOR POWER DERATING CURVES
Semiconductor Junction Temperature
125
°C
Package rated to 150°C
Board Temperature
125
°C
UL rated max operating temp 130°C
Transformer Temperature
125
°C
See Figures 5 - 12 for derating curves
ISOLATION CHARACTERISTICS
Isolation Voltage (dielectric strength)
2000
V
Isolation Resistance
30
M
Isolation Capacitance2
470
pF
PQ30033QGA25 ELECTRICAL CHARACTERISTICS
TA=25°C, airflow rate=300 LFM, Vin=48Vdc unless otherwise noted; full operating temperature range is -40°C to +100°C ambient tem-
perature with appropriate power derating. Specifications subject to change without notice.
Note 1: For applications requiring reduced output voltage ripple and noise, consult SynQor applications support (e-mail: support@synqor.com)
Note 2: Higher values of isolation capacitance can be added external to the module.


Similar Part No. - PQ30033QGA25PYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ30033QGA25PYS SYNQOR-PQ30033QGA25PYS Datasheet
466Kb / 14P
   Quarter-brick DC/DC Converter
More results

Similar Description - PQ30033QGA25PYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com