Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ30033QGA25PYS Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # PQ30033QGA25PYS
Description  Quarter-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ30033QGA25PYS Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button PQ30033QGA25PYS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ30033QGA25PYS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ30033QGA25PYS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ30033QGA25PYS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ30033QGA25PYS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ30033QGA25PYS Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ30033QGA25PYS Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ30033QGA25PYS Datasheet HTML 13Page - SynQor Worldwide Headquarters PQ30033QGA25PYS Datasheet HTML 14Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Product # PQ30033QGA30
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QG33MU Rev. A
07/11/05
Page 11
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
19-60 V
19-60 V
3.3 V
3.3 V
30 A
30 A
Quarter-brick
Quarter-brick
T
Technical S
echnical Specification
pecification
across the output (pins 8 and 4) to determine when it should trig-
ger, not the voltage across the converter’s sense leads (pins 7
and 5). Therefore, the resistive drop on the board should be
small enough so that output OVP does not trigger, even during
load transients.
OUTPUT VOLTAGE TRIM (Pin 6): The TRIM input permits the
user to adjust the output voltage across the sense leads up or
down according to the trim range specifications.
To decrease the output voltage, the user should connect a resistor
between Pin 6 and Pin 5 (SENSE(-) input). For a desired decrease
of the nominal output voltage, the value of the resistor should be
Rtrim-down =
(
511) - 10.22 (kΩ)
∆%
where
∆% =
Vnominal – Vdesired x 100%
Vnominal
To increase the output voltage, the user should connect a resistor
between Pin 6 and Pin 7 (SENSE(+) input). For a desired increase
of the nominal output voltage, the value of the resistor should be
Figure C graphs the relationship between the trim resistor value
and Rtrim-up and Rtrim-down, showing the total range the output
voltage can be trimmed up or down.
Figure C: Trim Graph for 3.3Vout module
Note: the TRIM feature does not affect the voltage at which the
output over-voltage protection circuit is triggered. Trimming the
output voltage too high may cause the over-voltage protection cir-
cuit to engage, particularly during transients.
It is not necessary for the user to add capacitance at the Trim pin.
The node is internally bypassed to eliminate noise.
Total DC Variation of Vout: For the converter to meet its full
specifications, the maximum variation of the DC value of Vout,
due to both trimming and remote load voltage drops, should not
be greater than that specified for the output voltage trim range.
PROTECTION FEATURES
Input Under-Voltage Lockout: The converter is designed to
turn off when the input voltage is too low, helping avoid an input
system instability problem, described in more detail in the appli-
cation note titled “Input System Instability”. The lockout circuitry
is a comparator with DC hysteresis. When the input voltage is ris-
ing, it must exceed the typical Turn-On Voltage Threshold value
(listed on the specification page) before the converter will turn
on. Once the converter is on, the input voltage must fall below
the typical Turn-Off Voltage Threshold value before the converter
will turn off.
Output Current Limit: The maximum current limit remains con-
stant as the output voltage drops. However, once the impedance
of the short across the output is small enough to make the output
voltage drop below the specified Output DC Current-Limit
Shutdown Voltage, the converter turns off.
The converter then enters a “hiccup mode” where it repeatedly
turns on and off at a 5 Hz (nominal) frequency with a 5% duty
cycle until the short circuit condition is removed. This prevents
excessive heating of the converter or the load board.
Output Over-Voltage Limit: If the voltage across the output
pins exceeds the Output Over-Voltage Protection threshold, the
converter will immediately stop switching. This prevents damage
to the load circuit due to 1) excessive series resistance in output
current path from converter output pins to sense point, 2) a
release of a short-circuit condition, or 3) a release of a current
limit condition. Load capacitance determines exactly how high
the output voltage will rise in response to these conditions. After
200 ms the converter will automatically restart.
Over-Temperature Shutdown: A temperature sensor on the
converter senses the average temperature of the module. The
thermal shutdown circuit is designed to turn the converter off
when the temperature at the sensed location reaches the Over-
Temperature Shutdown value. It will allow the converter to turn on
again when the temperature of the sensed location falls by the
Rtrim-up
(k
Ω)
)
where
VOUT = Nominal Output Voltage
=
(
_ 511 _ 10.22
5.11VOUT(100+
%)
1.225
%
%
10
100
1,000
10,000
01
23
456
78
9
10
% increase Vout
% decrease Vout


Similar Part No. - PQ30033QGA25PYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ30033QGA25PYS SYNQOR-PQ30033QGA25PYS Datasheet
1Mb / 14P
   Quarter-brick DC/DC Converter
More results

Similar Description - PQ30033QGA25PYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com