Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE8.2APT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # 1.5KE8.2APT
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

1.5KE8.2APT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  1.5KE8.2APT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. 1.5KE8.2APT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. 1.5KE8.2APT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. 1.5KE8.2APT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd. 1.5KE8.2APT Datasheet HTML 5Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
* Plastic package
* 1500W surge capability at 1ms
* Glass passivated chip junction in DO-201 Package
* Excellent clamping capability
* Low Zener lmpedance
* Fast response time: typically less than 1.0ps
from 0 volts to BV min.
* Typical IR less than 1 uA above 10V
* High temperature soldering guaranteed:
300 degree C/10seconds/.375"(9.5mm) lead length/51
bs., (2.3k) tension
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
DEVICES FOR BIDIRECTIONAL APPLICATIONS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
For Bidirectional use C or CA Suffix for types 1.5KE6.8 thru types 1.5KE400
Electrical characteristics apply in both directions.
1.5KE
SERIES
DO-201
DO-201
Dimensions in inches and (millimeters)
CHENMKO ENTERPRISE CO.,LTD
NOTES :
2001-6
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Peak Power Dissipation at TA = 25
oC, Tp = 1ms ( Note1 )
Steady State Power Dissipation at TL = 75
oC
Lead Lengths .375" (9.5mm)
Operating and Storage Temperature Range
SYMBOL
PPK
PD
TJ, TSTG
UNITS
Watts
VALUE
Minimum 1500
6.5
-65 to +175
Watts
Peak Forward Surge Current 8.3ms Single Half
Sine-Wave Superimposed on Rated Load ( Note 2 )
IFSM
200
Amps
oC
1. Non-repetitive current pulse, per Fig. 3 and derated above TA = 25
oC per Fig. 2.
2. 8.3ms single half sine-wave, duty cycle = 4 pulses per minute maximum.
Case: JEDEC DO-201 molded plastic
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.045 ounce, 1.2 grams
MECHANICAL DATA
1500 WATTS PEAK POWER 6.5 WATTS STEADY STATE
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE-6.8 TO 400 VOLTS
0.042(1.07)
0.038(0.96)
DIA.
0.210(5.3)
0.190(4.8)
0.375(9.5)
0.285(7.2)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
DIA.


Similar Part No. - 1.5KE8.2APT

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE8.2A TRSYS-1.5KE8.2A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
1.5KE8.2A NJSEMI-1.5KE8.2A Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Protek Devices
1.5KE8.2A PROTEC-1.5KE8.2A Datasheet
327Kb / 10P
   1500 WATT TVS COMPONENT
logo
MIC GROUP RECTIFIERS
1.5KE8.2A MIC-1.5KE8.2A Datasheet
95Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
logo
New Jersey Semi-Conduct...
1.5KE8.2A NJSEMI-1.5KE8.2A Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1.5KE8.2APT

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com