Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4937GPT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # 1N4937GPT
Description  FAST RECOVERY RECTIFIER VOLTAGE RANGE 50 - 600 Volts CURRENT 1.0 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

1N4937GPT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  1N4937GPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. 1N4937GPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING CHARACTERISTIC CURVES ( 1N4933GPT THRU 1N4937GPT )
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG. 6 - TYPICAL JUNCTION CAPACITANCE
FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
REVERSE VOLTAGE, ( V )
NUMBER OF CYCLES AT 60 Hz
INSTANTANEOUS FORWARD VOLTAGE, ( V )
PERCENT OF RATED PEAK REVERSE VOLTAGE, ( % )
10
1.0
0.1
.01
0
0
.2
.4
.6
.8
1.0
1.2
1.4
1.6
1.8
0
20
40
60
80
100
120
140
Pulse Width = 300uS
1% Duty Cycle
TJ =25
oC
TJ =25
oC
TJ =25
oC
TJ =100
oC
.01
.1
.4
.04
1.0
4.0
10
100
200
100
60
40
20
10
6
4
2
1
.1
.2
.4
1.0
2
4
10
20
40
100
1
2
5
10
20
50
100
35
30
25
20
15
10
5
0
8.3ms Single Half Sine-Wave
(JEDEC Method)
FIG. 1 - TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
AMBIENT TEMPERATURE (
OC )
FIG. 2 - TYPICAL FORWARD
CURRENT DERATING CURVE
A-TEKTRONIX 545A. K PLUG IN
PRE AMP P6000 PROBE OR EQUIVALENT IN PARALLEL
R1 - ADJUSTED FOR 1.4 BETWEEN
PONT 2 OF RELAY AND RECTIFIER
INDUCTIVE = 3.8uH
R2 - TEN - 1 W 10
+0.5% CARBON CORE
TA = 25
FOR RECTIFIER
IFM1.0
i ( t ) di/dt = 50A/us
0
IRM(REV)
trr
SET TIME BASE FOR
50/100 nS/cm
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
1.50
1.00
.25
.50
.75
1.25
0
25
0
50 75 100 125 150 175
115 Va
60 HZ
10 K
2 W
1
2
3
4
5
6
7
8
3.8uH/1.4
C.P. CLARE
HPG 1002
30 Vdc
CONSTANT VOLTAGE
SUPPLY
MINIMIZE ALL LEAD LENGTHS
1 AMP
SLO-BLO
FUSE
1.0Adc FROM
CONSTANT
VOLTAGE SUPPLY
RIPPLE=3mVrms MAX.
Zout 11/2 MAX.
DC to 2kHz
30
50W
NON-INDUCTIVE
UNIT
UNDER TEST
C 1
1.0 uF
300 V
C 1
1.0uF
300V
R2
1
10W
NON-
INDUCTIVE
+10
o
C
-0


Similar Part No. - 1N4937GPT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N4937GP FAIRCHILD-1N4937GP Datasheet
32Kb / 2P
   1.0 Ampere Glass Passivated Fast Recovery Rectifiers
logo
General Semiconductor
1N4937GP GE-1N4937GP Datasheet
60Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Micro Commercial Compon...
1N4937GP MCC-1N4937GP Datasheet
164Kb / 3P
   1 Amp Glass Passivated Fast Recovery Rectifier 50 - 600 Volts
logo
Fairchild Semiconductor
1N4937GP FAIRCHILD-1N4937GP Datasheet
46Kb / 3P
   Fast Rectifiers (Glass Passivated)
logo
First Components Intern...
1N4937GP FCI-1N4937GP Datasheet
153Kb / 2P
   1.0 Amp FAST SWITCHING MEGARECTIFIERS
More results

Similar Description - 1N4937GPT

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SF1 RECTRON-SF1_10 Datasheet
368Kb / 7P
   SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
SF1 RECTRON-SF1 Datasheet
423Kb / 5P
   SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
logo
Chenmko Enterprise Co. ...
1N4933PT CHENMKO-1N4933PT Datasheet
91Kb / 2P
   VOLTAGE RANGE 50 - 600 Volts CURRENT 1.0 Ampere
logo
Rectron Semiconductor
FR101 RECTRON-FR101 Datasheet
25Kb / 2P
   FAST RECOVERY RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Wing Shing Computer Com...
FR101 WINGS-FR101 Datasheet
297Kb / 2P
   FAST RECOVERY RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Rectron Semiconductor
RL101F RECTRON-RL101F Datasheet
25Kb / 2P
   FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
FM4933W RECTRON-FM4933W Datasheet
34Kb / 3P
   SURFACE MOUNT FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
logo
PACELEADER INDUSTRIAL
1N4933 PACELEADER-1N4933 Datasheet
885Kb / 2P
   VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
logo
Chenmko Enterprise Co. ...
BA157PT CHENMKO-BA157PT Datasheet
85Kb / 2P
   FAST RECOVERY RECTIFIER VOLTAGE RANGE 400 - 1000 Volts CURRENT 1.0 Ampere
1N4942GPT CHENMKO-1N4942GPT Datasheet
80Kb / 2P
   FAST RECOVERY RECTIFIER VOLTAGE RANGE 200 - 1000 Volts CURRENT 1.0 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com