Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ30033QGA30PKS Datasheet(PDF) 8 Page - SynQor Worldwide Headquarters

Part # PQ30033QGA30PKS
Description  Quarter-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ30033QGA30PKS Datasheet(HTML) 8 Page - SynQor Worldwide Headquarters

Back Button PQ30033QGA30PKS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ30033QGA30PKS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ30033QGA30PKS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ30033QGA30PKS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ30033QGA30PKS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ30033QGA30PKS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ30033QGA30PKS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ30033QGA30PKS Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ30033QGA30PKS Datasheet HTML 12Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Product # PQ30033QGA30
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QG33MU Rev. A
07/11/05
Page 8
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
19-60 V
19-60 V
3.3 V
3.3 V
30 A
30 A
Quarter-brick
Quarter-brick
T
Technical S
echnical Specification
pecification
Figure 17: Test set-up diagram showing measurement points for Input
Terminal Ripple Current (Figure 18), Input Reflected Ripple Current
(Figure 19) and Output Voltage Ripple (Figure 20).
10 µH
source
impedance
DC/DC
Converter
See Fig. 19
See Fig. 18
See Fig. 20
1 µF
ceramic
capacitor
10 µF,
100m
Ω ESR
tantalum
capacitor
47 µF,
<1Ω ESR
electrolytic
capacitor
VSOURCE
i
S
i
C
VOUT
Figure 18: Input Terminal Ripple Current, ic, at full rated output cur-
rent and nominal input voltage with 10µH source impedance and 47µF
electrolytic capacitor (500 mA/div). See Figure 17.
Figure 19: Input reflected ripple current, is, through a 10 µH source
inductor at nominal input voltage and rated load current (10 mA/div).
See Figure 17.
Figure 20: Output voltage ripple at nominal input voltage and rated
load current (20 mV/div). Load capacitance: 1µF ceramic capacitor
and 10µF tantalum capacitor. Bandwidth: 20 MHz. See Figure 17.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
5
10
15
20
25
30
Load Current (A)
18 V
48 V
60 V
Figure 21: Output voltage vs. load current showing typical current limit
curves and converter shutdown points.
Figure 22: Load current (20A/div) as a function of time when the con-
verter attempts to turn on into a 10 m
Ωshort circuit. Top trace
(5ms/div) is an expansion of the on-time portion of the bottom trace.


Similar Part No. - PQ30033QGA30PKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ30033QGA25 SYNQOR-PQ30033QGA25 Datasheet
1Mb / 14P
   Quarter-brick DC/DC Converter
PQ30033QGA25NKS SYNQOR-PQ30033QGA25NKS Datasheet
1Mb / 14P
   Quarter-brick DC/DC Converter
PQ30033QGA25NNS SYNQOR-PQ30033QGA25NNS Datasheet
1Mb / 14P
   Quarter-brick DC/DC Converter
PQ30033QGA25NRS SYNQOR-PQ30033QGA25NRS Datasheet
1Mb / 14P
   Quarter-brick DC/DC Converter
PQ30033QGA25NYS SYNQOR-PQ30033QGA25NYS Datasheet
1Mb / 14P
   Quarter-brick DC/DC Converter
More results

Similar Description - PQ30033QGA30PKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com