Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ30033QGA30NNS Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part # PQ30033QGA30NNS
Description  Quarter-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ30033QGA30NNS Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button PQ30033QGA30NNS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ30033QGA30NNS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ30033QGA30NNS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ30033QGA30NNS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ30033QGA30NNS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ30033QGA30NNS Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ30033QGA30NNS Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ30033QGA30NNS Datasheet HTML 13Page - SynQor Worldwide Headquarters PQ30033QGA30NNS Datasheet HTML 14Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Product # PQ30033QGA30
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QG33MU Rev. A
07/11/05
Page 10
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
19-60 V
19-60 V
3.3 V
3.3 V
30 A
30 A
Quarter-brick
Quarter-brick
T
Technical S
echnical Specification
pecification
BASIC OPERATION AND FEATURES
The
PowerQor series converter uses a two-stage power conver-
sion topology. The first stage is a buck-converter that keeps the
output voltage constant over variations in line, load, and temper-
ature. The second stage uses a transformer to provide the func-
tions of input/output isolation and voltage step-down to achieve
the low output voltage required.
Both the first stage and the second stage switch at a fixed fre-
quency for predictable EMI performance. Rectification of the
transformer’s output is accomplished with synchronous rectifiers.
These devices, which are MOSFETs with a very low on-state resis-
tance, dissipate far less energy than Schottky diodes. This is the
primary reason that the
PowerQor converter has such high effi-
ciency, even at very low output voltages and very high output cur-
rents.
Dissipation throughout the converter is so low that it does not
require a heatsink for operation. Since a heatsink is not required,
the
PowerQor converter does not need a metal baseplate or pot-
ting material to help conduct the dissipated energy to the
heatsink. The
PowerQor converter can thus be built more simply
and reliably using high yield surface mount techniques on a PCB
substrate.
The
PowerQor series of half-brick and quarter-brick converters
uses the industry standard footprint and pin-out configuration.
CONTROL FEATURES
REMOTE ON/OFF (Pin 2): The ON/OFF input, Pin 2, permits
the user to control when the converter is
on or off. This input is
referenced to the return terminal of the input bus, Vin(-). There are
two versions of the converter that differ by the sense of the logic
used for the ON/OFF input.
In the positive logic version, the ON/OFF input is active high
(meaning that a high turns the converter
on). In the negative logic
version, the ON/OFF signal is active low (meaning that a low
turns the converter
on). Figure A details five possible circuits for
driving the ON/OFF pin. Figure B is a detailed look of the inter-
nal ON/OFF circuitry.
REMOTE SENSE(+) (Pins 7 and 5): The SENSE(+) inputs cor-
rect for voltage drops along the conductors that connect the con-
verter’s output pins to the load.
Pin 7 should be connected to Vout(+) and Pin 5 should be con-
nected to Vout(-) at the point on the board where regulation is
desired. A remote connection at the load can adjust for a voltage
drop only as large as that specified in this datasheet, that is
[Vout(+) - Vout(-)] [Vsense(+) - Vsense(-)] <
Sense Range % x Vout
Pins 7 and 5 must be connected for proper regulation of the out-
put voltage. If these connections are not made, the converter will
deliver an output voltage that is slightly lower than its specified
value.
Note: the output over-voltage protection circuit senses the voltage
Open Collector Enable Circuit
Figure A: Various circuits for driving the ON/OFF pin.
Figure B: Internal ON/OFF pin circuitry
Remote Enable Circuit
Direct Logic Drive
Negative Logic
(Permanently Enabled)
Positive Logic
(Permanently Enabled)
ON/OFF
Vin(_
)
ON/OFF
ON/OFF
Vin(_
)
ON/OFF
5V
TTL/
CMOS
Vin(_
)
ON/OFF
Vin(_)
Vin(_
)
TTL
5V
50k
162k
Vin(+)
ON/OFF
Vin(_)
50k
100pF


Similar Part No. - PQ30033QGA30NNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ30033QGA25 SYNQOR-PQ30033QGA25 Datasheet
1Mb / 14P
   Quarter-brick DC/DC Converter
PQ30033QGA25NKS SYNQOR-PQ30033QGA25NKS Datasheet
1Mb / 14P
   Quarter-brick DC/DC Converter
PQ30033QGA25NNS SYNQOR-PQ30033QGA25NNS Datasheet
1Mb / 14P
   Quarter-brick DC/DC Converter
PQ30033QGA25NRS SYNQOR-PQ30033QGA25NRS Datasheet
1Mb / 14P
   Quarter-brick DC/DC Converter
PQ30033QGA25NYS SYNQOR-PQ30033QGA25NYS Datasheet
1Mb / 14P
   Quarter-brick DC/DC Converter
More results

Similar Description - PQ30033QGA30NNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com