Electronic Components Datasheet Search |
|
PQ40050QGA25PRS Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters |
|
PQ40050QGA25PRS Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters |
1 / 14 page T Technical echnical S Specification pecification PQ40033QGA25 PQ40033QGA25 Product # PQ40033QGA25 Phone 1-888-567-9596 www.synqor.com Doc.# 005-2QG333D Rev. B 05/05/06 Page 1 TThhee PPQ Q4 40 00 03 33 3Q QG GA A2 25 5 PPoow weerrQ Qoorr™™ G Giiggaa qquuaarrtteerr--bbrriicckk ccoonnvveerrtteerr iiss aa nneexxtt--ggeenneerraattiioonn,, bbooaarrdd--m moouunnttaabbllee,, iissoollaatteedd,, ffiixxeedd ssw wiittcchhiinngg ffrreeqquueennccyy D DC C/ /D DC C ccoonnvveerrtteerr tthhaatt uusseess ssyynn-- cchhrroonnoouuss rreeccttiiffiiccaattiioonn ttoo aacchhiieevvee eexxttrreem meellyy hhiigghh ccoonnvveerr-- ssiioonn eeffffiicciieennccyy.. TThhee ppoow weerr ddiissssiippaatteedd bbyy tthhee ccoonnvveerrtteerr iiss ssoo lloow w tthhaatt aa hheeaattssiinnkk iiss nnoott rreeqquuiirreedd,, w whhiicchh ssaavveess ccoosstt,, w weeiigghhtt,, hheeiigghhtt,, aanndd aapppplliiccaattiioonn eeffffoorrtt.. A Allll ooff tthhee ppoow weerr aanndd ccoonnttrrooll ccoom mppoonneennttss aarree m moouunntteedd ttoo tthhee m muullttii--llaayyeerr PPC CBB ssuubbssttrraattee w wiitthh hhiigghh--yyiieelldd ssuurrffaaccee m moouunntt tteecchhnnoollooggyy ffoorr ggrreeaatteerr rreelliiaabbiilliittyy.. TThhee PPQ Q4 40 0 m moodduullee ooffffeerrss aa w wiiddee iinnppuutt vvoollttaaggee rraannggee ttoo ccoovveerr bbootthh 2 24 4VV aanndd 4 48 8VV aapppplliiccaattiioonnss.. RRooH HSS C Coom mpplliiaanntt ((sseeee ppaaggee 1 12 2)).. PQ40033QGA25 Module 18-75V 18-75V 3.3V 3.3V 25Amp 25Amp 2000Vdc 2000Vdc Quar Quar ter-brick ter-brick Input Input Output Output Current Current Isolation Isolation DC/DC Conver DC/DC Conver ter ter • High efficiency, 88.5% at full rated load current • Delivers up to 25 amps of output current (82W) with minimal derating - no heatsink required • Ultra wide input voltage range: 18V – 75V, with 100V 100ms input voltage transient capability • Fixed frequency switching provides predictable EMI per- formance • No minimum load requirement means no preload resis- tors required Operational Features Operational Features • Input under-voltage lockout disables converter at low input voltage conditions • Output current limit and short circuit protection protects converter and load from permanent damage and conse- quent hazardous conditions • Active back bias limit prevents damage to converter from external load induced pre-bias • Output over-voltage protection protects load from dam- aging voltages • Thermal shutdown protects converter from abnormal environmental conditions Pr Protection Features otection Features • 2000V, 30 M Ω input-to-output isolation provides input/output ground separation • UL/cUL 60950-1 recognized (US & Canada), basic insulation rating • TUV certified to EN60950-1 • Meets 72/23/EEC and 93/68/EEC directives which facilitates CE Marking in user’s end product • Board and plastic components meet UL94V-0 flamma- bility requirements Safety Features Safety Features • Industry standard quarter-brick pin-out configuration • Industry standard size: 1.45” x 2.3” (36.8x58.4mm) • Total height only 0.43” (10.9mm), permits better airflow and smaller card pitch • Total weight: 1.2 oz. (34 grams) • Flanged pins designed to permit surface mount solder- ing (avoid wave solder) using FPiP technique Mechanical Features Mechanical Features • On/Off control referenced to input side (positive and negative logic options are available) • Remote sense for the output voltage compensates for output distribution drops • Output voltage trim permits custom voltages and volt- age margining Contr Control Features ol Features |
Similar Part No. - PQ40050QGA25PRS |
|
Similar Description - PQ40050QGA25PRS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |