Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE11APT Datasheet(PDF) 4 Page - Chenmko Enterprise Co. Ltd.

Part # 1.5KE11APT
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

1.5KE11APT Datasheet(HTML) 4 Page - Chenmko Enterprise Co. Ltd.

  1.5KE11APT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. 1.5KE11APT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. 1.5KE11APT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. 1.5KE11APT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd. 1.5KE11APT Datasheet HTML 5Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RATING CHARACTERISTIC CURVES ( 1.5KE6.8PT ~ 1.5KE400APT )
FIG. 1 - PULSE POWER RATING CURVE
TP, PULSE WIDTH, Sec
Non-Repetitive
Pulse Waveform
Shown in Fig.3
TA = 25OC
100
10
1.0
0.1
0.1uS
1.0uS
10uS
100uS
1.0mS
10mS
FIG. 2 - PULSE DERATING CURVE
TA, AMBIENT TEMPERATURE,(O
C)
0
25
50
75
100
125
150
175
200
100
75
50
25
0
Unidirectional-----
Bidirectional
VR = RATED
STAND-OFF
VOLTAGE
f = 1MH
Vsig = 50mVp-p
TJ = 25OC
VR = 0
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
V(BR), BREAKDOWN VOLTACE, VOLTS
5
10
100
500
10000
1000
100
10
FIG. 6 - MAXIMUM NON-REPETITIVE FORWARD
NUMBER OF CYCLES AT 60 Hz
200
40
20
10
0
1
10
100
8.3ms Single Half Sine-Wave
(JEDED Method) TJ = TJ max.
SURGE CURRENT UNIDIRECTIONAL
Pulse Width (td) is Defined
as the Point Where the Peak
Current Decays to 50% of IPPM
10/1000usec. Waveform
as Defined by R.E.A.
Peak Value
IPPM
tr = 10usec.
FIG. 3 - PULSE WAVEFORM
t, TIME,mS
0
0
1.0
2.0
3.0
4.0
50
100
150
HALF VALUE - IPPM
2
FIG. 5 - STEADY STATE POWER DERATING CURVE
TL, LEAD TEMPERATURE (O
C)
8.0
6.0
4.0
2.0
0
0
25
50
75
100
125
150
175
200
60Hz
Resistive or Inductive Load
1.6X1.6X0.040"
(40X40X1mm)
Copper Heat Sinks
= 0.375"(9.5mm)
Lead Lengths
L


Similar Part No. - 1.5KE11APT

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
1.5KE11A UNIOHM-1.5KE11A Datasheet
87Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
New Jersey Semi-Conduct...
1.5KE11A NJSEMI-1.5KE11A Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11A NJSEMI-1.5KE11A Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
HY ELECTRONIC CORP.
1.5KE11A HY-1.5KE11A Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Transys Electronics
1.5KE11A TRSYS-1.5KE11A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1.5KE11APT

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com