Electronic Components Datasheet Search |
|
1.5SCMJ30APT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd. |
|
1.5SCMJ30APT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd. |
1 / 4 page FEATURES * Plastic package * 1500W surge capability at 1ms * Glass passivated chip junction in SMC Package * Excellent clamping capability * Low Zener lmpedance * Fast response time: typically less than 1.0ps from 0 volts to BV min. * Typical IR less than 1 uA above 10V * High temperature soldering guaranteed : 260 oC/10 seconds at terminals MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS DEVICES FOR BIDIRECTIONAL APPLICATIONS Ratings at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 HZ, resistive or inductive load. For capacitive load, derate current by 20%. For Bidirectional use C or CA Suffix for types 1.5SCMJ6.8A thru types 1.5SCMJ200A Electrical characteristics apply in both directions. 1.5SCMJ SERIES CHENMKO ENTERPRISE CO.,LTD NOTES : 2003-01 MAXIMUM RATINGES ( At TA = 25 oC unless otherwise noted ) RATINGS Peak Power Dissipation at TA = 25 oC, Tp = 1ms ( Note1 ) Steady State Power Dissipation at TL = 75 oC Operating and Storage Temperature Range SYMBOL PPK PD TJ, TSTG UNITS Watts VALUE Minimum 1500 6.5 -65 to +175 Watts Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed on Rated Load ( Note 2 ) IFSM 200 Amps oC 1. Non-repetitive current pulse, per Fig. 3 and derated above TA = 25 oC per Fig. 2. 2. 8.3ms single half sine-wave, duty cycle = 4 pulses per minute maximum. 3. P.C.B. mounted 0.31 x 0.31" ( 8 x 8mm) copper pad areas Case: JEDEC SMC molded plastic Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.007 ounce 0.25 gram MECHANICAL DATA 1500 WATTS PEAK POWER 6.5 WATTS STEADY STATE GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 200 VOLTS SMC SMC Dimensions in inches and (millimeters) 0.245(6.22) 0.220(5.59) 0.103(2.62) 0.079(2.06) 0.060(1.52) 0.030(0.76) 0.012(0.305) 0.008(0.203)(max) 0.006(0.152) 0.280(7.11) 0.260(6.60) 0.125(3.17) 0.115(2.92) 0.320(8.13) 0.305(7.75) (1) (2) (1) (2) |
Similar Part No. - 1.5SCMJ30APT |
|
Similar Description - 1.5SCMJ30APT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |