Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS420PT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # 1SS420PT
Description  SWITCHING DIODE VOLTAGE 85 Volts CURRENT 0.15 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

1SS420PT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  1SS420PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. 1SS420PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1SS420PT
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
SWITCHING DIODE
VOLTAGE 85 Volts
CURRENT 0.15 Ampere
APPLICATION
FEATURE
* Small surface mounting type. (SC-79/SOD-523)
* High speed. (TRR=4.0nSec Typ.)
* Suitable for high packing density.
CONSTRUCTION
CIRCUIT
* Silicon epitaxial planar
* Ultra high speed switching
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2002-5
Maximum Average Reverse Current
CHARACTERISTICS
SYMBOL
uAmps
Volts
Maximum Instantaneous Forward Voltage at IF= 150 mA
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Non-Repetitive Peak Reverse Voltage
Maximum Working Peak Reverse Voltage
Maximum DC Blocking Voltage
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current at 1uSec.
Typical Junction Capacitance between Terminal (Note 1)
Maximum Operating and Storage Temperaturd Range
Maximum Thermal Resistance
SYMBOL
VRM
VRWM
VDC
VRRM
VRMS
IO
CJ
VF
IR
TJ,TSTG
IFSM
1SS420PT
1SS420PT
UNITS
85
Volts
Volts
Volts
Amps
80
60
0.15
4.0
350
-65 to +150
Amps
pF
Maximum Reverse Recovery Time (Note 2)
trr
4.0
nSec
oC/W
oC
1. Measured at 1.0 MHZ and applied reverse voltage of 0 volts.
2. Measured at applied froward current of 10 mA, reverse current of 1.0 mA, Reverse voltage of 6.0 volts and RL= 100 ohms.
3. ESD sensitive product handling required.
* Maximum total power disspation is 300mW.
* Peak forward current is 500mA.
@1Sec
@1.0uSec
VR= 80V @TJ=25
oC
VR= 80V @TJ=150
oC
0.1
50
1.2
1.0
2.0
R JA
UNITS
Dimensions in millimeters
SC-79/SOD-523
SC-79/SOD-523
1.6±0.1
1.2±0.05
0.80±0.05
0.6±0.1
0.12±0.05
0.3±0.05
(2)
(1)
(2)
(1)
MARKING
* 8


Similar Part No. - 1SS420PT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS420 TOSHIBA-1SS420 Datasheet
148Kb / 3P
   High-Speed Switching Applications
1SS420 TOSHIBA-1SS420 Datasheet
128Kb / 3P
   Silicon Epitaxial Schottky Barrier Type High-Speed Switching Applications
logo
SEMTECH ELECTRONICS LTD...
1SS420 SEMTECH_ELEC-1SS420 Datasheet
130Kb / 1P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
1SS420 ZSELEC-1SS420 Datasheet
123Kb / 3P
   Silicon Epitaxial Planar Schottky Barrier Diode
logo
Toshiba Semiconductor
1SS420CT TOSHIBA-1SS420CT Datasheet
147Kb / 3P
   High-Speed Switching Applications
More results

Similar Description - 1SS420PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
BAV99N1PT CHENMKO-BAV99N1PT Datasheet
85Kb / 2P
   SWITCHING DIODE VOLTAGE 85 Volts CURRENT 0.15 Ampere
BAV99TPT CHENMKO-BAV99TPT Datasheet
71Kb / 2P
   SWITCHING DIODE VOLTAGE 85 Volts CURRENT 0.15 Ampere
BAV99WPT CHENMKO-BAV99WPT Datasheet
73Kb / 2P
   SWITCHING DIODE VOLTAGE 85 Volts CURRENT 0.15 Ampere
BAW56WPT CHENMKO-BAW56WPT Datasheet
81Kb / 2P
   SWITCHING DIODE VOLTAGE 85 Volts CURRENT 0.15 Ampere
BAW56N1PT CHENMKO-BAW56N1PT Datasheet
81Kb / 2P
   SWITCHING DIODE VOLTAGE 85 Volts CURRENT 0.15 Ampere
BAW56TPT CHENMKO-BAW56TPT Datasheet
72Kb / 2P
   SWITCHING DIODE VOLTAGE 85 Volts CURRENT 0.15 Ampere
BAV99PT CHENMKO-BAV99PT Datasheet
75Kb / 2P
   SWITCHING DIODE VOLTAGE 85 Volts CURRENT 0.15 Ampere
BAW56PT CHENMKO-BAW56PT Datasheet
77Kb / 2P
   SWITCHING DIODE VOLTAGE 85 Volts CURRENT 0.15 Ampere
BD4148N1APT CHENMKO-BD4148N1APT Datasheet
91Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
1N4148PT CHENMKO-1N4148PT Datasheet
66Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com