Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC7528I Datasheet(PDF) 8 Page - Texas Instruments

Part # TLC7528I
Description  DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7528I Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC7528I Datasheet HTML 4Page - Texas Instruments TLC7528I Datasheet HTML 5Page - Texas Instruments TLC7528I Datasheet HTML 6Page - Texas Instruments TLC7528I Datasheet HTML 7Page - Texas Instruments TLC7528I Datasheet HTML 8Page - Texas Instruments TLC7528I Datasheet HTML 9Page - Texas Instruments TLC7528I Datasheet HTML 10Page - Texas Instruments TLC7528I Datasheet HTML 11Page - Texas Instruments TLC7528I Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TLC7528C, TLC7528E, TLC7528I
DUAL 8-BIT MULTIPLYING
DIGITAL-TO-ANALOG CONVERTERS
SLAS062B – JANUARY 1987 – REVISED MARCH 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
+
R11
5 k
A2
VOA
DACB
R6
20 k
(see Note B)
VOB
AGND
A1
DGND
A4
R3
(see Note A)
R1
(see Note A)
AGND
C1
(see Note C)
C2
(see Note C)
R2 (see Note A)
R4 (see Note A)
AGND
OUTB
RFBB
AGND
OUTA
5
VDD
17
7
14
DACA/
DACB
DB0
DB7
8
8
8
8
REFB
RFBA
DACA
CS
WR
16
15
6
A3
R10
20 k
(see Note B)
Latch
Input
Buffer
Control
Logic
Latch
R8
20 k
R7
10 k
(see Note B)
R9
10 k
(see Note B)
R11
5 k
R5
20 k
VI(A)
±10 V
VI(B)
±10 V
NOTES: A. R1, R2, R3, and R4 are used only if gain adjustment is required. See table in Figure 3 for recommended values. Adjust R1 for
VOA = 0 V with code 10000000 in DACA latch. Adjust R3 for VOB = 0 V with 10000000 in DACB latch.
B. Matching and tracking are essential for resistor pairs R6, R7, R9, and R10.
C. C1 and C2 phase compensation capacitors (10 pF to 15 pF) may be required if A1 and A3 are high-speed amplifiers.
Figure 4. Bipolar Operation (4-Quadrant Operation)
Table 1. Unipolar Binary Code
Table 2. Bipolar (Offset Binary) Code
DAC LATCH CONTENTS
ANALOG OUTPUT
DAC LATCH CONTENTS
ANALOG OUTPUT
MSB
LSB†
ANALOG OUTPUT
MSB
LSB‡
ANALOG OUTPUT
1 1 1 1 1 1 1 1
1 0 0 0 0 0 0 1
1 0 0 0 0 0 0 0
0 1 1 1 1 1 1 1
0 0 0 0 0 0 0 1
0 0 0 0 0 0 0 0
–VI (255/256)
–VI (129/256)
–VI (128/256) = – Vi/2
–VI (127/256)
–VI (1/256)
–VI (0/256) = 0
1 1 1 1 1 1 1 1
1 0 0 0 0 0 0 1
1 0 0 0 0 0 0 0
0 1 1 1 1 1 1 1
0 0 0 0 0 0 0 1
0 0 0 0 0 0 0 0
VI (127/128)
VI (1/128)
0 V
–VI (1/128)
–VI (127/128)
–VI (128/128)
† 1 LSB = (2–8)VI
‡ 1 LSB = (2–7)VI


Similar Part No. - TLC7528I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7528I TI-TLC7528I Datasheet
1Mb / 28P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7528IDW TI1-TLC7528IDW Datasheet
1Mb / 27P
[Old version datasheet]   DUAL 8-BI MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7528IDWG4 TI1-TLC7528IDWG4 Datasheet
1Mb / 27P
[Old version datasheet]   DUAL 8-BI MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7528IDWR TI1-TLC7528IDWR Datasheet
1Mb / 27P
[Old version datasheet]   DUAL 8-BI MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7528IDWRG4 TI1-TLC7528IDWRG4 Datasheet
1Mb / 27P
[Old version datasheet]   DUAL 8-BI MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC7528I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7628C TI-TLC7628C Datasheet
156Kb / 10P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7528C TI-TLC7528C_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524C TI-TLC7524C_08 Datasheet
633Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524C TI-TLC7524C Datasheet
146Kb / 10P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524IDR TI1-TLC7524IDR Datasheet
714Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7528CNSR TI1-TLC7528CNSR Datasheet
1Mb / 27P
[Old version datasheet]   DUAL 8-BI MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7628C TI-TLC7628C_15 Datasheet
856Kb / 17P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
TLC7628C TI1-TLC7628C_16 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7800 BURR-BROWN-DAC7800_04 Datasheet
645Kb / 20P
   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC7800 TI1-DAC7800_15 Datasheet
1,019Kb / 23P
[Old version datasheet]   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com