Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SCMJ200APT Datasheet(PDF) 4 Page - Chenmko Enterprise Co. Ltd.

Part # 1.5SCMJ200APT
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

1.5SCMJ200APT Datasheet(HTML) 4 Page - Chenmko Enterprise Co. Ltd.

  1.5SCMJ200APT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. 1.5SCMJ200APT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. 1.5SCMJ200APT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. 1.5SCMJ200APT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RATING CHARACTERISTIC CURVES (1.5SCMJ6.8APT ~ 1.5SCMJ200APT )
FIG. 7 - INCREMENTAL CLAMPING VOLTAGE
CURVE UNI-DIRECTIONAL
IPP, PEAK PULSE CURRENT, AMPS
Waveform
8X20 Impulse
Vc = Vc-V(BR)
100
10
20
1.0
2.0
0.2
0.1
0.5
1
2.0
10
20
50
1.5SCMJ75
FIG. 8 - INCREMENTAL CLAMPING VOLTAGE
CURVE UNI-DIRECTIONAL
IPP, PEAK PULSE CURRENT, AMPS
Waveform
10X1000 Impulse
Vc = Vc-V(BR)
100
10
20
1.0
2.0
0.2
0.1
0.5
1
2.0
10
20
50
FIG. 9 -INSTANTANEOUS FORWARD
INSTANTANEOUS FORWARD CURRENT, AMPERES
100
10
1
0.1
0
0.4
0.8
1.2
1.6
2.0
Pulse Width = 300uS
1% Duty Cycle TJ = 25OC
VOLTAGE CHARACTERISTICS CURVE
FIG. 10 - BREAKDOWN VOLTAGE
V(BR), BREAKDOWN VOLTAGE, VOLTS
1000
100
10
1
5
100
500
Uni-directional
TEMPEATURE COEFFICIENT CURVE
200
10
20
50
1.5SCMJ200A
1.5SCMJ130A
1.5SCMJ75A
1.5SCMJ39A
1.5SCMJ9.1A
1.5SCMJ6.8A
1.5SCMJ33A
1.5SCMJ200A
1.5SCMJ130A
1.5SCMJ100A
1.5SCMJ39A
1.5SCMJ33A
1.5SCMJ12A
1.5SCMJ18A
1.5SCMJ9.1A
1.5SCMJ6.8A


Similar Part No. - 1.5SCMJ200APT

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
1.5SM100A MERITEK-1.5SM100A Datasheet
505Kb / 4P
   Transient Voltage Suppressors
logo
Shanghai Leiditech Elec...
1.5SMB LEIDITECH-1.5SMB Datasheet
1Mb / 7P
   1500W Transient Voltage Suppressor
1.5SMB100A LEIDITECH-1.5SMB100A Datasheet
1Mb / 7P
   1.5SMB Series 1500W Transient Voltage Suppressor
1.5SMB100A LEIDITECH-1.5SMB100A Datasheet
1Mb / 7P
   1500W Transient Voltage Suppressor
1.5SMB100CA LEIDITECH-1.5SMB100CA Datasheet
1Mb / 7P
   1.5SMB Series 1500W Transient Voltage Suppressor
More results

Similar Description - 1.5SCMJ200APT

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com